Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI477X-EVB Datasheet(PDF) 8 Page - Silicon Laboratories

No. de pieza SI477X-EVB
Descripción Electrónicos  Complete antenna-to-audio evaluation system
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI477X-EVB Datasheet(HTML) 8 Page - Silicon Laboratories

Back Button SI477X-EVB Datasheet HTML 4Page - Silicon Laboratories SI477X-EVB Datasheet HTML 5Page - Silicon Laboratories SI477X-EVB Datasheet HTML 6Page - Silicon Laboratories SI477X-EVB Datasheet HTML 7Page - Silicon Laboratories SI477X-EVB Datasheet HTML 8Page - Silicon Laboratories SI477X-EVB Datasheet HTML 9Page - Silicon Laboratories SI477X-EVB Datasheet HTML 10Page - Silicon Laboratories SI477X-EVB Datasheet HTML 11Page - Silicon Laboratories SI477X-EVB Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 62 page
background image
Si477x-EVB
8
Rev. 0.4
4.2. Initialization
The Silicon Labs GUI will commutate with the evaluation board(s) and tuner(s) to identify which are in use. The
applicable part numbers will be displayed under “device info” during initialization and on the front panel while the
radio is in operation. Only the available application modes and tuners will be displayed by the GUI when initializing
the tuner. Note that this user’s guide may show figures with application modes and features that may not be
available depending upon the tuner part number or daughter card in use.
Figure 7. Initialization Window
1. Start the software by either using the desktop shortcut or from:
Start
 Programs  Silicon Laboratories, Inc  Silicon Labs Audio GUI
2. Configure initialization options as shown in Figure 7. “Initialization Window”. A number of powerup options
are available:
a. EVB Application: Select one of the following EVB application modes:
Single tuner
RDS/VICS
b. Initial Boot Mode: Selects whether the receiver will first start in FM Receive mode, AM Receive
mode, etc.
c. Clock Configuration: This section displays information on the crystal oscillator clock frequency and
crystal loading cap capacitance. The Clock frequency can not be modified in conjunction with a Quark
Baseboard.
d. Output Mode: Configures tuner and EVB for either analog or MPX output through the
HEADPHONE_OUT and L/R LINE_OUT jacks. Use the HEADPHONE_OUT jack for listening through
headphones or powered speakers. Use the L/R LINE_OUT jack for low-distortion measurements.
Other output modes are not supported by the Quark Baseboard.
e. XTAL Loading Cap: Indicates the crystal frequency trim capacitance. This is retrieved from an
EEPROM on the daughtercard.
Additional options are available in the Firmware Configuration window, shown in Figure 9. “Firmware
Configuration Window”.


Número de pieza similar - SI477X-EVB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
Si4770 SILABS-Si4770 Datasheet
419Kb / 54P
   HIGH-PERFORMANCE CONSUMER ELECTRONICS
SI4770-77-A20 SILABS-SI4770-77-A20 Datasheet
419Kb / 54P
   HIGH-PERFORMANCE CONSUMER ELECTRONICS
SI4770-A20 SILABS-SI4770-A20 Datasheet
1,004Kb / 3P
   High-Performance Consumer Electronics Broadcast Radio Receiver and HD Radio Tuner
Si4770-A20-GM SILABS-Si4770-A20-GM Datasheet
419Kb / 54P
   HIGH-PERFORMANCE CONSUMER ELECTRONICS
logo
Vishay Siliconix
SI4774DY VISHAY-SI4774DY Datasheet
273Kb / 10P
   N-Channel 30 V (D-S) MOSFET with Schottky Diode
Rev. A, 13-Jun-11
More results

Descripción similar - SI477X-EVB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Maxim Integrated Produc...
MAX1385EVC16 MAXIM-MAX1385EVC16 Datasheet
341Kb / 15P
   Complete Evaluation System
Rev 0; 3/09
MAX6876EVCMOD2 MAXIM-MAX6876EVCMOD2 Datasheet
803Kb / 11P
   Complete Evaluation System
Rev 0; 9/05
MAX115EVKIT MAXIM-MAX115EVKIT Datasheet
223Kb / 7P
   Complete Evaluation System Samples to 40ksps
Rev 0; 6/01
MAX125EVKIT MAXIM-MAX125EVKIT Datasheet
276Kb / 20P
   Complete Evaluation System Samples to 40ksps
Rev 0; 10/97
MAX1110EVKIT MAXIM-MAX1110EVKIT Datasheet
127Kb / 8P
   Complete Evaluation System Samples to 5ksps
Rev 0; 3/97
MAX1270EVC16 MAXIM-MAX1270EVC16 Datasheet
196Kb / 7P
   Complete Evaluation System Samples to 12ksps
Rev 2; 8/00
MAX187EVKIT MAXIM-MAX187EVKIT Datasheet
323Kb / 24P
   Complete Evaluation System Includes EV Kit and 68HC16 C Module
Rev. 0; 9/94
MAX11600 MAXIM-MAX11600_10 Datasheet
5Mb / 36P
   Evaluation System
Rev 0; 3/10
MAX6884 MAXIM-MAX6884 Datasheet
758Kb / 12P
   Evaluation System/Evaluation Kit
Rev 2; 3/21
MAX6652 MAXIM-MAX6652_07 Datasheet
134Kb / 8P
   Evaluation System/Evaluation Kit
Rev 1; 3/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com