Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI4322 Datasheet(PDF) 4 Page - Silicon Laboratories

No. de pieza SI4322
Descripción Electrónicos  No alignment required in production
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4322 Datasheet(HTML) 4 Page - Silicon Laboratories

  SI4322 Datasheet HTML 1Page - Silicon Laboratories SI4322 Datasheet HTML 2Page - Silicon Laboratories SI4322 Datasheet HTML 3Page - Silicon Laboratories SI4322 Datasheet HTML 4Page - Silicon Laboratories SI4322 Datasheet HTML 5Page - Silicon Laboratories SI4322 Datasheet HTML 6Page - Silicon Laboratories SI4322 Datasheet HTML 7Page - Silicon Laboratories SI4322 Datasheet HTML 8Page - Silicon Laboratories SI4322 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Si4322
4
PIN DEFINITIONS
Pin type key: D=digital, A=analog, S=supply, I=input, O=output, IO=input/output
Pin
Name
Function
Type
Description
1
SDI
SDI
DI
Data input of serial control interface
2
SCK
SCK
DI
Clock input of serial control interface
3
nSEL
nSEL
DI
Chip select input of serial control interface (active low)
SDO
DO
Serial data out for Status Read Command.
Tristate with bushold cell if nSEL= H
4
SDO / FFIT
FFIT
DO
FIFO IT (active low)
5
nIRQ
nIRQ
DO
Interrupt request output (active low)
DATA
DO
Received data output (FIFO not used)
6
DATA / nFFS
nFFS
DI
FIFO select input
DCLK
DO
Received data clock output (digital filter used, FIFO not used)
FFIT
DO
FIFO IT (active high) FIFO empty function can be achieved when FIFO
IT level is set to1
7
DCLK
CFIL
AIO
External data filter capacitor connection (analog filter used)
8
CLK
CLK
DO
Clock output for the microcontroller
XTL
AIO
Crystal connection (other terminal of crystal to VSS)
9
XTL / REF
REF
DI
External reference input
10
nRES
nRES
DO
Reset output (active low)
11
VSS
VSS
S
Negative supply voltage
12
IN2
IN2
AI
RF differential signal input
13
IN1
IN1
AI
RF differential signal input
14
VDD
VDD
S
Positive supply voltage
15
ARSSI
ARSSI
AO
Analog RSSI output
16
VDI
VDI
DO
Valid Data Indicator output
1
2
4
5
3
6
7
8
16
15
13
12
14
11
10
9
SDI
SCK
nSEL
SDO / FFIT
nIRQ
DATA / nFFE
DCLK / nFFS / CFIL
CLK
VDI
ARSSI
VDD
IN1
IN2
VSS
nRES
XTL / REF
IA4322
1234567890123
1234567890123
1234567890123
1234567890123
1234567890123
1234567890123
1234567890123
1234567890123


Número de pieza similar - SI4322

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI4322DY VISHAY-SI4322DY Datasheet
134Kb / 7P
   N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 09-Feb-09
More results

Descripción similar - SI4322

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
SI4420 SILABS-SI4420 Datasheet
1Mb / 33P
   No alignment required in production
logo
Murata Manufacturing Co...
SFSKB2M30GF00-R1 MURATA-SFSKB2M30GF00-R1 Datasheet
209Kb / 3P
   No frequency adjustment is required in production process
SFSKB4M80GF00-R1 MURATA-SFSKB4M80GF00-R1 Datasheet
205Kb / 3P
   No frequency adjustment is required in production process
SFSKB3M80GF00-R1 MURATA-SFSKB3M80GF00-R1 Datasheet
206Kb / 3P
   No frequency adjustment is required in production process
SFSKB5M70GF00-R1 MURATA-SFSKB5M70GF00-R1 Datasheet
210Kb / 3P
   No frequency adjustment is required in production process
SFSKB2M80GF00-R1 MURATA-SFSKB2M80GF00-R1 Datasheet
217Kb / 3P
   No frequency adjustment is required in production process
SFSKB3M20FF00-R1 MURATA-SFSKB3M20FF00-R1 Datasheet
210Kb / 3P
   No frequency adjustment is required in production process
SFSKB4M30GF00-R1 MURATA-SFSKB4M30GF00-R1 Datasheet
210Kb / 3P
   No frequency adjustment is required in production process
SFSKB5M20GF00-R1 MURATA-SFSKB5M20GF00-R1 Datasheet
207Kb / 3P
   No frequency adjustment is required in production process
logo
Silicon Laboratories
SI4020 SILABS-SI4020 Datasheet
1Mb / 32P
   Fully integrated (Iow BOM, easy design-in) No alignment required in production Fast settling, programmable, high-resolution PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com