Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADF4212BRU Datasheet(PDF) 5 Page - Analog Devices

No. de pieza ADF4212BRU
Descripción Electrónicos  Dual RF/IF PLL Frequency Synthesizers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADF4212BRU Datasheet(HTML) 5 Page - Analog Devices

  ADF4212BRU Datasheet HTML 1Page - Analog Devices ADF4212BRU Datasheet HTML 2Page - Analog Devices ADF4212BRU Datasheet HTML 3Page - Analog Devices ADF4212BRU Datasheet HTML 4Page - Analog Devices ADF4212BRU Datasheet HTML 5Page - Analog Devices ADF4212BRU Datasheet HTML 6Page - Analog Devices ADF4212BRU Datasheet HTML 7Page - Analog Devices ADF4212BRU Datasheet HTML 8Page - Analog Devices ADF4212BRU Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
REV. A
ADF4210/ADF4211/ADF4212/ADF4213
–5–
PIN FUNCTION DESCRIPTIONS
Pin Number
TSSOP
Mnemonic
Function
1VDD1
Power Supply for the RF Section. Decoupling capacitors to the ground plane should be placed as
close as possible to this pin. VDD1 should have a value of between 2.7 V and 5.5 V. VDD1 must have
the same potential as VDD2.
2VP1
Power Supply for the RF Charge Pump. This should be greater than or equal to VDD1. In systems where
VDD1 is 3 V, it can be set to 6 V and used to drive a VCO with a tuning range up to 6 V.
3CPRF
Output from the RF Charge Pump. This is normally connected to a loop filter which drives the input
to an external VCO.
4
DGNDRF
Ground Pin for the RF Digital Circuitry.
5RFIN
Input to the RF Prescaler. This low level input signal is ac-coupled from the RF VCO.
6
AGNDRF
Ground Pin for the RF Analog Circuitry.
7FLO
RF/IF Fastlock Mode.
8
REFIN
Reference Input. This is a CMOS input with a nominal threshold of VDD/2 and an equivalent input
resistance of 100 k
Ω. This input can be driven from a TTL or CMOS crystal oscillator.
9
DGNDIF
Digital Ground for the IF Digital, Interface and Control Circuitry.
10
MUXOUT
This multiplexer output allows either the IF/RF Lock Detect, the scaled RF, scaled IF or the scaled
Reference Frequency to be accessed externally.
11
CLK
Serial Clock Input. This serial clock is used to clock in the serial data to the registers. The data is
latched into the 24-bit shift register on the CLK rising edge. This input is a high impedance
CMOS input.
12
DATA
Serial Data Input. The serial data is loaded MSB first with the two LSBs being the control bits. This
input is a high impedance CMOS input.
13
LE
Load Enable, CMOS Input. When LE goes high, the data stored in the shift registers is loaded into
one of the four latches, the latch being selected using the control bits.
14
RSET
Connecting a resistor between this pin and ground sets the maximum RF and IF charge pump output
current. The nominal voltage potential at the RSET pin is 0.66 V. The relationship between ICP and RSET is
I
R
CP MAX
SET
=
13 5
.
So, with RSET = 2.7 k
Ω, I
CP MAX = 5 mA for both the RF and IF Charge Pumps.
15
AGNDIF
Ground Pin for the IF Analog Circuitry.
16
IFIN
Input to the RF Prescaler. This low-level input signal is ac-coupled from the IF VCO.
17
DGNDIF
Ground Pin for the IF Digital, Interface, and Control Circuitry.
18
CPIF
Output from the IF Charge Pump. This is normally connected to a loop filter which drives the input
to an external VCO.
19
VP2
Power Supply for the IF Charge Pump. This should be greater than or equal to VDD2. In systems where
VDD2 is 3 V, it can be set to 6 V and used to drive a VCO with a tuning range up to 6 V.
20
VDD2
Power Supply for the IF, Digital and Interface Section. Decoupling capacitors to the ground plane should
be placed as close as possible to this pin. VDD2 should have a value of between 2.7 V and 5.5 V. VDD2
must have the same potential as VDD1.
PIN CONFIGURATIONS
TSSOP
TOP VIEW
(Not to Scale)
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
DATA
CLK
MUXOUT
DGNDRF
RFIN
AGNDRF
DGNDIF
REFIN
FLO
LE
RSET
AGNDIF
VDD1
VDD2
VP2
IFIN
DGNDIF
CPIF
VP1
CPRF
ADF4210/
ADF4211/
ADF4212/
ADF4213
CP-20
1
2
3
4
5
AGNDRF
FLO
CPRF
RFIN
DGNDRF
20
19
18
17
16
15
14
13
12
11
DGNDIF
IFIN
LE
RSET
AGNDIF
6
7
8
9
10
TOP VIEW
(Not to Scale)
ADF4210/
ADF4211/
ADF4212/
ADF4213


Número de pieza similar - ADF4212BRU

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADF4212L AD-ADF4212L Datasheet
245Kb / 20P
   Dual Low Power PLL Frequency Synthesizer
REV. 0
ADF4212LBCP AD-ADF4212LBCP Datasheet
245Kb / 20P
   Dual Low Power PLL Frequency Synthesizer
REV. 0
ADF4212LBRU AD-ADF4212LBRU Datasheet
245Kb / 20P
   Dual Low Power PLL Frequency Synthesizer
REV. 0
ADF4212L AD-ADF4212L_15 Datasheet
390Kb / 28P
   Dual Low Power PLL Frequency Synthesizer
Rev. E
ADF4212 AD-ADF4212_15 Datasheet
252Kb / 20P
   Dual RF/IF PLL Frequency Synthesizers
REV. A
More results

Descripción similar - ADF4212BRU

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADF4213 AD-ADF4213_15 Datasheet
252Kb / 20P
   Dual RF/IF PLL Frequency Synthesizers
REV. A
ADF4212 AD-ADF4212_15 Datasheet
252Kb / 20P
   Dual RF/IF PLL Frequency Synthesizers
REV. A
ADF4211 AD-ADF4211_15 Datasheet
252Kb / 20P
   Dual RF/IF PLL Frequency Synthesizers
REV. A
ADF4210 AD-ADF4210_15 Datasheet
252Kb / 20P
   Dual RF/IF PLL Frequency Synthesizers
REV. A
ADF4207 AD-ADF4207_15 Datasheet
226Kb / 20P
   Dual RF PLL Frequency Synthesizers
REV. 0
ADF4217 AD-ADF4217_15 Datasheet
247Kb / 20P
   Dual RF PLL Frequency Synthesizers
REV. 0
ADF4206 AD-ADF4206 Datasheet
206Kb / 20P
   Dual RF PLL Frequency Synthesizers
REV. 0
ADF4218 AD-ADF4218 Datasheet
227Kb / 20P
   Dual RF PLL Frequency Synthesizers
REV. 0
ADF4111 AD-ADF4111_15 Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
ADF4116 AD-ADF4116_15 Datasheet
486Kb / 28P
   RF PLL Frequency Synthesizers
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com