Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI7006-A10 Datasheet(PDF) 4 Page - Silicon Laboratories

No. de pieza SI7006-A10
Descripción Electrónicos  Excellent long term stability
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI7006-A10 Datasheet(HTML) 4 Page - Silicon Laboratories

  SI7006-A10 Datasheet HTML 1Page - Silicon Laboratories SI7006-A10 Datasheet HTML 2Page - Silicon Laboratories SI7006-A10 Datasheet HTML 3Page - Silicon Laboratories SI7006-A10 Datasheet HTML 4Page - Silicon Laboratories SI7006-A10 Datasheet HTML 5Page - Silicon Laboratories SI7006-A10 Datasheet HTML 6Page - Silicon Laboratories SI7006-A10 Datasheet HTML 7Page - Silicon Laboratories SI7006-A10 Datasheet HTML 8Page - Silicon Laboratories SI7006-A10 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
Si7006-A10
4
Rev. 1.1
1. Electrical Specifications
Unless otherwise specified, all min/max specifications apply over the recommended operating conditions.
Table 1. Recommended Operating Conditions
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Power Supply
VDD
1.9
3.6
V
Operating Temperature
TA
–40
+125
°C
Table 2. General Specifications
1.9 < VDD < 3.6 V; TA = –40 to 125 °C default conversion time unless otherwise noted.
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Input Voltage High
VIH
SCL, SDA pins
0.7xVDD
——
V
Input Voltage Low
VIL
SCL, SDA pins
0.3xVDD
V
Input Voltage Range
VIN
SCL, SDA pins with respect to GND
0.0
VDD
V
Input Leakage
IIL
SCL, SDA pins
1
μA
Output Voltage Low
VOL
SDA pin; IOL = 2.5 mA; VDD = 3.3 V
0.6
V
SDA pin; IOL = 1.2 mA;
VDD = 1.9 V
0.4
V
Current
Consumption
IDD
RH conversion in progress
150
180
μA
Temperature conversion in progress
90
120
μA
Standby, –40 to +85 °C2
0.06
0.62
μA
Standby, –40 to +125 °C2
0.06
3.8
μA
Peak IDD during powerup3
3.5
4.0
mA
Peak IDD during I2C operations4
3.5
4.0
mA
After writing to user registers5
—20
μA
Heater Current6
IHEAT
3.1
mA
Notes:
1. Initiating a RH measurement will also automatically initiate a temperature measurement. The total conversion time will
be tCONV(RH) + tCONV(T).
2. No conversion or I2C transaction in progress. Typical values measured at 25 °C.
3. Occurs once during powerup. Duration is <5 msec.
4. Occurs during I2C commands for Reset, Read/Write User Registers, Read EID, and Read Firmware Version. Duration
is <100 μs when I2C clock speed is >100 kHz (>200 kHz for 2-byte commands).
5. IDD after a user register write. Initiating any other subsequent I2C transaction on the same bus (such as the user
register read, starting an RH measurement, or traffic directed at other I2C devices) will transition the device to standby
mode.
6. Additional current consumption when HTRE bit enabled. See Section “5.5. Heater” for more information


Número de pieza similar - SI7006-A10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
Si7006-A10-IM SILABS-Si7006-A10-IM Datasheet
49Kb / 2P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
Si7006-A10-IM1 SILABS-Si7006-A10-IM1 Datasheet
49Kb / 2P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
Si7006-A10-IM1R SILABS-Si7006-A10-IM1R Datasheet
49Kb / 2P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
Si7006-A10-IMR SILABS-Si7006-A10-IMR Datasheet
49Kb / 2P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
More results

Descripción similar - SI7006-A10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Laird Tech Smart Techno...
300X LSTD-300X Datasheet
229Kb / 1P
   Excellent long term stability
logo
Silicon Laboratories
SI7021-A10 SILABS-SI7021-A10 Datasheet
580Kb / 33P
   Excellent long term stability
SI7023-A10 SILABS-SI7023-A10 Datasheet
765Kb / 25P
   Excellent long term stability
SI7015-A10 SILABS-SI7015-A10 Datasheet
356Kb / 39P
   Excellent long term stability
logo
MKS Instruments.
629F MKS-629F Datasheet
179Kb / 2P
   Excellent long-term stability
logo
Silicon Laboratories
SI7020-A10 SILABS-SI7020-A10 Datasheet
597Kb / 34P
   Excellent long term stability
logo
Analog Devices
ADXL354 AD-ADXL354 Datasheet
1Mb / 42P
   Hermetic package offers excellent long-term stability
logo
Ohmite Mfg. Co.
ACL-CRS OHMITE-ACL-CRS Datasheet
784Kb / 2P
   Excellent long-term stability and low inductance
logo
Murata Manufacturing Co...
R44E9 MURATA-R44E9 Datasheet
173Kb / 10P
   Excellent long time aging stability
logo
TE Connectivity Ltd
FPS2800B12C4 TEC-FPS2800B12C4 Datasheet
158Kb / 5P
   Highly reliable and long term stability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com