Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BCM384F120T300A00 Datasheet(PDF) 6 Page - Vicor Corporation

No. de pieza BCM384F120T300A00
Descripción Electrónicos  BCM짰 Bus Converter
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VICOR [Vicor Corporation]
Página de inicio  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

BCM384F120T300A00 Datasheet(HTML) 6 Page - Vicor Corporation

Back Button BCM384F120T300A00 Datasheet HTML 2Page - Vicor Corporation BCM384F120T300A00 Datasheet HTML 3Page - Vicor Corporation BCM384F120T300A00 Datasheet HTML 4Page - Vicor Corporation BCM384F120T300A00 Datasheet HTML 5Page - Vicor Corporation BCM384F120T300A00 Datasheet HTML 6Page - Vicor Corporation BCM384F120T300A00 Datasheet HTML 7Page - Vicor Corporation BCM384F120T300A00 Datasheet HTML 8Page - Vicor Corporation BCM384F120T300A00 Datasheet HTML 9Page - Vicor Corporation BCM384F120T300A00 Datasheet HTML 10Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
BCM® Bus Converter
Rev 1.5
vicorpower.com
Page 6 of 21
08/2016
800 927.9474
BCM384x120y300Azz
Output Voltage (V)
P (ave)
P (pk), < 10ms
I (ave)
I (pk), < 10ms
0
4
8
12
16
20
24
28
32
36
40
50
100
150
200
250
300
350
400
450
500
550
11.0
11.3
11.5
11.8
12.0
12.3
12.5
12.8
Figure 1 — Safe operating area
Load Current (%)
0
10
20 30
40
50
60
70
80
90 100 110
20
30
40
50
60
70
80
90
100
110
10
0
Figure 2 — Start up load current vs. output capacitance
Electrical Specifications (Cont.)


Número de pieza similar - BCM384F120T300A00

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vicor Corporation
BCM384F120T300A00 VICOR-BCM384F120T300A00 Datasheet
767Kb / 21P
   Isolated Fixed Ratio DC-DC Converter
More results

Descripción similar - BCM384F120T300A00

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vicor Corporation
BCD380P475T1K2A30 VICOR-BCD380P475T1K2A30 Datasheet
3Mb / 25P
   BCM짰 Bus Converter
BCM6123E60E15A3T00 VICOR-BCM6123E60E15A3T00 Datasheet
996Kb / 28P
   BCM짰 Bus Converter
B048F060T24-EB VICOR-B048F060T24-EB Datasheet
1Mb / 12P
   BCM짰 Bus Converter
BCM6123E60E10A5T00 VICOR-BCM6123E60E10A5T00 Datasheet
1,000Kb / 29P
   BCM짰 Bus Converter
BCD380P475C1K2A30 VICOR-BCD380P475C1K2A30 Datasheet
574Kb / 14P
   Analog HV and LV 6123 ChiP BCM짰 Bus Converter Evaluation Board User Guide
logo
Murata Power Solutions ...
EUS25-096 MURATA-PS-EUS25-096 Datasheet
1Mb / 7P
   BUS CONVERTER
EUS30-080 MURATA-PS-EUS30-080 Datasheet
1Mb / 7P
   BUS CONVERTER
EUS20-120 MURATA-PS-EUS20-120 Datasheet
685Kb / 7P
   Bus Converter
logo
Vicor Corporation
BCM48BF120T300A00 VICOR-BCM48BF120T300A00 Datasheet
1Mb / 18P
   Bus Converter
B048F480T30 VICOR-B048F480T30_11 Datasheet
1Mb / 12P
   Bus Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com