Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS2375-1 Datasheet(PDF) 7 Page - Texas Instruments

No. de pieza TPS2375-1
Descripción Electrónicos  IEEE 802.3af PoE POWERED DEVICE CONTROLLERS WITH AUTO-RETRY
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2375-1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS2375-1_17 Datasheet HTML 3Page - Texas Instruments TPS2375-1_17 Datasheet HTML 4Page - Texas Instruments TPS2375-1_17 Datasheet HTML 5Page - Texas Instruments TPS2375-1_17 Datasheet HTML 6Page - Texas Instruments TPS2375-1_17 Datasheet HTML 7Page - Texas Instruments TPS2375-1_17 Datasheet HTML 8Page - Texas Instruments TPS2375-1_17 Datasheet HTML 9Page - Texas Instruments TPS2375-1_17 Datasheet HTML 10Page - Texas Instruments TPS2375-1_17 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
data sheet
TPS2375-1
TPS2377-1
www.ti.com ......................................................................................................................................................... SLVS570A – MARCH 2005 – REVISED APRIL 2008
The CLASS pin must not be shorted to ground.
DET: Connect a resistor, R(DET), between DET and VDD. This resistor should equal 24.9 kΩ, ±1% for most
applications. R(DET) is connected across the input line when V(VDD) lies between 1.4 V and 11.3 V, and is
disconnected when the line voltage exceeds this range to conserve power. This voltage range has been chosen
to allow detection with two silicon rectifiers between the controller and the RJ-45 connector.
VSS: This is the input supply negative rail that serves as a local ground.
RTN: This pin provides the switched negative power rail used by the downstream circuits. The operational and
inrush current limit control current into the pin. The PG circuit monitors the RTN voltage and also uses it as the
return for the PG pin pulldown transistor. The internal MOSFET body diode clamps VSS to RTN when voltage is
present between VDD and RTN and the Power-over-Ethernet (PoE) input is not present.
PG: This pin goes to a high resistance state when the internal MOSFET that feeds the RTN pin is enabled, and
the device is not in inrush current limiting. In all other states except detection, the PG output is pulled to RTN by
the internal open-drain transistor. Performance is ensured with at least 4 V between VDD and RTN.
PG is an open-drain output; therefore, it may require a pullup resistor or other interface.
VDD: This is the positive input supply that is also common to downstream load circuits. This pin provides
operating power and allows the controller to monitor the line voltage to determine the mode of operation.
Copyright © 2005–2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPS2375-1 TPS2377-1


Número de pieza similar - TPS2375-1_17

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2375-1 TI-TPS2375-1 Datasheet
670Kb / 23P
[Old version datasheet]   IEEE 802.3af PoE POWERED DEVICE CONTROLLERS WITH AUTO-RETRY
TPS2375-1 TI-TPS2375-1 Datasheet
590Kb / 22P
[Old version datasheet]   IEEE 802.3af PoE HIGH POWER PD CONTROLLER
More results

Descripción similar - TPS2375-1_17

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2375-1 TI-TPS2375-1 Datasheet
670Kb / 23P
[Old version datasheet]   IEEE 802.3af PoE POWERED DEVICE CONTROLLERS WITH AUTO-RETRY
TPS2377PWR TI-TPS2377PWR Datasheet
895Kb / 25P
[Old version datasheet]   IEEE 802.3af PoE POWERED DEVICE CONTROLLERS
TPS2375DR TI-TPS2375DR Datasheet
959Kb / 25P
[Old version datasheet]   IEEE 802.3af PoE POWERED DEVICE CONTROLLERS
TPS2375 TI-TPS2375 Datasheet
433Kb / 21P
[Old version datasheet]   IEEE 802.3af PoE POWERED DEVICE CONTROLLERS
logo
STMicroelectronics
STHS2375A STMICROELECTRONICS-STHS2375A Datasheet
190Kb / 20P
   IEEE 802.3af PoE Powered Device (PD) interface controller
logo
Monolithic Power System...
MP8003A MPS-MP8003A Datasheet
825Kb / 17P
   IEEE 802.3af/at, PoE, Powered Device, Interface Controller
logo
MPS Industries, Inc.
MP8020 MPSIND-MP8020 Datasheet
2Mb / 27P
   IEEE 802.3af/at/bt-Compliant,PoE, Powered Device Interface
Rev. 1.0 2/17/2022
logo
Monolithic Power System...
EV8003A-Q-00A MPS-EV8003A-Q-00A Datasheet
290Kb / 6P
   IEEE 802.3af/at PoE Powered Device Interface Controller Evaluation Board
logo
Maxim Integrated Produc...
MAX5969A MAXIM-MAX5969A Datasheet
1Mb / 14P
   IEEE 802.3af/at-Compliant, Powered Device Interface Controllers with Integrated Power MOSFET
Rev 0; 12/09
MAX5969A MAXIM-MAX5969A_V01 Datasheet
713Kb / 15P
   IEEE 802.3af/at-Compliant, Powered Device Interface Controllers with Integrated Power MOSFET
2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com