Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS2375PW-1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS2375PW-1
Descripción Electrónicos  IEEE 802.3af PoE POWERED DEVICE CONTROLLERS WITH AUTO-RETRY
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2375PW-1 Datasheet(HTML) 1 Page - Texas Instruments

  TPS2375PW-1 Datasheet HTML 1Page - Texas Instruments TPS2375PW-1 Datasheet HTML 2Page - Texas Instruments TPS2375PW-1 Datasheet HTML 3Page - Texas Instruments TPS2375PW-1 Datasheet HTML 4Page - Texas Instruments TPS2375PW-1 Datasheet HTML 5Page - Texas Instruments TPS2375PW-1 Datasheet HTML 6Page - Texas Instruments TPS2375PW-1 Datasheet HTML 7Page - Texas Instruments TPS2375PW-1 Datasheet HTML 8Page - Texas Instruments TPS2375PW-1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
D−8
PW−8
1
FEATURES
APPLICATIONS
DESCRIPTION
VDD
Input
Current
VRTN
V
Detect
Classify
PowerUp
and
Inrush
Class3
(PG-RTN)
Note: AllVoltagesWithRespecttoVSS.
Current
RX
Pair
CLASS
DET
RTN
PG
1
3
6
4
5
7
8
ILIM
2
RJ-45
DF01S
2Places
Datato
EthernetPHY
Datato
EthernetPHY
Notes:
1)Class3PDdepicted
2)PGpullupresistorisoptional.
TX
Pair
Spare
Pair
Spare
Pair
data sheet
TPS2375-1
TPS2377-1
www.ti.com ......................................................................................................................................................... SLVS570A – MARCH 2005 – REVISED APRIL 2008
IEEE 802.3af PoE POWERED DEVICE CONTROLLERS WITH AUTO-RETRY
• VoIP Phones
• Auto-Retry After Current-Limit Fault
• WLAN Access Points
• TPS2375-1: IEEE 802.3af Thresholds
• Security Cameras
• TPS2377-1: Legacy Thresholds
• Internet Appliances
• Fully Supports IEEE 802.3af Specification
• POS Terminals
• Integrated 0.58-Ω, 100-V, Low-Side Switch
• 15-kV System Level ESD Capable
PRODUCT SELECTOR
• Programmable Inrush Current Control
2375-1
2377-1
2375
2376
2377
• Fixed 450-mA Current Limit
UVLO
802.3af
Legacy
802.3af
Adjustable
Legacy
Protection
Auto-Retry
Auto-Retry
Latch
Latch
Latch
• Open-Drain, Power-Good Reporting
Package
PW
D
D, PW
D,PW
D,PW
• Industrial Temperature Range: -40°C to 85°C
• 8-Pin SOIC and TSSOP Packages
These easy-to-use 8-pin integrated circuits contain all of the features needed to develop an IEEE
802.3af-compliant powered device (PD). The TPS2375-1 and TPS2377-1 are second generation PDCs (PD
Controllers) featuring a 100-V ratings and true open-drain, power-good function. These devices are auto-retry
versions of selected TPS2375 family members. Information on the TPS2375/6/7 devices can be found on the
TPS2375/6/7 data sheet (SLVS525A).
In addition to the basic functions of detection, classification, and undervoltage lockout (UVLO), these controllers
include an adjustable inrush limiting feature. The TPS2375-1 has 802.3af-compliant UVLO limits, and the
TPS2377-1 has legacy UVLO limits.
The TPS2375 family specifications incorporate a voltage offset of 1.5 V between its limits and the IEEE 802.3af
specifications to accommodate the required input diode bridges used to make the PD polarity insensitive.
Additional resources can be found on the TI Web site www.ti.com.
Figure 1. Typical Application Circuit and Start-Up Waveforms
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Número de pieza similar - TPS2375PW-1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2375PW-1 TI-TPS2375PW-1 Datasheet
670Kb / 23P
[Old version datasheet]   IEEE 802.3af PoE POWERED DEVICE CONTROLLERS WITH AUTO-RETRY
TPS2375PW-1G4 TI-TPS2375PW-1G4 Datasheet
670Kb / 23P
[Old version datasheet]   IEEE 802.3af PoE POWERED DEVICE CONTROLLERS WITH AUTO-RETRY
More results

Descripción similar - TPS2375PW-1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2375-1 TI-TPS2375-1 Datasheet
670Kb / 23P
[Old version datasheet]   IEEE 802.3af PoE POWERED DEVICE CONTROLLERS WITH AUTO-RETRY
TPS2377PWR TI-TPS2377PWR Datasheet
895Kb / 25P
[Old version datasheet]   IEEE 802.3af PoE POWERED DEVICE CONTROLLERS
TPS2375DR TI-TPS2375DR Datasheet
959Kb / 25P
[Old version datasheet]   IEEE 802.3af PoE POWERED DEVICE CONTROLLERS
TPS2375 TI-TPS2375 Datasheet
433Kb / 21P
[Old version datasheet]   IEEE 802.3af PoE POWERED DEVICE CONTROLLERS
logo
STMicroelectronics
STHS2375A STMICROELECTRONICS-STHS2375A Datasheet
190Kb / 20P
   IEEE 802.3af PoE Powered Device (PD) interface controller
logo
Monolithic Power System...
MP8003A MPS-MP8003A Datasheet
825Kb / 17P
   IEEE 802.3af/at, PoE, Powered Device, Interface Controller
logo
MPS Industries, Inc.
MP8020 MPSIND-MP8020 Datasheet
2Mb / 27P
   IEEE 802.3af/at/bt-Compliant,PoE, Powered Device Interface
Rev. 1.0 2/17/2022
logo
Monolithic Power System...
EV8003A-Q-00A MPS-EV8003A-Q-00A Datasheet
290Kb / 6P
   IEEE 802.3af/at PoE Powered Device Interface Controller Evaluation Board
logo
Maxim Integrated Produc...
MAX5969A MAXIM-MAX5969A Datasheet
1Mb / 14P
   IEEE 802.3af/at-Compliant, Powered Device Interface Controllers with Integrated Power MOSFET
Rev 0; 12/09
MAX5969A MAXIM-MAX5969A_V01 Datasheet
713Kb / 15P
   IEEE 802.3af/at-Compliant, Powered Device Interface Controllers with Integrated Power MOSFET
2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com