Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS3851G18EQDRBRQ1 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS3851G18EQDRBRQ1
Descripción Electrónicos  High-Accuracy Voltage Supervisor with Integrated Watchdog Timer
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3851G18EQDRBRQ1 Datasheet(HTML) 3 Page - Texas Instruments

  TPS3851G18EQDRBRQ1 Datasheet HTML 1Page - Texas Instruments TPS3851G18EQDRBRQ1 Datasheet HTML 2Page - Texas Instruments TPS3851G18EQDRBRQ1 Datasheet HTML 3Page - Texas Instruments TPS3851G18EQDRBRQ1 Datasheet HTML 4Page - Texas Instruments TPS3851G18EQDRBRQ1 Datasheet HTML 5Page - Texas Instruments TPS3851G18EQDRBRQ1 Datasheet HTML 6Page - Texas Instruments TPS3851G18EQDRBRQ1 Datasheet HTML 7Page - Texas Instruments TPS3851G18EQDRBRQ1 Datasheet HTML 8Page - Texas Instruments TPS3851G18EQDRBRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
1
VDD
8
RESET
2
CWD
7
WDO
3
MR
6
WDI
4
GND
5
SET1
Not to scale
Thermal
Pad
3
TPS3851-Q1
www.ti.com
SBVS286 – MARCH 2017
Product Folder Links: TPS3851-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
5 Pin Configuration and Functions
DRB Package
3-mm × 3-mm, 8-Pin VSON
Top View
Pin Functions
NAME
NO.
I/O
DESCRIPTION
CWD
2
I
Programmable watchdog timeout input. The watchdog timeout is set by connecting a capacitor between
this pin and ground. Connecting via a 10-kΩ resistor to VDD or leaving unconnected further enables the
selection of the preset watchdog timeouts; see the CWD Functionality section.
The TPS3851-Q1 determines the watchdog timeout using either Equation 1 or Equation 2 with standard or
extended timing, respectively.
GND
4
Ground pin
MR
3
I
Manual reset pin. A logical low on this pin issues a RESET. This pin is internally pulled up to VDD. RESET
remains low for a fixed reset delay (tRST) time after MR is deasserted (high).
RESET
8
O
Reset output. Connect RESET using a 1-kΩ to 100-kΩ resistor to the correct pullup voltage rail (VPU).
RESET goes low when VDD goes below the undervoltage threshold (VITN). When VDD is within the normal
operating range, the RESET timeout-counter starts. At completion, RESET goes high. During startup, the
state of RESET is undefined below the specified power-on-reset (POR) voltage (VPOR). Above POR,
RESET goes low and remains low until the monitored voltage is within the correct operating range (above
VITN + VHYST) and the RESET timeout is complete.
SET1
5
I
Logic input. Grounding the SET1 pin disables the watchdog timer. SET1 and CWD select the watchdog
timeouts; see the SET1 section.
VDD
1
I
Supply voltage pin. For noisy systems, connecting a 0.1-μF bypass capacitor is recommended.
WDI
6
I
Watchdog input. A falling edge must occur at WDI before the timeout (tWD) expires.
When the watchdog is not in use, the SET1 pin can be used to disable the watchdog. WDI is ignored when
RESET or WDO are low (asserted) and when the watchdog is disabled. If the watchdog is disabled, WDI
cannot be left unconnected and must be driven to either VDD or GND.
WDO
7
O
Watchdog output. Connect WDO with a 1-kΩ to 100-kΩ resistor to the correct pullup voltage rail (VPU).
WDO goes low (asserts) when a watchdog timeout occurs. WDO only asserts when RESET is high. When
a watchdog timeout occurs, WDO goes low (asserts) for the set RESET timeout delay (tRST). When RESET
goes low, WDO is in a high-impedance state.
Thermal pad
Connect the thermal pad to a large-area ground plane. The thermal pad is internally connected to GND.


Número de pieza similar - TPS3851G18EQDRBRQ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS3851G18EDRBR TI1-TPS3851G18EDRBR Datasheet
1Mb / 31P
[Old version datasheet]   Precision Voltage Supervisor with Integrated Watchdog Timer
TPS3851G18EDRBT TI1-TPS3851G18EDRBT Datasheet
1Mb / 31P
[Old version datasheet]   Precision Voltage Supervisor with Integrated Watchdog Timer
More results

Descripción similar - TPS3851G18EQDRBRQ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS3852-Q1 TI1-TPS3852-Q1 Datasheet
503Kb / 28P
[Old version datasheet]   High-Accuracy Voltage Supervisor with Integrated Watchdog Timer
TPS3851 TI1-TPS3851 Datasheet
1Mb / 31P
[Old version datasheet]   Precision Voltage Supervisor with Integrated Watchdog Timer
UCC1946 TI-UCC1946 Datasheet
105Kb / 6P
[Old version datasheet]   Microprocessor Supervisor with Watchdog Timer
UCC2946-Q1 TI1-UCC2946-Q1 Datasheet
231Kb / 13P
[Old version datasheet]   MICROPROCESSOR SUPERVISOR WITH WATCHDOG TIMER
UCC3946DTRG4 TI1-UCC3946DTRG4 Datasheet
664Kb / 17P
[Old version datasheet]   MICROPROCESSOR SUPERVISOR WITH WATCHDOG TIMER
logo
Micrel Semiconductor
MAX823 MICREL-MAX823 Datasheet
957Kb / 14P
   Voltage Supervisor with Watchdog Timer and Manual Reset
logo
Texas Instruments
TPS3850 TI1-TPS3850_16 Datasheet
1Mb / 44P
[Old version datasheet]   Precision Voltage Supervisor with Programmable Window Watchdog Timer
TPS3852 TI1-TPS3852 Datasheet
1Mb / 30P
[Old version datasheet]   Precision Voltage Supervisor with Programmable Window Watchdog Timer
TPS3850-Q1 TI1-TPS3850-Q1 Datasheet
814Kb / 39P
[Old version datasheet]   Precision Voltage Supervisor with Programmable Window Watchdog Timer
TPS3850 TI1-TPS3850 Datasheet
849Kb / 35P
[Old version datasheet]   Precision Voltage Supervisor with Programmable Window Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com