Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS5410D Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS5410D
Descripción Electrónicos  1-A, Wide Input Range, Step-Down Converter
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS5410D Datasheet(HTML) 4 Page - Texas Instruments

  TPS5410D Datasheet HTML 1Page - Texas Instruments TPS5410D Datasheet HTML 2Page - Texas Instruments TPS5410D Datasheet HTML 3Page - Texas Instruments TPS5410D Datasheet HTML 4Page - Texas Instruments TPS5410D Datasheet HTML 5Page - Texas Instruments TPS5410D Datasheet HTML 6Page - Texas Instruments TPS5410D Datasheet HTML 7Page - Texas Instruments TPS5410D Datasheet HTML 8Page - Texas Instruments TPS5410D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
TPS5410
SLVS675D – AUGUST 2006 – REVISED DECEMBER 2014
www.ti.com
6.2 ESD Ratings
VALUE
UNIT
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per JEDEC specification JESD22-
±1500
C101(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
MIN
NOM
MAX
UNIT
VVIN
Input voltage range
5.5
36
V
TJ
Operating junction temperature
–40
125
°C
6.4 Thermal Information
TPS5410
THERMAL METRIC(1)
D
UNIT
8 PINS
RθJA
Junction-to-ambient thermal resistance (custom board) (2)
75
RθJA
Junction-to-ambient thermal resistance (standard board)
105.9
RθJC(top)
Junction-to-case (top) thermal resistance
45.0
RθJB
Junction-to-board thermal resistance
47.8
°C/W
ψJT
Junction-to-top characterization parameter
5.7
ψJB
Junction-to-board characterization parameter
47.0
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
Test boards conditions:
(a) 3 in x 3 in, 2 layers, thickness: 0.062 inch.
(b) 2 oz. copper traces located on the top and bottom of the PCB.
6.5 Electrical Characteristics
TJ = –40°C to 125°C, VIN = 5.5 V to 36 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY VOLTAGE (VIN PIN)
VSENSE = 2 V, Not switching, PH pin
3
4.4
mA
open
IQ
Quiescent current
Shutdown, ENA = 0 V
18
50
μA
UNDERVOLTAGE LOCK OUT (UVLO)
Start threshold voltage, UVLO
5.3
5.5
V
Hysteresis voltage, UVLO
330
mV
VOLTAGE REFERENCE
TJ = 25°C
1.202
1.221
1.239
Voltage reference accuracy
V
IO = 0 A – 1 A
1.196
1.221
1.245
OSCILLATOR
Internally set free-running frequency
400
500
600
kHz
Minimum controllable on time
150
200
ns
Maximum duty cycle
87%
89%
ENABLE (ENA PIN)
Start threshold voltage, ENA
1.3
V
Stop threshold voltage, ENA
0.5
V
Hysteresis voltage, ENA
450
mV
Internal slow-start time (0 ~ 100%)
6.6
8
10
ms
4
Submit Documentation Feedback
Copyright © 2006–2014, Texas Instruments Incorporated
Product Folder Links: TPS5410


Número de pieza similar - TPS5410D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS5410D TI-TPS5410D Datasheet
600Kb / 4P
[Old version datasheet]   1-A, WIDE INPUT RANGE, STEP-DOWN SWIFT CONVERTER
TPS5410DG4 TI-TPS5410DG4 Datasheet
600Kb / 4P
[Old version datasheet]   1-A, WIDE INPUT RANGE, STEP-DOWN SWIFT CONVERTER
TPS5410DR TI-TPS5410DR Datasheet
600Kb / 4P
[Old version datasheet]   1-A, WIDE INPUT RANGE, STEP-DOWN SWIFT CONVERTER
TPS5410DRG4 TI-TPS5410DRG4 Datasheet
600Kb / 4P
[Old version datasheet]   1-A, WIDE INPUT RANGE, STEP-DOWN SWIFT CONVERTER
More results

Descripción similar - TPS5410D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS5410 TI-TPS5410 Datasheet
600Kb / 4P
[Old version datasheet]   1-A, WIDE INPUT RANGE, STEP-DOWN SWIFT CONVERTER
TPS5410-EP TI-TPS5410-EP_15 Datasheet
1Mb / 26P
[Old version datasheet]   1-A WIDE INPUT RANGE STEP-DOWN SWIFT??CONVERTER
TPS5410-Q1 TI-TPS5410-Q1_15 Datasheet
858Kb / 26P
[Old version datasheet]   1-A, WIDE INPUT RANGE, STEP-DOWN SWIFT??CONVERTER
TPS5410-EP TI-TPS5410-EP Datasheet
768Kb / 24P
[Old version datasheet]   1-A WIDE INPUT RANGE STEP-DOWN SWIFT CONVERTER
TPS5410-Q1 TI1-TPS5410-Q1 Datasheet
910Kb / 25P
[Old version datasheet]   1-A, WIDE INPUT RANGE, STEP-DOWN SWIFT??CONVERTER
TPS5410 TI-TPS5410_15 Datasheet
1Mb / 30P
[Old version datasheet]   TPS5410 1-A, Wide Input Range, Step-Down Converter
TPS5420 TI-TPS5420_15 Datasheet
1,000Kb / 27P
[Old version datasheet]   2-A, WIDE INPUT RANGE, STEP-DOWN CONVERTER
TPS5431DDAR TI-TPS5431DDAR Datasheet
1Mb / 32P
[Old version datasheet]   3-A, WIDE INPUT RANGE, STEP-DOWN CONVERTER
TPS5430 TI1-TPS5430_17 Datasheet
1Mb / 36P
[Old version datasheet]   3-A, Wide Input Range, Step-Down Converter
TPS5420 TI-TPS5420 Datasheet
464Kb / 20P
[Old version datasheet]   2-A, WIDE INPUT RANGE, STEP-DOWN SWIFT CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com