Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS51200-EP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS51200-EP
Descripción Electrónicos  Sink and Source DDR Termination Regulator
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS51200-EP Datasheet(HTML) 1 Page - Texas Instruments

  TPS51200-EP Datasheet HTML 1Page - Texas Instruments TPS51200-EP Datasheet HTML 2Page - Texas Instruments TPS51200-EP Datasheet HTML 3Page - Texas Instruments TPS51200-EP Datasheet HTML 4Page - Texas Instruments TPS51200-EP Datasheet HTML 5Page - Texas Instruments TPS51200-EP Datasheet HTML 6Page - Texas Instruments TPS51200-EP Datasheet HTML 7Page - Texas Instruments TPS51200-EP Datasheet HTML 8Page - Texas Instruments TPS51200-EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
2
3
4
5
1
9
8
7
6
10
TPS51200
REFIN
VLDOIN
VO
PGND
VOSNS
VIN
PGOOD
GND
EN
REFOUT
3.3 VIN
PGOOD
SLP_S3
VTTREF
VLDOIN
VTT
VDDQ
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TPS51200-EP
SLUSA48 – JUNE 2016
TPS51200-EP Sink and Source DDR Termination Regulator
1
1 Features
1
Input Voltage: Supports 2.5-V Rail and 3.3-V Rail
VLDOIN Voltage Range: 1.1 V to 3.5 V
Sink and Source Termination Regulator Includes
Droop Compensation
Requires Minimum Output Capacitance of 20-μF
(Typically 3 × 10-μF MLCCs) for Memory
Termination Applications (DDR)
PGOOD to Monitor Output Regulation
EN Input
REFIN Input Allows for Flexible Input Tracking
Either Directly or Through Resistor Divider
Remote Sensing (VOSNS)
±10-mA Buffered Reference (REFOUT)
Built-in Soft Start, UVLO, and OCL
Thermal Shutdown
Meets DDR and DDR2 JEDEC Specifications
Supports DDR3, Low-Power DDR3, and DDR4
VTT Applications
10-Pin VSON Package With Thermal Pad
Supports Defense, Aerospace, and Medical
Applications
Controlled Baseline
One Assembly and Test Site
One Fabrication Site
Available in Military (–55°C to 125°C)
Temperature Range
Extended Product Life Cycle
Extended Product-Change Notification
Product Traceability
2 Applications
Memory Termination Regulator for DDR, DDR2,
DDR3, Low-Power DDR3, and DDR4
Notebooks, Desktops, and Servers
Telecom and Datacom
Base Stations
LCD-TVs and PDP-TVs
Copiers and Printers
Set-Top Boxes
3 Description
The TPS51200-EP device is a sink and source
double
data
rate
(DDR)
termination
regulator
specifically designed for low-input voltage, low-cost,
low-noise
systems
where
space
is
a
key
consideration.
The
TPS51200-EP
maintains
a
fast
transient
response and only requires a minimum output
capacitance of 20 μF. The TPS51200-EP supports a
remote sensing function and all power requirements
for DDR, DDR2, DDR3, Low-Power DDR3, and
DDR4 VTT bus termination.
In addition, the TPS51200-EP provides an open-drain
PGOOD signal to monitor the output regulation and
an EN signal that can be used to discharge VTT
during S3 (suspend to RAM) for DDR applications.
The TPS51200-EP is available in the thermally
efficient 10-pin VSON thermal pad package, and is
rated both Green and Pb-free. It is specified from
–55°C to +125°C.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS51200-EP
VSON (10)
3.00 mm × 3.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified DDR Application


Número de pieza similar - TPS51200-EP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS51200-EP TI1-TPS51200-EP Datasheet
395Kb / 32P
[Old version datasheet]   Sink and Source DDR Termination Regulator
More results

Descripción similar - TPS51200-EP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS51200A-Q1_1812 TI1-TPS51200A-Q1_1812 Datasheet
1Mb / 32P
[Old version datasheet]   Sink and Source DDR Termination Regulator
TPS51200A-Q1 TI1-TPS51200A-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   Sink and Source DDR Termination Regulator
logo
SG Micro Corp
SGM2054 SGMICRO-SGM2054 Datasheet
737Kb / 14P
   Sink and Source DDR Termination Regulator
JANUARY2022 - REV.A
logo
Texas Instruments
TPS51200-EP TI1-TPS51200-EP Datasheet
395Kb / 32P
[Old version datasheet]   Sink and Source DDR Termination Regulator
TPS51200-Q1 TI1-TPS51200-Q1_15 Datasheet
1Mb / 36P
[Old version datasheet]   Sink and Source DDR Termination Regulator
TPS51200-Q1 TI1-TPS51200-Q1 Datasheet
951Kb / 36P
[Old version datasheet]   SINK/SOURCE DDR TERMINATION REGULATOR
logo
Eutech Microelectronics...
EUP7998 EUTECH-EUP7998 Datasheet
214Kb / 2P
   Sink/Source DDR Termination Regulator
logo
Texas Instruments
TPS51200 TI-TPS51200_1 Datasheet
1Mb / 35P
[Old version datasheet]   SINK/SOURCE DDR TERMINATION REGULATOR
logo
Anpec Electronics Corop...
APL5338E ANPEC-APL5338E Datasheet
238Kb / 18P
   2A Peak Sink/Source DDR Termination Regulator
logo
Texas Instruments
TPS51100 TI-TPS51100_07 Datasheet
704Kb / 20P
[Old version datasheet]   3-A SINK/SOURCE DDR TERMINATION REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com