Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS5431DDA Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS5431DDA
Descripción Electrónicos  3-A, Wide Input Range, Step-Down Converter
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS5431DDA Datasheet(HTML) 1 Page - Texas Instruments

  TPS5431DDA Datasheet HTML 1Page - Texas Instruments TPS5431DDA Datasheet HTML 2Page - Texas Instruments TPS5431DDA Datasheet HTML 3Page - Texas Instruments TPS5431DDA Datasheet HTML 4Page - Texas Instruments TPS5431DDA Datasheet HTML 5Page - Texas Instruments TPS5431DDA Datasheet HTML 6Page - Texas Instruments TPS5431DDA Datasheet HTML 7Page - Texas Instruments TPS5431DDA Datasheet HTML 8Page - Texas Instruments TPS5431DDA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
VIN
NC
NC
ENA
GND
VSENSE
BOOT
PH
TPS5430/31
VIN
VOUT
95
60
70
80
90
100
0
0.5
1
1.5
2.5
3
3.5
I
OutputCurrent
A
O
-
-
EfficiencyvsOutputCurrent
SimplifiedSchematic
V
I =12V
V =5V
f =500kHz
T =25 C
O
s
A
o
2
50
55
65
75
85
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TPS5430, TPS5431
SLVS632I – JANUARY 2006 – REVISED APRIL 2017
TPS543x 3-A, Wide Input Range, Step-Down Converter
1
1 Features
1
Wide Input Voltage Range:
TPS5430: 5.5 V to 36 V
TPS5431: 5.5 V to 23 V
Up to 3-A Continuous (4-A Peak) Output Current
High Efficiency up to 95% Enabled by 110-m
Integrated MOSFET Switch
Wide Output Voltage Range: Adjustable Down to
1.22 V with 1.5% Initial Accuracy
Internal Compensation Minimizes External Parts
Count
Fixed 500 kHz Switching Frequency for Small
Filter Size
Improved Line Regulation and Transient
Response by Input Voltage Feed Forward
System Protected by Overcurrent Limiting,
Overvoltage Protection and Thermal Shutdown
–40°C to 125°C Operating Junction Temperature
Range
Available in Small Thermally Enhanced 8-Pin SO
PowerPAD™ Package
Create a Custom Design Using the TPS5430 With
the WEBENCH® Power Designer
2 Applications
Consumer: Set-top Box, DVD, LCD Displays
Industrial and Car Audio Power Supplies
Battery Chargers, High Power LED Supply
12-V/24-V Distributed Power Systems
3 Description
The TPS543x is a high-output-current PWM converter
that integrates a low-resistance, high-side N-channel
MOSFET. Included on the substrate with the listed
features
are
a
high-performance
voltage
error
amplifier
that
provides
tight
voltage
regulation
accuracy under transient conditions; an undervoltage-
lockout circuit to prevent start-up until the input
voltage reaches 5.5 V; an internally set slow-start
circuit to limit inrush currents; and a voltage feed-
forward circuit to improve the transient response.
Using the ENA pin, shutdown supply current is
reduced to 18 μA typically. Other features include an
active-high enable, overcurrent limiting, over-voltage
protection and thermal shutdown. To reduce design
complexity
and
external
component
count,
the
TPS543x feedback loop is internally compensated.
The TPS5431 is intended to operate from power rails
up to 23 V. The TPS5430 regulates a wide variety of
power sources including 24 V bus.
The TPS543x device is available in a thermally
enhanced, easy to use 8-pin SOIC PowerPAD™
package. TI provides evaluation modules and the
Designer software tool to aid in quickly achieving
high-performance power supply designs to meet
aggressive equipment development cycles.
Device Information(1)
PART NUMBER
PACKAGE
INPUT VOLTAGE
TPS5430
HSOP (8)
5.5 V to 36 V
TPS5431
5.5 V to 23 V
(1) For all available packages, see the orderable addendum at
the end of the datasheet.


Número de pieza similar - TPS5431DDA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS5431DDA TI1-TPS5431DDA Datasheet
1Mb / 32P
[Old version datasheet]   3-A, WIDE INPUT RANGE, STEP-DOWN SWIFT??CONVERTER
TPS5431DDA TI-TPS5431DDA Datasheet
1Mb / 32P
[Old version datasheet]   3-A, WIDE INPUT RANGE, STEP-DOWN CONVERTER
TPS5431DDAG4 TI-TPS5431DDAG4 Datasheet
1Mb / 32P
[Old version datasheet]   3-A, WIDE INPUT RANGE, STEP-DOWN CONVERTER
TPS5431DDAR TI-TPS5431DDAR Datasheet
1Mb / 32P
[Old version datasheet]   3-A, WIDE INPUT RANGE, STEP-DOWN CONVERTER
TPS5431DDARG4 TI-TPS5431DDARG4 Datasheet
1Mb / 32P
[Old version datasheet]   3-A, WIDE INPUT RANGE, STEP-DOWN CONVERTER
More results

Descripción similar - TPS5431DDA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS5431DDAR TI-TPS5431DDAR Datasheet
1Mb / 32P
[Old version datasheet]   3-A, WIDE INPUT RANGE, STEP-DOWN CONVERTER
TPS5430-EP TI1-TPS5430-EP Datasheet
914Kb / 28P
[Old version datasheet]   3-A WIDE-INPUT-RANGE STEP-DOWN SWIFT??CONVERTER
TPS5431 TI1-TPS5431 Datasheet
1Mb / 32P
[Old version datasheet]   3-A, WIDE INPUT RANGE, STEP-DOWN SWIFT??CONVERTER
TPS5430-Q1 TI-TPS5430-Q1 Datasheet
982Kb / 27P
[Old version datasheet]   3-A WIDE-INPUT-RANGE STEP-DOWN SWIFT CONVERTER
TPS5430 TI-TPS5430_15 Datasheet
1Mb / 36P
[Old version datasheet]   TPS543x 3-A, Wide Input Range, Step-Down Converter
TPS5430-Q1 TI-TPS5430-Q1_15 Datasheet
1Mb / 33P
[Old version datasheet]   TPS5430-Q1 3-A Wide-Input-Range Step-Down Converter
TPS5420 TI-TPS5420_15 Datasheet
1,000Kb / 27P
[Old version datasheet]   2-A, WIDE INPUT RANGE, STEP-DOWN CONVERTER
TPS5410 TI1-TPS5410_17 Datasheet
1Mb / 30P
[Old version datasheet]   1-A, Wide Input Range, Step-Down Converter
TPS5410 TI-TPS5410 Datasheet
600Kb / 4P
[Old version datasheet]   1-A, WIDE INPUT RANGE, STEP-DOWN SWIFT CONVERTER
TPS5420 TI-TPS5420 Datasheet
464Kb / 20P
[Old version datasheet]   2-A, WIDE INPUT RANGE, STEP-DOWN SWIFT CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com