Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS62590DRVT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS62590DRVT
Descripción Electrónicos  1-A Step Down Converter in 2-mm x 2-mm WSON Package
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62590DRVT Datasheet(HTML) 1 Page - Texas Instruments

  TPS62590DRVT Datasheet HTML 1Page - Texas Instruments TPS62590DRVT Datasheet HTML 2Page - Texas Instruments TPS62590DRVT Datasheet HTML 3Page - Texas Instruments TPS62590DRVT Datasheet HTML 4Page - Texas Instruments TPS62590DRVT Datasheet HTML 5Page - Texas Instruments TPS62590DRVT Datasheet HTML 6Page - Texas Instruments TPS62590DRVT Datasheet HTML 7Page - Texas Instruments TPS62590DRVT Datasheet HTML 8Page - Texas Instruments TPS62590DRVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
0.0001
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
I -OutputCurrent- A
O
V =3.8V
I
V =5V
I
V =4.2V
I
V
=3.3V,
MODE=GND,
L =2.2 H
OUT
m
VIN
GND
EN
FB
SW
TPS62590DRV
VOUT
MODE
L
2.2 H
m
C
OUT
10mF
C1
22pF
R1
R2
C
IN
10mF
PwrPAD
0.75 V to V
IN
V
I N
2.5 V to 5.5 V
5
4
2
1
3
6
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
TPS62590
SLVS897C – JANUARY 2009 – REVISED DECEMBER 2015
TPS62590 1-A Step Down Converter in 2-mm × 2-mm WSON Package
1 Features
3 Description
The
TPS62590
device
is
a
high-efficiency
1
Output Current up to 1000 mA
synchronous step down converter, optimized for
Input Voltage Range from 2.5 V to 5.5 V
battery powered portable applications. The device
Output Voltage Accuracy in PWM Mode ±2.5%
provides up to 1000-mA output current from batteries,
such as single Li-Ion or other common chemistry AA
Typical 15-
μA Quiescent Current
and AAA cells.
100% Duty Cycle for Lowest Dropout
With an input voltage range of 2.5 V to 5.5 V, the
Available in a 2 mm × 2 mm × 0.8 mm WSON
device is targeted to power a large variety of portable
Package
handheld equipment or POL applications.
For Improved Features Set, See the TPS62290
The TPS62590 family operates at 2.25-MHz fixed
device (SLVS764)
switching frequency and enters a power save mode
operation at light load currents to maintain a high
2 Applications
efficiency over the entire load current range.
Mobile Phones, Smart Phones
The power save mode is optimized for low output
Tablet PCs
voltage ripple. For low noise applications, the device
WLAN
can be forced into fixed frequency pulse width
modulation (PWM) mode by pulling the MODE pin
Low Power DSP Supply
high. In the shutdown mode the current consumption
Point-of-Load (POL) Applications
is reduced to less than 1 µA. The TPS62590 allows
the use of small inductors and capacitors to achieve a
small solution size.
The TPS62590 is available in a 2-mm × 2-mm 6-pin
WSON package.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS62590
WSON (6)
2.00 mm × 2.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application Schematic
Efficiency vs Output Current
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Número de pieza similar - TPS62590DRVT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS62590DRVT TI1-TPS62590DRVT Datasheet
583Kb / 24P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 QFN Package
TPS62590DRVT TI1-TPS62590DRVT Datasheet
1Mb / 26P
[Old version datasheet]   1-A Step Down Converter
More results

Descripción similar - TPS62590DRVT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS62060 TI1-TPS62060_16 Datasheet
1Mb / 26P
[Old version datasheet]   TPS6206x 3-MHz, 1.6-A, Step Down Converter in 2-mm 2-mm WSON Package
TLV759P TI1-TLV759P Datasheet
749Kb / 16P
[Old version datasheet]   1-A LDO in a Small 2-mm x 2-mm WSON Package
TLV62080 TI1-TLV62080_16 Datasheet
1,019Kb / 26P
[Old version datasheet]   1.2-A and 2-A High-Efficiency Step-Down Converter in 2-mm 횞 2-mm WSON Package
TLV62080_016 TI1-TLV62080_016 Datasheet
1Mb / 28P
[Old version datasheet]   1.2-A and 2-A High-Efficiency Step-Down Converter in 2-mm 횞 2-mm WSON Package
TLV62065-Q1 TI-TLV62065-Q1_15 Datasheet
1Mb / 28P
[Old version datasheet]   TLV62065-Q1 3-MHz 2-A Step-Down Converter in 2-mm 횞 2-mm WSON Package
TPS62290-Q1 TI1-TPS62290-Q1_16 Datasheet
1Mb / 27P
[Old version datasheet]   1-A Step Down Converter in 2-mm 횞 2-mm SON Package
TPS62590-Q1 TI1-TPS62590-Q1 Datasheet
833Kb / 25P
[Old version datasheet]   1-A Step-Down Converter in 2-mm 횞 2-mm QFN Package
TLV62065 TI1-TLV62065_16 Datasheet
1Mb / 26P
[Old version datasheet]   3-MHz 2-A Step-Down Converter in 2 x 2 WSON Package
TLV62080 TI-TLV62080_15 Datasheet
950Kb / 26P
[Old version datasheet]   TLV6208x 1.2-A and 2-A High-Efficiency Step-Down Converter in 2-mm 횞 2-mm WSON Package
TLV62065-Q1 TI1-TLV62065-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2-A Step-Down Converter in 2-mm x 2-mm SON Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com