Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS62051DGSRG4 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS62051DGSRG4
Descripción Electrónicos  800-mA Synchronous Step-Down Converter
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62051DGSRG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS62051DGSRG4 Datasheet HTML 4Page - Texas Instruments TPS62051DGSRG4 Datasheet HTML 5Page - Texas Instruments TPS62051DGSRG4 Datasheet HTML 6Page - Texas Instruments TPS62051DGSRG4 Datasheet HTML 7Page - Texas Instruments TPS62051DGSRG4 Datasheet HTML 8Page - Texas Instruments TPS62051DGSRG4 Datasheet HTML 9Page - Texas Instruments TPS62051DGSRG4 Datasheet HTML 10Page - Texas Instruments TPS62051DGSRG4 Datasheet HTML 11Page - Texas Instruments TPS62051DGSRG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
EN
VIN
ON
OFF
0.3
µA, min
R >1.3 V/0.3
µA
TPS6205x
5 V
EN
VIN
VIN
Vt = 0.7 V
0
µA for VEN < 0.6 V
Typically 0.3
µA to 5 µAfor VEN < 4 V
Enable to Internal Circuitry
TPS62050, TPS62051, TPS62052, TPS62054, TPS62056
SLVS432F – SEPTEMBER 2002 – REVISED JUNE 2015
www.ti.com
9.3 Feature Description
9.3.1 Enable and Overtemperature Protection
A logic low on EN forces the TPS6205x devices into shutdown. In shutdown, the power switch, drivers, voltage
reference, oscillator, and all other functions are turned off. The supply current is reduced to less than 2 µA in the
shutdown mode. When the device is in thermal shutdown, the bandgap is forced to stay on even if the device is
set into shutdown by pulling EN to GND. As soon as the temperature drops below the threshold, the device
automatically starts again.
If an output voltage is present when the device is disabled, which could be an external voltage source or super
cap, the reverse leakage current is specified under Electrical Characteristics. Pulling the enable pin high starts up
the TPS6205x devices with the soft-start as described in Soft-Start. If the EN pin is connected to any voltage
other than VI or GND, an increased leakage current of typically 10 µA and up to 20 µA can occur.
Figure 2. Internal Circuit of the ENABLE Pin
The EN pin can be used in a pushbutton configuration as shown in Figure 3. The external resistor to GND must
be capable of sinking 0.3 µA with a minimum voltage drop of 1.3 V to keep the system enabled when both
switches are open. When the ON-button is pressed, the device is enabled and the current through the external
resistor keeps the voltage level high to ensure that the device stays on when the ON-button is released. When
the OFF-button is pressed, the device is switched off and the current through the external resistor is zero. The
device therefore stays off even when the OFF-button is released.
Figure 3. Pushbutton Configuration for the EN-Pin
9.3.2 Low-Battery Detector (Standard Version)
The low-battery output (LBO) is an open-drain type which goes low when the voltage at the low battery input
(LBI) falls below the trip point of 1.21 V ±1.5%. The voltage at which the low-battery warning is issued is adjusted
with a resistive divider as shown in Figure 5. TI recommends the sum of the resistors R1 and R2 to be in the
100-k
Ω to 1-MΩ range for high-efficiency at low output current. An external pullup resistor at LBO can either be
connected to OUT, or any other voltage rail in the voltage range of 0 V to 6 V. During start-up, the LBO output
signal is invalid for the first 500 µs. LBO is high impedance when the device is disabled. If the low-battery
comparator function is not used, connect LBI to ground. The low-battery detector is disabled when the device is
disabled. Leave the LBO pin unconnected, or connect to GND when not used.
8
Submit Documentation Feedback
Copyright © 2002–2015, Texas Instruments Incorporated
Product Folder Links: TPS62050 TPS62051 TPS62052 TPS62054 TPS62056


Número de pieza similar - TPS62051DGSRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS62051DGSRG4 TI1-TPS62051DGSRG4 Datasheet
897Kb / 25P
[Old version datasheet]   800-mA SYNCHRONOUS STEP-DOWN CONVERTER
More results

Descripción similar - TPS62051DGSRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS62050 TI-TPS62050 Datasheet
432Kb / 21P
[Old version datasheet]   800-mA SYNCHRONOUS STEP-DOWN CONVERTER
TPS62050DGSR TI1-TPS62050DGSR Datasheet
897Kb / 25P
[Old version datasheet]   800-mA SYNCHRONOUS STEP-DOWN CONVERTER
TPS62050DGSRG4 TI1-TPS62050DGSRG4 Datasheet
897Kb / 25P
[Old version datasheet]   800-mA SYNCHRONOUS STEP-DOWN CONVERTER
TPS62050 TI-TPS62050_15 Datasheet
999Kb / 30P
[Old version datasheet]   TPS6205x 800-mA Synchronous Step-Down Converter
TPS62355DRCR TI1-TPS62355DRCR Datasheet
1Mb / 46P
[Old version datasheet]   800-mA / 1000-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER
TPS62692 TI1-TPS62692_16 Datasheet
2Mb / 31P
[Old version datasheet]   800-mA , 3-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62692 TI-TPS62692 Datasheet
1Mb / 29P
[Old version datasheet]   800-mA , 3-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
logo
Zilog, Inc.
IXD3235 ZILOG-IXD3235 Datasheet
2Mb / 27P
   Synchronous 600 mA Step-Down DC/DC Converter
logo
Richtek Technology Corp...
RT6204 RICHTEK-RT6204 Datasheet
1Mb / 18P
   Synchronous Step-Down Converter
logo
Texas Instruments
TPS54227 TI1-TPS54227_15 Datasheet
999Kb / 24P
[Old version datasheet]   Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com