Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS3808-Q1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS3808-Q1
Descripción Electrónicos  Low-Quiescent-Current, Programmable-Delay Supervisory Circuit
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3808-Q1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS3808-Q1 Datasheet HTML 2Page - Texas Instruments TPS3808-Q1 Datasheet HTML 3Page - Texas Instruments TPS3808-Q1 Datasheet HTML 4Page - Texas Instruments TPS3808-Q1 Datasheet HTML 5Page - Texas Instruments TPS3808-Q1 Datasheet HTML 6Page - Texas Instruments TPS3808-Q1 Datasheet HTML 7Page - Texas Instruments TPS3808-Q1 Datasheet HTML 8Page - Texas Instruments TPS3808-Q1 Datasheet HTML 9Page - Texas Instruments TPS3808-Q1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
6
TPS3808
SBVS050K – MAY 2004 – REVISED OCTOBER 2015
www.ti.com
Product Folder Links: TPS3808
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
(1)
RLRESET and CLRESET are the resistor and capacitor connected to the RESET pin.
(2)
The lowest supply voltage (VDD) at which RESET becomes active. Trise(VDD) ≥ 15 μs/V.
7.5 Electrical Characteristics
1.7 V
≤ VDD ≤ 6.5 V, RLRESET = 100 kΩ, CLRESET = 50 pF, over operating temperature range (TJ = –40°C to 125°C), unless
otherwise noted. Typical values are at TJ = 25°C
(1).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDD
Input supply range
–40°C < TJ < 125°C
1.7
6.5
V
0°C < TJ < 85°C
1.65
6.5
V
IDD
Supply current (current into VDD pin)
VDD = 3.3 V, RESET not asserted
MR, RESET, CT open
2.4
5
μA
VDD = 6.5 V, RESET not asserted
MR, RESET, CT open
2.7
6
VOL
Low-level output voltage
1.3 V
≤ VDD < 1.8 V, IOL = 0.4 mA
0.3
V
1.8 V
≤ VDD ≤ 6.5 V, IOL = 1 mA
0.4
VPOR
Power-up reset voltage(2)
VOL (max) = 0.2 V, IRESET = 15 μA
0.8
VIT
Negative-going input
threshold accuracy
TPS3808G01
–2%
±1%
2%
VIT ≤ 3.3 V
–1.5%
±0.5%
1.5%
3.3 V < VIT ≤ 5.0 V
–2%
±1%
2%
VIT ≤ 3.3 V
–40°C < TJ < 85°C
–1.25%
±0.5%
1.25%
3.3 V < VIT ≤ 5.0 V
–40°C < TJ < 85°C
–1.5%
±0.5%
1.5%
VHYS
Hysteresis on VIT pin
TPS3808G01
1.5%
3%
VIT
Fixed versions
1%
2.5%
RMR
MR Internal pullup resistance
70
90
k
ISENSE
Input current at
SENSE pin
TPS3808G01
VSENSE = VIT
–25
25
nA
Fixed versions
VSENSE = 6.5 V
1.7
μA
IOH
RESET leakage current
VRESET = 6.5 V, RESET not asserted
300
nA
CIN
Input capacitance,
any pin
CT pin
VIN = 0 V to VDD
5
pF
Other pins
VIN = 0 V to 6.5 V
5
VIL
MR logic low input
0
0.3 VDD
V
VIH
MR logic high input
0.7 VDD
VDD


Número de pieza similar - TPS3808-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS3808-Q1 TI1-TPS3808-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Quiescent-Current Programmable-Delay Supervisory Circuit
More results

Descripción similar - TPS3808-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS3808G125 TI-TPS3808G125 Datasheet
275Kb / 15P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808_101 TI-TPS3808_101 Datasheet
696Kb / 22P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
logo
Monolithic Power System...
MPQ6400 MPS-MPQ6400 Datasheet
285Kb / 10P
   Low Quiescent Current Programmable-Delay Supervisory Circuit
logo
Texas Instruments
TPS3808-EP TI1-TPS3808-EP Datasheet
464Kb / 15P
[Old version datasheet]   LOW QUIESCENT CURRENT, PROGRAMMABLE DELAY SUPERVISORY CIRCUIT
TPS3808 TI-TPS3808 Datasheet
417Kb / 15P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808 TI-TPS3808_07 Datasheet
545Kb / 21P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808G01-Q1 TI1-TPS3808G01-Q1_16 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Quiescent-Current Programmable-Delay Supervisory Circuit
logo
Monolithic Power System...
MP6400 MPS-MP6400 Datasheet
300Kb / 12P
   Low Quiescent Current Programmable-Delay Supervisory Circuit
logo
Texas Instruments
TPS3808 TI-TPS3808_10 Datasheet
680Kb / 21P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808_0808 TI-TPS3808_0808 Datasheet
689Kb / 20P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com