Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS71334 Datasheet(PDF) 9 Page - Texas Instruments

No. de pieza TPS71334
Descripción Electrónicos  Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator with Integrated SVS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS71334 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS71334 Datasheet HTML 5Page - Texas Instruments TPS71334 Datasheet HTML 6Page - Texas Instruments TPS71334 Datasheet HTML 7Page - Texas Instruments TPS71334 Datasheet HTML 8Page - Texas Instruments TPS71334 Datasheet HTML 9Page - Texas Instruments TPS71334 Datasheet HTML 10Page - Texas Instruments TPS71334 Datasheet HTML 11Page - Texas Instruments TPS71334 Datasheet HTML 12Page - Texas Instruments TPS71334 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
www.ti.com
APPLICATION INFORMATION
OUTPUT NOISE
TPS71334
GND
NR
FB2
IN
OUT1
EN1
OUT2
EN2
RESET
V
IN
V
OUT1
V
OUT2
0.1
µF
2.2
µF
2.2
µF
C1
100 k
0.01
µF
R1
R2
64.9 k
INPUT AND OUTPUT CAPACITOR
STARTUP CHARACTERISTICS
TPS71319
TPS71334
SBVS055A – DECEMBER 2004 – REVISED JANUARY 2005
1.8 V or less is chosen, the minimum recommended
The TPS713xx family of dual low-dropout (LDO)
output capacitor is 4.7 µF. Any ceramic capacitor that
regulators
has
been
optimized
for
use
in
meets the minimum output capacitor requirements is
noise-sensitive battery-operated equipment. The de-
suitable. Capacitors with higher ESR may be used,
vice features extremely low dropout, high PSRR,
provided the worst-case ESR is less than 1
Ω.
ultralow output noise, and low quiescent current
(190 µA typically per channel). When both outputs
are disabled, the supply currents are reduced to less
than 2µA. A typical application circuit with sequencing
The internal voltage reference is a key source of
is shown in Figure 24.
noise in an LDO regulator. The TPS713xx has an NR
pin that is connected to the voltage reference through
a 250 k
Ω internal resistor. The 250 kΩ internal
resistor, in conjunction with an external ceramic
bypass capacitor connected to the NR pin, creates a
low-pass filter to reduce the voltage reference noise
and, therefore, the noise at the regulator output. To
achieve a fast startup, the 250 k
Ω internal resistor is
shorted for 400 µs after the device is enabled.
Because the primary noise source is the internal
voltage reference, the output noise will be greater for
higher output voltage versions. For the case where
no noise reduction capacitor is used, the typical noise
(µVrms) over 10 Hz to 100 kHz is 30 times the output
voltage. If a 0.01 µF capacitor is used from the NR
pin to ground, the noise (µVrms) drops to 11.8 times
Figure 24. Typical Application Circuit
the output voltage. For example, the TPS71334 with
(with output sequencing)
the adjustable output set to 2.8 V exhibits only
33 µVrms of output voltage noise using a 0.01 µF
ceramic bypass capacitor and a 2.2 µF ceramic
output capacitor.
REQUIREMENTS
A 0.1 µF or larger ceramic input bypass capacitor,
connected between IN and GND and located close to
To minimize startup overshoot, the TPS713xx will
the TPS713xx, is required for stability. It improves
initially target an output voltage that is approximately
transient response, noise rejection, and ripple rejec-
80% of the final value. To avoid a delayed startup
tion. A higher-value input capacitor may be necessary
time, noise reduction capacitors of 0.01 µF or less
if large, fast-rise-time load transients are anticipated
are recommended. Larger noise reduction capacitors
and the device is located several inches from the
will cause the output to hold at 80% until the voltage
power source.
on the noise reduction capacitor exceeds 80% of the
The TPS713xx requires an output capacitor connec-
bandgap voltage. The typical startup time with a
ted between the outputs and GND to stabilize the
0.001 µF noise reduction capacitor is 60 µs. Once
internal control loops. The minimum recommended
one of the output voltages is present, the startup time
output capacitor is 2.2 µF. If an output voltage of
of the other output will not be affected by the noise
reduction capacitor.
9


Número de pieza similar - TPS71334

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS71334 TI-TPS71334 Datasheet
725Kb / 19P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator with Integrated SVS
TPS71334DRCR TI-TPS71334DRCR Datasheet
374Kb / 15P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator with Integrated SVS
TPS71334DRCR TI-TPS71334DRCR Datasheet
725Kb / 19P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator with Integrated SVS
TPS71334DRCRG4 TI-TPS71334DRCRG4 Datasheet
374Kb / 15P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator with Integrated SVS
TPS71334DRCRG4 TI-TPS71334DRCRG4 Datasheet
725Kb / 19P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator with Integrated SVS
More results

Descripción similar - TPS71334

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS71319 TI-TPS71319_07 Datasheet
725Kb / 19P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator with Integrated SVS
TPS71319 TI-TPS71319 Datasheet
374Kb / 15P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator with Integrated SVS
TPS71202 TI-TPS71202 Datasheet
368Kb / 15P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
TPS71202 TI1-TPS71202_17 Datasheet
964Kb / 21P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
TPS71202DRCT TI-TPS71202DRCT Datasheet
639Kb / 21P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
TPS71202-EP TI1-TPS71202-EP Datasheet
679Kb / 19P
[Old version datasheet]   DUAL, 250-mA OUTPUT, ULTRA-LOW NOISE, HIGH PSRR, LOW-DROPOUT LINEAR REGULATOR
logo
Analog Devices
ADP7185 AD-ADP7185 Datasheet
841Kb / 19P
   ??00 mA, Ultralow Noise, High PSRR, Low Dropout Linear Regulator
Rev. 0
logo
Texas Instruments
TPS79425 TI-TPS79425_15 Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS79428 TI-TPS79428_15 Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS79401 TI-TPS79401 Datasheet
487Kb / 15P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 250-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com