Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS76201DBVRG4 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS76201DBVRG4
Descripción Electrónicos  LOW OUTPUT ADJUSTABLE ULTRALOW-POWER 100-mA LDO LINEAR REGULATOR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS76201DBVRG4 Datasheet(HTML) 3 Page - Texas Instruments

  TPS76201DBVRG4 Datasheet HTML 1Page - Texas Instruments TPS76201DBVRG4 Datasheet HTML 2Page - Texas Instruments TPS76201DBVRG4 Datasheet HTML 3Page - Texas Instruments TPS76201DBVRG4 Datasheet HTML 4Page - Texas Instruments TPS76201DBVRG4 Datasheet HTML 5Page - Texas Instruments TPS76201DBVRG4 Datasheet HTML 6Page - Texas Instruments TPS76201DBVRG4 Datasheet HTML 7Page - Texas Instruments TPS76201DBVRG4 Datasheet HTML 8Page - Texas Instruments TPS76201DBVRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
TPS76201
LOW OUTPUT ADJUSTABLE
ULTRALOW POWER 100mA LDO LINEAR REGULATOR
SLVS323B − FEBRUARY 2001 − REVISED JANUARY 2007
3
electrical characteristics over recommended operating free-air temperature range,
VI = VO(typ) + 1 V, IO = 100 mA, EN = 0 V, Co = 4.7 µF (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output voltage (10 A to 100 mA load) (see Note 4)
0.7 V
≤ VO ≤ 5.5 V,
TJ = 25°C
VO
V
Output voltage (10
µA to 100 mA load) (see Note 4)
0.7 V
≤ VO ≤ 5.5 V,
TJ = −40°C to 125°C
0.97VO
1.03VO
V
Quiescent current (GND current)
EN = 0V,
TJ = 25°C
10
µA < IO < 100 mA
23
A
Quiescent current (GND current)
(see Notes 4 and 5)
EN = 0 V,
TJ = −40°C to 125°C,
10
µA < IO < 100 mA
30
µA
Load regulation
EN = 0 V,
TJ = 25°C
10
µA < IO < 100 mA
12
mV
Output voltage line regulation (
∆VO/VO) (see Note 5)
2.7 V < VI ≤ 10 V,
TJ = 25°C,
See Note 4
0.04
%/V
Output voltage line regulation (
∆VO/VO) (see Note 5)
2.7 V < VI ≤ 10 V,
TJ = −40°C to 125°C, See Note 4
0.1
%/V
Output noise voltage
BW = 300 Hz to 50 kHz, Co = 10 µF,
VO = 0.7 V,
TJ = 25°C
60
µVRMS
Output current limit
VO = 0 V,
See Note 4
350
750
mA
Standby current
EN = VI,
2.7 < VI < 10 V
1
µA
Standby current
TJ = −40°C to 125°C
2
µA
FB input current
FB = 0.666 V
−1
1
µA
High level enable input voltage
2.7 V < VI < 10 V
1.7
V
Low level enable input voltage
2.7 V < VI < 10 V
0.8
V
Power supply ripple rejection
f = 1 kHz,
Co = 10 µF,
TJ = 25°C,
See Note 4
60
dB
Input current (EN)
EN = 0 V
−1
0
1
µA
Input current (EN)
EN = VI
−1
1
µA
NOTES:
4. Minimum IN operating voltage is 2.7 V or VO(typ) + 1 V, whichever is greater. Maximum IN voltage 10 V, minimum output current
10
µA, maximum output current 100 mA.
5. If VO ≤ 1.8 V then VImin = 2.7 V, VImax = 10 V:
Line Reg. (mV)
+ % V
V
O
V
Imax *
2.7 V
100
1000
If VO ≥ 2.5 V then VImin = VO + 1 V, VImax = 10 V:
Line Reg. (mV)
+ % V
V
O
V
Imax *
V
O )
1V
100
1000
www.ti.com


Número de pieza similar - TPS76201DBVRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS76201DBVRG4 TI1-TPS76201DBVRG4 Datasheet
580Kb / 16P
[Old version datasheet]   LOW OUTPUT ADJUSTABLE ULTRALOW-POWER 100-mA LDO LINEAR REGULATOR
More results

Descripción similar - TPS76201DBVRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS76201 TI-TPS76201 Datasheet
200Kb / 11P
[Old version datasheet]   LOW OUTPUT ADJUSTABLE ULTRALOW-POWER 100-mA LDO LINEAR REGULATOR
TPS76201DBVTG4 TI1-TPS76201DBVTG4 Datasheet
580Kb / 16P
[Old version datasheet]   LOW OUTPUT ADJUSTABLE ULTRALOW-POWER 100-mA LDO LINEAR REGULATOR
TPS76201-Q1 TI1-TPS76201-Q1 Datasheet
457Kb / 17P
[Old version datasheet]   Low Output, Adjustable, Ultralow-Power, 100-mA Low-Dropout Linear Regulator
TPS76901-HT TI-TPS76901-HT_15 Datasheet
879Kb / 22P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW DROPOUT LINEAR REGULATOR
TPS76201-Q1 TI-TPS76201-Q1_15 Datasheet
387Kb / 18P
[Old version datasheet]   Low Output, Adjustable, Ultralow-Power, 100-mA Low-Dropout
TPS76901-Q1 TI-TPS76901-Q1 Datasheet
243Kb / 16P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76912QDBVRG4Q1 TI-TPS76912QDBVRG4Q1 Datasheet
1Mb / 22P
[Old version datasheet]   Ultralow-Power 100-mA Low-Dropout Linear Regulators
TPS76901 TI-TPS76901 Datasheet
235Kb / 16P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76901 TI1-TPS76901_16 Datasheet
893Kb / 24P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS769-Q1 TI-TPS769-Q1 Datasheet
1Mb / 22P
[Old version datasheet]   Ultralow-Power 100-mA Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com