Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS71257DRCT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS71257DRCT
Descripción Electrónicos  Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS71257DRCT Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS71257DRCT Datasheet HTML 4Page - Texas Instruments TPS71257DRCT Datasheet HTML 5Page - Texas Instruments TPS71257DRCT Datasheet HTML 6Page - Texas Instruments TPS71257DRCT Datasheet HTML 7Page - Texas Instruments TPS71257DRCT Datasheet HTML 8Page - Texas Instruments TPS71257DRCT Datasheet HTML 9Page - Texas Instruments TPS71257DRCT Datasheet HTML 10Page - Texas Instruments TPS71257DRCT Datasheet HTML 11Page - Texas Instruments TPS71257DRCT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
350
300
250
200
150
100
50
0
100
1k
10k
100k
Frequency (Hz)
I
OUT = 250 mA
C
NR = 0.1 µF
V
OUT = 2.8 V
I
OUT = 10 mA
2.0
1.75
1.5
1.25
1.0
0.75
0.5
0.25
0
100
1k
10k
100k
Frequency (Hz)
0.001
µF
0.047
µF
0.01
µF
0.1
µF
C
OUT = 10 µF
I
OUT = 250 mA
V
OUT = 2.8 V
80
70
60
50
40
30
20
10
0
10
100
1k
10k
100k
1M
10M
Frequency (Hz)
V
OUT = 2.8 V
C
OUT = 2.2 µF
C
NR = 0.01 µF
I
OUT = 1 mA
I
OUT = 250 mA
80
70
60
50
40
30
20
10
0
10
100
1k
10k
100k
1M
10M
Frequency (Hz)
V
OUT = 2.8 V
C
OUT = 10 µF
C
NR = 0.01 µF
I
OUT = 1 mA
I
OUT = 250 mA
80
70
60
50
40
30
20
10
0
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
V
IN − VOUT (V)
f = 1 kHz
f = 10 kHz
f = 100 kHz
V
OUT = 2.8 V
I
OUT = 250 mA
C
OUT = 10 µF
C
NR = 0.01 µF
TPS71202, TPS71219
TPS71229, TPS71247
TPS71256, TPS71257
SBVS049D – MAY 2004 – REVISED AUGUST 2010
www.ti.com
TYPICAL CHARACTERISTICS (continued)
For all voltage versions at TJ = 25°C, VIN = VOUT(nom) + 1 V, IOUT = 1 mA,VEN = 1.2 V, COUT = 2.2 mF, and CNR = 0.01 mF,
unless otherwise noted.
NOISE SPECTRAL DENSITY
COUT = 10 mF
NOISE SPECTRAL DENSITY vs CNR
Figure 19.
Figure 20.
PSRR (RIPPLE REJECTION) vs FREQUENCY
PSRR (RIPPLE REJECTION) vs FREQUENCY
Figure 21.
Figure 22.
PSRR (RIPPLE REJECTION) vs VIN - VOUT
Figure 23.
8
Submit Documentation Feedback
Copyright © 2004–2010, Texas Instruments Incorporated
Product Folder Link(s): TPS71202 TPS71219 TPS71229 TPS71247 TPS71256 TPS71257


Número de pieza similar - TPS71257DRCT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS71257DRCT TI-TPS71257DRCT Datasheet
639Kb / 21P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
TPS71257DRCTG4 TI-TPS71257DRCTG4 Datasheet
639Kb / 21P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
More results

Descripción similar - TPS71257DRCT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS71202 TI-TPS71202 Datasheet
368Kb / 15P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
TPS71202DRCT TI-TPS71202DRCT Datasheet
639Kb / 21P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
TPS71319 TI-TPS71319_07 Datasheet
725Kb / 19P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator with Integrated SVS
TPS71319 TI1-TPS71319_16 Datasheet
1Mb / 20P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator with Integrated SVS
TPS71319 TI-TPS71319 Datasheet
374Kb / 15P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator with Integrated SVS
TPS71202-EP TI1-TPS71202-EP Datasheet
679Kb / 19P
[Old version datasheet]   DUAL, 250-mA OUTPUT, ULTRA-LOW NOISE, HIGH PSRR, LOW-DROPOUT LINEAR REGULATOR
logo
Analog Devices
ADP7185 AD-ADP7185 Datasheet
841Kb / 19P
   ??00 mA, Ultralow Noise, High PSRR, Low Dropout Linear Regulator
Rev. 0
logo
Texas Instruments
TPS79425 TI-TPS79425_15 Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS79428 TI-TPS79428_15 Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS79401 TI-TPS79401 Datasheet
487Kb / 15P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 250-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com