Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BCM5646 Datasheet(PDF) 1 Page - Broadcom Corporation.

No. de pieza BCM5646
Descripción Electrónicos  INTEGRATED MULTI LAYER SWITCH
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BOARDCOM [Broadcom Corporation.]
Página de inicio  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

BCM5646 Datasheet(HTML) 1 Page - Broadcom Corporation.

  BCM5646 Datasheet HTML 1Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BCM5646
®
STRATASWITCH II™ BCM5646 INTEGRATED MULTI-LAYER SWITCH
BCM5646 Application Diagram
24 10/100 Mb and 2 10/100/1000 Mb Ethernet ports
High-speed 2.5-Gbps TurboGigTM stacking link
8.9 Mpps (line rate) switching
1-4 Classes of Service (COS); map to 802.1p priority
IGMP snooping
Integrated (8k) L2 table with auto learning
Integrated (2k) L3 table
Integrated (256 KB) data packet memory
64- or 128-bit-wide SDRAM support
Spanning Tree support per VLAN
DiffServ compliant
Stacking architecture compatible with StrataSwitch ITM
IEEE 802.1Q.D support
Fast Filter Processor (FFP)
- Examines up to the 80th byte of a packet
- Supports TOS and DiffServ field modification
- Bandwith regulation and monitoring per network flow
- Network data flow tracking granular to 1 Mbps
2.5-Gbps TurboGigTM stacking link defines the next generation
of performance for 48-port switching devices
Optimized for 48FE+2GE and 24+2GE switches
New service offerings for ISPs
- Pay for bandwidth consumption
- Voice over IP
- Police over-consumption of network resources
- Line rate switching on all ports
Greater insight to network resource utilization through the
advanced FFP features
More efficient deployment of existing network resources
through insight provided by StrataSwitch IITM feature set
Line rate switching on all ports for:
- Layer 2 switching
- All FFP actions — steering, forwarding, reclassifying
Low device power, 3W (<120 mW/ FE port), enables low-cost
power supplies
High level of integration minimizes PCB layer count and
routing issues
Flexible (128- or 64-bit) SDRAM interface supports low system
cost of memory
FE A T UR E S
SU MM AR Y O F B E N E FI TS
BCM5238
BCM5238
BCM5238
BCM5421
BCM5421
88
8
1G
1G
8
PCI
Bus
StrataSwitch IITM
BCM5646
BCM5238
BCM5238
BCM5238
88
StrataSwitch IITM
BCM5646
2Mx32
SDRAM
2Mx32
SDRAM
2Mx32
SDRAM
2Mx32
SDRAM
TurboGig
TM


Número de pieza similar - BCM5646

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Broadcom Corporation.
BCM5646 BOARDCOM-BCM5646 Datasheet
211Kb / 2P
   10/100/1000BASE-T GIGABIT COPPER TRANSCEIVER
BCM5646 BOARDCOM-BCM5646 Datasheet
107Kb / 2P
   STRATASWITCH II BCM5646 INTEGRATED MULTI-LAYER SWITCH
BCM5646 BOARDCOM-BCM5646_03 Datasheet
107Kb / 2P
   STRATASWITCH II BCM5646 INTEGRATED MULTI-LAYER SWITCH
More results

Descripción similar - BCM5646

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Broadcom Corporation.
BCM5651 BOARDCOM-BCM5651 Datasheet
206Kb / 2P
   StrataXGS TM INTEGRATED MULTI-LAYER SWITCH
BCM5665 BOARDCOM-BCM5665 Datasheet
86Kb / 2P
   STRATAXGS BCM5665 INTEGRATED MULTI-LAYER SWITCH
BCM5650 BOARDCOM-BCM5650 Datasheet
206Kb / 2P
   STRATAXGS BCM5650 INTEGRATED MULTI-LAYER SWITCH
BCM5645 BOARDCOM-BCM5645 Datasheet
104Kb / 2P
   STRATASWITCH II??BCM5645 INTEGRATED MULTI-LAYER SWITCH
BCM5646 BOARDCOM-BCM5646_03 Datasheet
107Kb / 2P
   STRATASWITCH II BCM5646 INTEGRATED MULTI-LAYER SWITCH
BCM5655 BOARDCOM-BCM5655 Datasheet
120Kb / 2P
   STRATAXGS-TM BCM5655 INTEGRATED MULTI-LAYER SWITCH
logo
Central Technologies
CTDIP2012F CT-CTDIP2012F Datasheet
517Kb / 2P
   Multi-layer Diplexer
CTMCA9520 CT-CTMCA9520 Datasheet
310Kb / 3P
   Multi-layer Chip Antennas
logo
Bourns Electronic Solut...
CI100505 BOURNS-CI100505 Datasheet
434Kb / 2P
   Multi-Layer Chip Inductors
logo
KOA Speer Electronics, ...
MCL1JJT KOA-MCL1JJT Datasheet
181Kb / 6P
   Multi Layer Ferrite Inductors
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com