Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
UA7808CKTTRG3 Datasheet(PDF) 5 Page - Texas Instruments |
|
UA7808CKTTRG3 Datasheet(HTML) 5 Page - Texas Instruments |
5 / 26 page uA7805, uA7808, uA7810 uA7812, uA7815, uA7824 www.ti.com SLVS056P – MAY 1976 – REVISED JANUARY 2015 7.5 Electrical Characteristics — uA7805 at specified virtual junction temperature, VI = 10 V, IO = 500 mA (unless otherwise noted) μA7805C PARAMETER TEST CONDITIONS TJ (1) UNIT MIN TYP MAX 25°C 4.8 5 5.2 IO = 5 mA to 1 A, VI = 7 V to 20 V, Output voltage V PD ≤ 15 W 0°C to 125°C 4.75 5.25 VI = 7 V to 25 V 3 100 Input voltage regulation 25°C mV VI = 8 V to 12 V 1 50 VI = 8 V to 12 V, f = 120 Hz 62 78 Ripple rejection(2) 0°C to 125°C dB VI = 8 V to 12 V, f = 120 Hz (KCT) 68 IO = 5 mA to 1.5 A 15 100 Output voltage regulation 25°C mV IO = 250 mA to 750 mA 5 50 Output resistance f = 1 kHz 0°C to 125°C 0.017 Ω Temperature coefficient of output voltage IO = 5 mA 0°C to 125°C –1.1 mV/°C Output noise voltage f = 10 Hz to 100 kHz 25°C 40 μV Dropout voltage IO = 1 A 25°C 2 V Bias current 25°C 4.2 8 mA VI = 7 V to 25 V 1.3 Bias current change 0°C to 125°C mA IO = 5 mA to 1 A 0.5 Short-circuit output current 25°C 750 mA Peak output current 25°C 2.2 A (1) Pulse-testing techniques maintain the junction temperature as close to the ambient temperature as possible. Thermal effects must be taken into account separately. All characteristics are measured with a 0.33- μF capacitor across the input and a 0.1-μF capacitor across the output. (2) This parameter is validated by design and verified during product characterization. It is not tested in production. Copyright © 1976–2015, Texas Instruments Incorporated Submit Documentation Feedback 5 Product Folder Links: uA7805 uA7808 uA7810 uA7812 uA7815 uA7824 |
Número de pieza similar - UA7808CKTTRG3 |
|
Descripción similar - UA7808CKTTRG3 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |