Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SS0130UFN2B Datasheet(PDF) 2 Page - Pan Jit International Inc.

No. de pieza SS0130UFN2B
Descripción Electrónicos  SURFACE MOUNT SCHOTTKY BARRIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PANJIT [Pan Jit International Inc.]
Página de inicio  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SS0130UFN2B Datasheet(HTML) 2 Page - Pan Jit International Inc.

  SS0130UFN2B_16 Datasheet HTML 1Page - Pan Jit International Inc. SS0130UFN2B_16 Datasheet HTML 2Page - Pan Jit International Inc. SS0130UFN2B_16 Datasheet HTML 3Page - Pan Jit International Inc. SS0130UFN2B_16 Datasheet HTML 4Page - Pan Jit International Inc. SS0130UFN2B_16 Datasheet HTML 5Page - Pan Jit International Inc. SS0130UFN2B_16 Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PAGE . 2
April 19,2016-REV.01
SS0130UFN2B
ELECTRICAL CHARACTERISTICS (TA=25
oC unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Breakdown voltage
VBR
I R=10
μATA=25oC30
-
-
V
Instantaneous forward voltage
VF
I F=10mA
I F=100mA
TA=25oC
-
-
0.33
0.74
0.37
1
V
I F=10mA
I F=100mA
TA=125oC
-
-
0.22
0.71
-
-
V
Reverse current
I R
VR=10V
TA=25oC-
-
3
μA
VR=30V
TA=25oC
TA=125oC
-
-
-
500
6
-
μA
μA


Número de pieza similar - SS0130UFN2B_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pan Jit International I...
SS0130UFN2B PANJIT-SS0130UFN2B Datasheet
96Kb / 5P
   Fast switching speed
More results

Descripción similar - SS0130UFN2B_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pan Jit International I...
BAT42WS PANJIT-BAT42WS Datasheet
113Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER
SD103AWS PANJIT-SD103AWS Datasheet
56Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER
logo
Taiwan Semiconductor Co...
TSS42U TSC-TSS42U_14 Datasheet
186Kb / 4P
   Surface Mount Schottky Barrier
logo
Pan Jit International I...
BAT54TG PANJIT-BAT54TG_09 Datasheet
111Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT42W PANJIT-BAT42W_16 Datasheet
211Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54 PANJIT-BAT54_16 Datasheet
147Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54FN2 PANJIT-BAT54FN2_16 Datasheet
191Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54FN2-AU PANJIT-BAT54FN2-AU Datasheet
194Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54STB-AU PANJIT-BAT54STB-AU_16 Datasheet
246Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54TB PANJIT-BAT54TB_16 Datasheet
279Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54TM PANJIT-BAT54TM_16 Datasheet
146Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com