Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FCN14385 Datasheet(PDF) 1 Page - Cree, Inc

No. de pieza FCN14385
Descripción Electrónicos  ANGELINA series
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CREE [Cree, Inc]
Página de inicio  http://www.cree.com/
Logo CREE - Cree, Inc

FCN14385 Datasheet(HTML) 1 Page - Cree, Inc

  FCN14385 Datasheet HTML 1Page - Cree, Inc FCN14385 Datasheet HTML 2Page - Cree, Inc FCN14385 Datasheet HTML 3Page - Cree, Inc FCN14385 Datasheet HTML 4Page - Cree, Inc FCN14385 Datasheet HTML 5Page - Cree, Inc FCN14385 Datasheet HTML 6Page - Cree, Inc FCN14385 Datasheet HTML 7Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PRODUCT DATASHEET
ANGELINA series
last update 3/11/2016
DETAILS
Product Number
FCN14385_ANGELINA-W
Family
ANGELINA
Type
RefPack
Color
metal
Diameter
82 mm
Height
36,24 mm
Style
round
Optic Material
Holder Material
Fastening
screw
Status
production ready
ROHS Comliant
Yes
Date Updated
3/11/2016
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
CXA/B 15xx
46 deg
Wide
93 %
1.200
LEDiL: LEDiL
CXA/B 1816 & CXA/B 1820 & CXA 1850 50 deg
Wide
94 %
1.100
LEDiL: LEDiL
May 25th 2017 4:15 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Número de pieza similar - FCN14385

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cree, Inc
FCN14380 CREE-FCN14380 Datasheet
556Kb / 7P
   ANGELA series
FCN14381 CREE-FCN14381 Datasheet
560Kb / 7P
   ANGELA series
FCN14383 CREE-FCN14383 Datasheet
549Kb / 7P
   ANGELINA series
FCN14384 CREE-FCN14384 Datasheet
558Kb / 7P
   ANGELINA series
FCN14386 CREE-FCN14386 Datasheet
558Kb / 7P
   ANGELINA series
More results

Descripción similar - FCN14385

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cree, Inc
FCN14384 CREE-FCN14384 Datasheet
558Kb / 7P
   ANGELINA series
FCN13694 CREE-FCN13694 Datasheet
2Mb / 38P
   ANGELINA series
FCN14383 CREE-FCN14383 Datasheet
549Kb / 7P
   ANGELINA series
FCN14386 CREE-FCN14386 Datasheet
558Kb / 7P
   ANGELINA series
FCN14647 CREE-FCN14647 Datasheet
1Mb / 30P
   ANGELINA series
FCN13695 CREE-FCN13695 Datasheet
2Mb / 38P
   ANGELINA series
logo
Ledil, Inc.
F13838 LEDIL-F13838 Datasheet
8Mb / 163P
   ANGELINA series
logo
Cree, Inc
FCN13696 CREE-FCN13696 Datasheet
2Mb / 38P
   ANGELINA series
logo
Ledil, Inc.
FC13975 LEDIL-FC13975 Datasheet
1Mb / 21P
   Angelina RefPack
F13660 LEDIL-F13660 Datasheet
6Mb / 110P
   Angelina Reflector
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com