Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT660 Datasheet(PDF) 6 Page - Catalyst Semiconductor

No. de pieza CAT660
Descripción Electrónicos  100mA CMOS Charge Pump Inverter/Doubler
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CATALYST [Catalyst Semiconductor]
Página de inicio  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT660 Datasheet(HTML) 6 Page - Catalyst Semiconductor

Back Button CAT660 Datasheet HTML 2Page - Catalyst Semiconductor CAT660 Datasheet HTML 3Page - Catalyst Semiconductor CAT660 Datasheet HTML 4Page - Catalyst Semiconductor CAT660 Datasheet HTML 5Page - Catalyst Semiconductor CAT660 Datasheet HTML 6Page - Catalyst Semiconductor CAT660 Datasheet HTML 7Page - Catalyst Semiconductor CAT660 Datasheet HTML 8Page - Catalyst Semiconductor CAT660 Datasheet HTML 9Page - Catalyst Semiconductor CAT660 Datasheet HTML 10Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
CAT660
6
Doc. No. 5000, Rev. U
The 1/FC1 term can be modeled as an equivalent
impedance REQ. A simple equivalent circuit is shown in
figure 3. This circuit does not include the switch
resistance nor does it include output voltage ripple. It
does allow one to understand the switch-capacitor
topology and make prudent engineering tradeoffs.
For example, power conversion efficiency is set by the
output impedance, which consists of REQ and switch
resistance. As switching frequency is decreased, REQ,
the 1/FC1 term, will dominate the output impedance,
causing higher voltage losses and decreased efficiency.
As the frequency is increased quiescent current
increases. At high frequency this current becomes
significant and the power efficiency degrades.
The oscillator is designed to operate where voltage
losses are a minimum. With external 150
µF capacitors,
the internal switch resistances and the Equivalent Series
Resistance (ESR) of the external capacitors determine
the effective output impedance.
A block diagram of the CAT660 is shown in figure 4. The
CAT660 is a replacement for the MAX660 and the
LTC660.
Figure 2. Switched-Capacitor Building Block
Figure 3. Switched-Capacitor Equivalent Circuit
APPLICATION INFORMATION
Circuit Description and Operating Theory
The CAT660 switches capacitors to invert or double an
input voltage.
Figure 2 shows a simple switch capacitor circuit. In
position 1 capacitor C1 is charged to voltage V1. The
total charge on C1 is Q1 = C1V1. When the switch
moves to position 2, the input capacitor C1 is discharged
to voltage V2. After discharge, the charge on C1 is Q2 =
C1V2.
The charge transferred is:
∆Q = Q1 - Q2 = C1 × (V1 - V2)
If the switch is cycled "F" times per second, the current
(charge transfer per unit time) is:
I = F
× ∆Q = F × C1 (V1 - V2)
Rearranging in terms of impedance:
I=
(V1-V2)
V1-V2
(1/FC1)
REQ
=
V1
C1
C2
RL
V2
V1
C2
RL
V2
REQ
REQ =
1
FC1


Número de pieza similar - CAT660

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT660 CATALYST-CAT660 Datasheet
867Kb / 28P
   Catalyst Semiconductor
CAT660 CATALYST-CAT660 Datasheet
174Kb / 16P
   100mA CMOS Charge Pump Inverter/Doubler
logo
ON Semiconductor
CAT660 ONSEMI-CAT660 Datasheet
157Kb / 15P
   100 mA CMOS Charge Pump Inverter/Doubler
May, 2010 ??Rev. 24
CAT660 ONSEMI-CAT660 Datasheet
142Kb / 13P
   100 mA CMOS Charge Pump Inverter/Doubler
July, 2012 ??Rev. 26
CAT660B ONSEMI-CAT660B Datasheet
142Kb / 13P
   100 mA CMOS Charge Pump Inverter/Doubler
July, 2012 ??Rev. 26
More results

Descripción similar - CAT660

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAT660ELA ONSEMI-CAT660ELA Datasheet
177Kb / 16P
   100mA CMOS Charge Pump Inverter/Doubler
Doc. No. MD-5000, Rev. X
logo
Catalyst Semiconductor
CAT660 CATALYST-CAT660_07 Datasheet
174Kb / 16P
   100mA CMOS Charge Pump Inverter/Doubler
CAT661 CATALYST-CAT661 Datasheet
488Kb / 16P
   High Frequency 100mA CMOS Charge Pump, Inverter/Doubler
logo
ON Semiconductor
CAT661ELA ONSEMI-CAT661ELA Datasheet
183Kb / 17P
   High Frequency 100mA CMOS Charge Pump, Inverter/Doubler
Doc. No. MD-5003, Rev. L
logo
Catalyst Semiconductor
CAT661 CATALYST-CAT661_07 Datasheet
173Kb / 17P
   High Frequency 100mA CMOS Charge Pump, Inverter/Doubler
logo
ON Semiconductor
CAT660 ONSEMI-CAT660 Datasheet
157Kb / 15P
   100 mA CMOS Charge Pump Inverter/Doubler
May, 2010 ??Rev. 24
CAT660EVA-GT3 ONSEMI-CAT660EVA-GT3 Datasheet
142Kb / 13P
   100 mA CMOS Charge Pump Inverter/Doubler
July, 2012 ??Rev. 26
CAT661 ONSEMI-CAT661 Datasheet
164Kb / 16P
   High Frequency 100 mA CMOS Charge Pump, Inverter/Doubler
May, 2010 ??Rev. 11
CAT661 ONSEMI-CAT661_12 Datasheet
142Kb / 14P
   High Frequency 100 mA CMOS Charge Pump, Inverter/Doubler
July, 2012 ??Rev. 12
logo
Sipex Corporation
SP6660 SIPEX-SP6660 Datasheet
284Kb / 22P
   200mA Charge Pump Inverter or Doubler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com