Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS7A4501 Datasheet(PDF) 1 Page - Texas Instruments

No. de pieza TPS7A4501
Descripción Electrónicos  Low-Noise Fast-Transient-Response 1.5-A Low-Dropout Voltage Regulators
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7A4501 Datasheet(HTML) 1 Page - Texas Instruments

  TPS7A4501 Datasheet HTML 1Page - Texas Instruments TPS7A4501 Datasheet HTML 2Page - Texas Instruments TPS7A4501 Datasheet HTML 3Page - Texas Instruments TPS7A4501 Datasheet HTML 4Page - Texas Instruments TPS7A4501 Datasheet HTML 5Page - Texas Instruments TPS7A4501 Datasheet HTML 6Page - Texas Instruments TPS7A4501 Datasheet HTML 7Page - Texas Instruments TPS7A4501 Datasheet HTML 8Page - Texas Instruments TPS7A4501 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
0
50
100
150
200
250
300
350
400
450
500
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
Output Current – A
TA = 25°C
TA = 125°C
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
TPS7A4501, TPS7A4515, TPS7A4518, TPS7A4525, TPS7A4533
SLVS720F – JUNE 2008 – REVISED NOVEMBER 2015
TPS7A45xx Low-Noise Fast-Transient-Response 1.5-A Low-Dropout Voltage Regulators
1 Features
3 Description
The TPS7A45xx devices are low-dropout (LDO)
1
Optimized for Fast Transient Response
regulators optimized for fast transient response. The
Output Current: 1.5 A
device can supply 1.5 A of output current with a
High Output Voltage Accuracy: 1% at 25°C
dropout voltage of 300 mV. Operating quiescent
current is 1 mA, dropping to less than 1
μA in
Dropout Voltage: 300 mV
shutdown. Quiescent current is well controlled; it does
Low Noise: 35
μVRMS (10 Hz to 100 kHz)
not rise in dropout as with many other regulators. In
High Ripple Rejection: 68 dB at 1 kHz
addition to fast transient response, the TPS7A45xx
regulators have very-low output noise, which makes
1-mA Quiescent Current
them ideal for sensitive RF supply applications.
No Protection Diodes Needed
Output voltage range is from 1.21 to 20 V. The
Controlled Quiescent Current in Dropout
TPS7A45xx
regulators
are
stable
with
output
Fixed Output Voltages: 1.5 V, 1.8 V, 2.5 V, 3.3 V
capacitance as low as 10
μF. Small ceramic
Adjustable Output from 1.21 V to 20 V
capacitors can be used without the necessary
(TPS7A4501 Only)
addition of ESR as is common with other regulators.
Internal protection circuitry includes reverse-battery
Less Than 1-
μA Quiescent Current in Shutdown
protection, current limiting, thermal limiting, and
Stable With 10-
μF Ceramic Output Capacitor
reverse-current protection. The devices are available
Reverse-Battery Protection
in fixed output voltages of 1.5 V, 1.8 V, 2.5 V, 3.3 V,
Reverse Current Protection
and as an adjustable device with a 1.21-V reference
voltage.
2 Applications
Device Information(1)
Industrial
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Wireless Infrastructure
SOT-223 (6)
6.50 mm × 7.06 mm
TPS7A45xx
Radio-Frequency Systems
TO-263 (5)
10.16 mm × 15.24 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic
Dropout Voltage vs Output Current
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Número de pieza similar - TPS7A4501

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS7A4501 TI-TPS7A4501 Datasheet
816Kb / 25P
[Old version datasheet]   LOW-NOISE FAST-TRANSIENT-RESPONSE 1.5-A LDO VOLTAGE REGULATORS
TPS7A4501 TI1-TPS7A4501 Datasheet
2Mb / 36P
[Old version datasheet]   Low-Noise Fast-Transient-Response 1.5A Low-Dropout Voltage Regulators
TPS7A4501-SP TI-TPS7A4501-SP Datasheet
587Kb / 29P
[Old version datasheet]   Low-Dropout Voltage Regulator
TPS7A4501-SP TI-TPS7A4501-SP Datasheet
784Kb / 31P
[Old version datasheet]   TPS7A4501-SP Low-Dropout Voltage Regulator
REVISED AUGUST 2015
TPS7A4501-SP TI-TPS7A4501-SP_15 Datasheet
587Kb / 29P
[Old version datasheet]   Low-Dropout Voltage Regulator
More results

Descripción similar - TPS7A4501

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS7A4501 TI-TPS7A4501_15 Datasheet
3Mb / 37P
[Old version datasheet]   TPS7A45xx Low-Noise Fast-Transient-Response 1.5-A Low-Dropout Voltage Regulators
TPS75301-EP TI1-TPS75301-EP Datasheet
882Kb / 33P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75101QPWPRQ1 TI1-TPS75101QPWPRQ1 Datasheet
979Kb / 32P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75101Q TI-TPS75101Q Datasheet
764Kb / 35P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75301-Q1 TI1-TPS75301-Q1 Datasheet
557Kb / 31P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75101-Q1 TI1-TPS75101-Q1 Datasheet
448Kb / 29P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS7A4515 TI-TPS7A4515 Datasheet
816Kb / 25P
[Old version datasheet]   LOW-NOISE FAST-TRANSIENT-RESPONSE 1.5-A LDO VOLTAGE REGULATORS
TPS7A45XX_0808 TI-TPS7A45XX_0808 Datasheet
816Kb / 25P
[Old version datasheet]   LOW-NOISE FAST-TRANSIENT-RESPONSE 1.5-A LDO VOLTAGE REGULATORS
TPS7A45XX TI-TPS7A45XX Datasheet
423Kb / 19P
[Old version datasheet]   LOW-NOISE, FAST-TRANSIENT-RESPONSE 1.5-A LDO VOLTAGE REGULATORS
TPS7A45XX TI-TPS7A45XX_09 Datasheet
818Kb / 25P
[Old version datasheet]   LOW-NOISE FAST-TRANSIENT-RESPONSE 1.5-A LDO VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com