Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS7A16-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS7A16-Q1
Descripción Electrónicos  60-V, 5-uA IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7A16-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  TPS7A16-Q1 Datasheet HTML 1Page - Texas Instruments TPS7A16-Q1 Datasheet HTML 2Page - Texas Instruments TPS7A16-Q1 Datasheet HTML 3Page - Texas Instruments TPS7A16-Q1 Datasheet HTML 4Page - Texas Instruments TPS7A16-Q1 Datasheet HTML 5Page - Texas Instruments TPS7A16-Q1 Datasheet HTML 6Page - Texas Instruments TPS7A16-Q1 Datasheet HTML 7Page - Texas Instruments TPS7A16-Q1 Datasheet HTML 8Page - Texas Instruments TPS7A16-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
TPS7A16XX-Q1
OUT
GND
C
IN
IN
EN
V
IN
V
OUT
V
EN
R
PG
DELAY
C
DELAY
PG
C
OUT
V
PG
mC1
IO1
IO2
IO3
mC2
EN
VCC
12 V
60 V
t
V
IN
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TPS7A1601-Q1, TPS7A1633-Q1, TPS7A1650-Q1
SBVS188D – MARCH 2012 – REVISED MAY 2016
TPS7A16xx-Q1 60-V, 5-µA IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and
Power-Good
1
1 Features
1
Qualified for Automotive Applications
AEC-Q100 Qualified With the Following Results:
Device Temperature Grade 1: –40°C to 125°C
Ambient Operating Temperature Range
Device HBM ESD Classification Level H2
Device CDM ESD Classification Level C3B
Wide Input Voltage Range: 3 V to 60 V
Ultralow Quiescent Current: 5 µA
Quiescent Current at Shutdown: 1 µA
Output Current: 100 mA
Low Dropout Voltage: 60 mV at 20 mA
Accuracy: 2%
Available in:
Fixed Output Voltage: 3.3 V, 5 V
Adjustable Version From Approximately 1.2 to
18.5 V
Power-Good With Programable Delay
Current-Limit and Thermal Shutdown Protections
Stable With Ceramic Output Capactors:
≥ 2.2 µF
Package: High-Thermal-Performance MSOP-8
PowerPAD™ Package
2 Applications
High Cell-Count Battery Packs for Power Tools
and Other Battery-Powered Microprocessor and
Microcontroller Systems
Car Audio, Navigation, Infotainment, and Other
Automotive Systems
Power Supplies for Notebook PCs, Digital TVs,
and Private LAN Systems
Smoke or CO2 Detectors and Battery-Powered
Alarm or Security Systems
3 Description
The
TPS7A16xx-Q1
ultralow-power,
low-dropout
(LDO) voltage regulators offer the benefits of ultralow
quiescent
current,
high
input
voltage,
and
miniaturized, high-thermal-performance packaging.
The
TPS7A16xx-Q1
devices
are
designed
for
continuous or sporadic (power backup) battery-
powered
applications
where
ultralow
quiescent
current is critical to extending system battery life.
The TPS7A16xx-Q1 devices offer an enable pin (EN)
compatible
with
standard
CMOS
logic
and
an
integrated open-drain active-high power-good output
(PG) with a user-programmable delay. These pins are
intended for use in microcontroller-based, battery-
powered applications where power-rail sequencing is
required.
In addition, the TPS7A16xx-Q1 devices are ideal for
generating
a
low-voltage
supply
from
multicell
solutions ranging from high-cell-count power-tool
packs to automotive applications; not only can these
devices supply a well-regulated voltage rail, but they
can also withstand and maintain regulation during
voltage transients. These features translate to simpler
and more cost-effective, electrical surge-protection
circuitry.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS7A1601-Q1
HVSSOP (8)
3.00 mm x 3.00 mm
TPS7A1633-Q1
TPS7A1650-Q1
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Typical Application Schematic


Número de pieza similar - TPS7A16-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS7A16 TI1-TPS7A16 Datasheet
765Kb / 22P
[Old version datasheet]   60-V, 5-關A IQ, 100-mA, Low-Dropout VOLTAGE REGULATOR
TPS7A16 TI-TPS7A16 Datasheet
1Mb / 32P
[Old version datasheet]   TPS7A16 60-V, 5-關A IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
TPS7A1601 TI1-TPS7A1601 Datasheet
765Kb / 22P
[Old version datasheet]   60-V, 5-關A IQ, 100-mA, Low-Dropout VOLTAGE REGULATOR with Enable and Power-Good
TPS7A1601-Q1 TI1-TPS7A1601-Q1 Datasheet
945Kb / 26P
[Old version datasheet]   60-V, 5-關A IQ, 100-mA, Low-Dropout VOLTAGE REGULATOR With Enable and Power-Good
TPS7A1601-Q1 TI-TPS7A1601-Q1_15 Datasheet
1Mb / 29P
[Old version datasheet]   TPS7A16xx-Q1 60-V, 5-?a IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
More results

Descripción similar - TPS7A16-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS7A16A-Q1 TI1-TPS7A16A-Q1 Datasheet
540Kb / 24P
[Old version datasheet]   60-V, 5-uA IQ, 100-mA, low-dropout voltage regulator with enable and power-good
TPS7A1601-Q1 TI1-TPS7A1601-Q1 Datasheet
945Kb / 26P
[Old version datasheet]   60-V, 5-關A IQ, 100-mA, Low-Dropout VOLTAGE REGULATOR With Enable and Power-Good
TPS7A16A TI-TPS7A16A Datasheet
1Mb / 25P
[Old version datasheet]   TPS7A16A 60-V, 5-μA IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
MAY 2022
TPS7A1601 TI1-TPS7A1601 Datasheet
765Kb / 22P
[Old version datasheet]   60-V, 5-關A IQ, 100-mA, Low-Dropout VOLTAGE REGULATOR with Enable and Power-Good
TPS7A1650-Q1 TI-TPS7A1650-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   TPS7A16xx-Q1 60-V, 5-?a IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
TPS7A16 TI-TPS7A16_15 Datasheet
1Mb / 32P
[Old version datasheet]   TPS7A16 60-V, 5-關A IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
TPS7A1633-Q1 TI-TPS7A1633-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   TPS7A16xx-Q1 60-V, 5-?a IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
TPS7A1601-Q1 TI-TPS7A1601-Q1_15 Datasheet
1Mb / 29P
[Old version datasheet]   TPS7A16xx-Q1 60-V, 5-?a IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
TPS7A16 TI1-TPS7A16 Datasheet
765Kb / 22P
[Old version datasheet]   60-V, 5-關A IQ, 100-mA, Low-Dropout VOLTAGE REGULATOR
logo
ON Semiconductor
NCV4266-2C ONSEMI-NCV4266-2C Datasheet
86Kb / 11P
   150 mA Low Iq, Low-Dropout Voltage Regulator with Enable
March, 2015 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com