Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS7B67-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS7B67-Q1
Descripción Electrónicos  450-mA High-Voltage Ultra-Low IQ Low-Dropout Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7B67-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  TPS7B67-Q1 Datasheet HTML 1Page - Texas Instruments TPS7B67-Q1 Datasheet HTML 2Page - Texas Instruments TPS7B67-Q1 Datasheet HTML 3Page - Texas Instruments TPS7B67-Q1 Datasheet HTML 4Page - Texas Instruments TPS7B67-Q1 Datasheet HTML 5Page - Texas Instruments TPS7B67-Q1 Datasheet HTML 6Page - Texas Instruments TPS7B67-Q1 Datasheet HTML 7Page - Texas Instruments TPS7B67-Q1 Datasheet HTML 8Page - Texas Instruments TPS7B67-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
VO
VI
TPS7B6701-Q1
Vreg
RESET
EN
DELAY
ADJ
GND
Vbat
VO
VI
TPS7B6733-Q1
TPS7B6750-Q1
Vreg
RESET
EN
DELAY
GND
Vbat
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPS7B6701-Q1
TPS7B6733-Q1, TPS7B6750-Q1
SLVSCB2C – OCTOBER 2013 – REVISED DECEMBER 2014
TPS7B67xx-Q1 450-mA High-Voltage Ultra-Low IQ Low-Dropout Regulator
1 Features
2 Applications
1
Qualified for Automotive Applications
Automotive
AEC-Q100 Qualified With the Following Results
Infotainment Tuner Supply
Body Control Modules
Device Temperature Grade 1: –40°C to 125°C
Ambient Operating Temperature Range
Always-ON Battery Applications
Device HBM ESD Classification Level H2
Gateway Applications
Device CDM ESD Classification Level C3B
Remote Keyless Entry Systems
4 to 40-V Wide-VIN Input-Voltage Range With up
Immobilizers
to 45-V Transient
3 Description
Maximum Output Current, 450 mA
The
TPS7B6701-Q1,
TPS7B6733-Q1,
and
Low Quiescent Current (IQ))
TPS7B6750-Q1 devices (TPS7B67xx-Q1) are low-
< 4 µA When EN = Low (Shutdown Mode)
dropout linear regulators designed for up to 40-V VIN
15 µA Typical at Light Loads
operations. With only 15-µA quiescent current at light
load which greatly increases the endurance time of
Low-ESR (0.001 to 20
Ω) Ceramic Output-Stability
the automotive battery, the devices drive loads up to
Capacitor (10 to 500 µF When VO ≥ 2.5 V, 22 to
450 mA.
500 µF when VO = 1.5 to 2.5 V)
Maximum Dropout Voltage 450 mV at 400 mA
The TPS7B67xx-Q1 family of devices features an
integrated short-circuit and overcurrent protection.
Adjustable 1.5 to 18-V Output Voltages
Reset delay and power-good signal are implemented
Low-Input Voltage Tracking to UVLO
on power-up to indicate that the output voltage is
Integrated Power-On Reset
stable and is in regulation. An external capacitor
programs the delay. The enable function activates
Programmable-Reset Pulse Delay
and deactivates the device with an I/O port from the
Open-Drain Reset Output
MCU.
Integrated Fault Protection
The device family operates at a temperature range of
Thermal Shutdown
–40°C to 125°C.
Short-Circuit Protection
Device Information
20-Pin HTSSOP Package
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS7B6701-Q1
TPS7B6733-Q1
HTSSOP (20)
6.50 mm × 4.40 mm
TPS7B6750-Q1
4 Typical Application Schematic
Adjustable Output Option
Fixed Output Option
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Número de pieza similar - TPS7B67-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS7B6701-Q1 TI1-TPS7B6701-Q1 Datasheet
1Mb / 24P
[Old version datasheet]   450-mA High-Voltage Ultra-Low IQ Low-Dropout Regulator
TPS7B6701-Q1 TI-TPS7B6701-Q1_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPS7B67xx-Q1 450-mA High-Voltage Ultra-Low IQ Low-Dropout Regulator
TPS7B6701QKTTRQ1 TI1-TPS7B6701QKTTRQ1 Datasheet
1Mb / 24P
[Old version datasheet]   450-mA High-Voltage Ultra-Low IQ Low-Dropout Regulator
TPS7B6701QPWPRQ1 TI1-TPS7B6701QPWPRQ1 Datasheet
1Mb / 24P
[Old version datasheet]   450-mA High-Voltage Ultra-Low IQ Low-Dropout Regulator
TPS7B6733-Q1 TI1-TPS7B6733-Q1 Datasheet
1Mb / 24P
[Old version datasheet]   450-mA High-Voltage Ultra-Low IQ Low-Dropout Regulator
More results

Descripción similar - TPS7B67-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS7B6701-Q1 TI1-TPS7B6701-Q1 Datasheet
1Mb / 24P
[Old version datasheet]   450-mA High-Voltage Ultra-Low IQ Low-Dropout Regulator
TPS7B6701-Q1 TI-TPS7B6701-Q1_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPS7B67xx-Q1 450-mA High-Voltage Ultra-Low IQ Low-Dropout Regulator
TPS7B6925-Q1 TI1-TPS7B6925-Q1_16 Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage Ultra-Low IQ Low-Dropout Regulator
TPS7B6925-Q1 TI1-TPS7B6925-Q1_17 Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage Ultra-Low IQ Low-Dropout Regulator
logo
ON Semiconductor
NCP3335A ONSEMI-NCP3335A_07 Datasheet
283Kb / 21P
   Ultra High Accuracy, Low Iq, 500 mA Low Dropout Regulator
May, 2007 - Rev. 4
NCP3335 ONSEMI-NCP3335 Datasheet
128Kb / 8P
   High Accuracy Ultra-low Iq, 500 mA Low Dropout Regulator
April, 2005 ??Rev. 1
NCP3335A ONSEMI-NCP3335A_13 Datasheet
273Kb / 21P
   Ultra High Accuracy, Low Iq, 500 mA Low Dropout Regulator
June, 2013 ??Rev. 5
NCP3335 ONSEMI-NCP3335_06 Datasheet
267Kb / 9P
   Ultra High Accuracy, Low Iq, 500 mA Low Dropout Regulator
September, 2006 ??Rev. 5
NCP3335A ONSEMI-NCP3335A Datasheet
128Kb / 15P
   Ultra High Accuracy, Low Iq, 500 mA Low Dropout Regulator
April, 2006 ??Rev. 3
NCV8716 ONSEMI-NCV8716_16 Datasheet
668Kb / 17P
   80 mA Ultra-Low Iq, Wide Input Voltage Low Dropout Regulator
August, 2016 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com