Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS40061 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS40061
Descripción Electrónicos  WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40061 Datasheet(HTML) 3 Page - Texas Instruments

  TPS40061 Datasheet HTML 1Page - Texas Instruments TPS40061 Datasheet HTML 2Page - Texas Instruments TPS40061 Datasheet HTML 3Page - Texas Instruments TPS40061 Datasheet HTML 4Page - Texas Instruments TPS40061 Datasheet HTML 5Page - Texas Instruments TPS40061 Datasheet HTML 6Page - Texas Instruments TPS40061 Datasheet HTML 7Page - Texas Instruments TPS40061 Datasheet HTML 8Page - Texas Instruments TPS40061 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
TPS40060
TPS40061
www.ti.com
SLUS543F – DECEMBER 2002 – REVISED JUNE 2013
ELECTRICAL CHARACTERISTICS
TA = –40°C to 85°C, VIN = 24 Vdc, RT = 165 kΩ, IKFF = 113 µA, fSW = 300 kHz, all parameters at zero power dissipation (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT SUPPLY
VIN
Input voltage range, VIN
10
55
V
OPERATING CURRENT
IDD
Quiescent current
Output drivers not switching
1.5
2.5
mA
5-V REFERENCE
VBP5
Input voltage
4.5
5.0
5.5
V
OSCILLATOR/RAMP GENERATOR(1)
fOSC
Frequency
270
300
330
kHz
VRAMP PWM ramp voltage
(2)
2
VIH
High-level input voltage, SYNC
2
V
VIL
Low-level input voltage, SYNC
0.8
ISYNC
Input current, SYNC
5
10
µA
Pulse width, SYNC
Pulse amplitude = 5 V
50
ns
VRT
RT voltage
2.32
2.50
2.68
V
Maximum duty cycle
VFB = 0 V, 100 kHz ≤ fSW≤ 1 MHz
85%
98%
Minimum duty cycle
VFB ≥ 0.75 V
0%
VKFF
Feed-forward voltage
3.35
3.50
3.65
V
IKFF
Feed-forward current operating range(2)
20
1100
µA
SS/SD (SOFT START)
ISS
Soft-start source current
1.5
2.3
2.9
µA
VSS
Soft-start clamp voltage
3.1
3.7
4.0
V
tDSCH
Discharge time
CSS = 220 pF
1.6
2.2
2.9
µs
tSS
Soft-start time
CSS = 220 pF, 0 V ≤ VSS ≤ 1.6 V
120
155
235
SS/SD (SHUTDOWN)
VSD
Shutdown threshold voltage
90
130
160
VEN
Device action threshold voltage
170
210
260
mV
Hysteresis
80
10-V REFERENCE
VBP10
Input voltage
9.0
9.7
10.7
V
ERROR AMPLIFIER
TA = 25°C
0.698
0.700
0.704
VFB
Feedback regulation voltage
0°C
≤ TA ≤ 85°C
0.690
0.700
0.707
V
0.690
0.700
0.715
GBW
Gain bandwidth
3
5
MHz
AVOL
Open loop gain
60
80
dB
IOH
High-level output source current
VCOMP = 2.0 V, VFB = 0 V
1.5
4.0
mA
IOL
Low-level output sink current
VCOMP = 2.0 V, VFB = 1 V
2.5
4.0
IBIAS
Input bias current
VFB = 0.7 V
100
300
nA
VOH
High-level output voltage
IOH = 0.5 mA, VFB = 0 V
3.25
3.45
3.60
V
VOL
Low-level output voltage
IOL = 0.5 mA, VFB = 1 V
0.050
0.215
0.350
(1)
KFF current (IKFF) increases with SYNC frequency (fSYNC) and decreases with maximum duty cycle (DMAX).
(2)
Ensured by design. Not production tested.
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS40060 TPS40061


Número de pieza similar - TPS40061

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS40061 TI-TPS40061 Datasheet
373Kb / 28P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40061 TI1-TPS40061 Datasheet
1Mb / 37P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40061PWP TI-TPS40061PWP Datasheet
373Kb / 28P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40061PWP TI1-TPS40061PWP Datasheet
1Mb / 37P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40061PWPG4 TI1-TPS40061PWPG4 Datasheet
1Mb / 37P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
More results

Descripción similar - TPS40061

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS40050 TI-TPS40050 Datasheet
275Kb / 30P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40054 TI1-TPS40054_14 Datasheet
1Mb / 37P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40057PWPG4 TI-TPS40057PWPG4 Datasheet
1Mb / 35P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40060 TI-TPS40060 Datasheet
373Kb / 28P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40050-Q1 TI-TPS40050-Q1 Datasheet
345Kb / 32P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40055-EP TI-TPS40055-EP_15 Datasheet
2Mb / 35P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40052 TI-TPS40052 Datasheet
452Kb / 30P
[Old version datasheet]   WIDE INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40060EVM TI1-TPS40060EVM Datasheet
1Mb / 37P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40052PWPR TI-TPS40052PWPR Datasheet
851Kb / 33P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40055-EP TI1-TPS40055-EP Datasheet
2Mb / 36P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com