Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS51275 Datasheet(PDF) 3 Page - Texas Instruments

No. de pieza TPS51275
Descripción Electrónicos  Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS51275 Datasheet(HTML) 3 Page - Texas Instruments

  TPS51275_17 Datasheet HTML 1Page - Texas Instruments TPS51275_17 Datasheet HTML 2Page - Texas Instruments TPS51275_17 Datasheet HTML 3Page - Texas Instruments TPS51275_17 Datasheet HTML 4Page - Texas Instruments TPS51275_17 Datasheet HTML 5Page - Texas Instruments TPS51275_17 Datasheet HTML 6Page - Texas Instruments TPS51275_17 Datasheet HTML 7Page - Texas Instruments TPS51275_17 Datasheet HTML 8Page - Texas Instruments TPS51275_17 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
TPS51275, TPS51275B, TPS51275C
www.ti.com
SLUSB45B – JUNE 2012 – REVISED MARCH 2013
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
VALUE
UNIT
MIN
MAX
VBST1, VBST2
–0.3
32
VBST1, VBST2(3)
–0.3
6
SW1, SW2
–6.0
26
Input voltage(2)
VIN
–0.3
26
V
EN1, EN2
–0.3
6
VFB1, VFB2
–0.3
3.6
VO1
–0.3
6
DRVH1, DRVH2
–6.0
32
DRVH1, DRVH2(3)
–0.3
6
DRVH1, DRVH2(3) (pulse width < 20 ns)
–2.5
6
Output voltage(2)
DRVL1, DRVL2
–0.3
6
V
DRVL1, DRVL2 (pulse width < 20 ns)
–2.5
6
PGOOD, VCLK, VREG5
–0.3
6
VREG3, CS1, CS2
–0.3
3.6
HBM QSS 009-105 (JESD22-A114A)
2
Electrostatic discharge
kV
CDM QSS 009-147 (JESD22-C101B.01)
1
Junction temperature, TJ
150
°C
Storage temperature, TST
–55
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to the network ground terminal unless otherwise noted
(3)
Voltage values are with respect to SW terminals.
THERMAL INFORMATION
TPS51275
TPS51275B
THERMAL METRIC(1)
UNITS
TPS51275C
20-PIN RUK
θJA
Junction-to-ambient thermal resistance
94.1
θJCtop
Junction-to-case (top) thermal resistance
58.1
θJB
Junction-to-board thermal resistance
64.3
°C/W
ψJT
Junction-to-top characterization parameter
31.8
ψJB
Junction-to-board characterization parameter
58.0
θJCbot
Junction-to-case (bottom) thermal resistance
5.9
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3


Número de pieza similar - TPS51275_17

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS51275 TI-TPS51275_13 Datasheet
1Mb / 31P
[Old version datasheet]   Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
More results

Descripción similar - TPS51275_17

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS51275 TI-TPS51275_13 Datasheet
1Mb / 31P
[Old version datasheet]   Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
TPS51275 TI1-TPS51275 Datasheet
1Mb / 28P
[Old version datasheet]   Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
TPS51225 TI1-TPS51225_17 Datasheet
1Mb / 31P
[Old version datasheet]   Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
TPS51225 TI1-TPS51225 Datasheet
1Mb / 31P
[Old version datasheet]   Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
TPS51275B-1 TI-TPS51275B-1_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS51275B-1 Dual Synchronous, Step-Down Controller With 5-V and 3.3-V LDOs
logo
Vishay Siliconix
SI9130DB VISHAY-SI9130DB Datasheet
157Kb / 4P
   5- and 3.3-V Step-Down Synchronous Converters
10-Feb-97
logo
Analog Devices
ADP2325 AD-ADP2325 Datasheet
853Kb / 32P
   Dual 5 A, 20 V Synchronous Step-Down
REV. 0
logo
Texas Instruments
TPS51285A TI1-TPS51285A_16 Datasheet
1Mb / 29P
[Old version datasheet]   Ultra-Low Quiescent (ULQ) Dual Synchronous Step-Down Controller with 5V and 3.3V LDOs
TPS51285A TI-TPS51285A Datasheet
1Mb / 32P
[Old version datasheet]   Ultra-Low Quiescent (ULQ?? Dual Synchronous Step-Down Controller with 5V and 3.3V LDOs
logo
Richtek Technology Corp...
RT6575C RICHTEK-RT6575C Datasheet
282Kb / 22P
   Dual-Channel Synchronous DC-DC Step-Down Controller with 5V/3.3V LDOs
November 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com