Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS2413D Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS2413D
Descripción Electrónicos  N1 and ORing Power Rail Controller
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2413D Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS2413D Datasheet HTML 3Page - Texas Instruments TPS2413D Datasheet HTML 4Page - Texas Instruments TPS2413D Datasheet HTML 5Page - Texas Instruments TPS2413D Datasheet HTML 6Page - Texas Instruments TPS2413D Datasheet HTML 7Page - Texas Instruments TPS2413D Datasheet HTML 8Page - Texas Instruments TPS2413D Datasheet HTML 9Page - Texas Instruments TPS2413D Datasheet HTML 10Page - Texas Instruments TPS2413D Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
V
at2V/div
(GATE)
I
at2A/div
(GATE)
Delay=70ns,V
=1Vat113ns
(GATE)
V
at20mV/div
(AC)
20ns/div
V(AC)
GATE
I(GATE
V
at20mV/div
(AC)
I
at2 A/div
(GATE)
V
at5V/div
(GATE)
Delay=68ns,V
=12Vat103ns
(GATE)
V(AC)
GATE
I(GATE
20ns/div
TPS2412, TPS2413
www.ti.com
SLVS728C – JANUARY 2007 – REVISED NOVEMBER 2015
Typical Characteristics (continued)
Figure 6. Turnoff Time With
Figure 7. Turnoff Time With
C(GATE) = 10 nF and V(AC) = -20 mV (VDD = VA = 12 V)
C(GATE) = 10 nF and V(AC) = -20 mV (VDD = 5, VA = 1 V)
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS2412 TPS2413


Número de pieza similar - TPS2413D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2413D TI1-TPS2413D Datasheet
1Mb / 24P
[Old version datasheet]   N1 and ORing Power Rail Controller
TPS2413D TI1-TPS2413D Datasheet
1Mb / 29P
[Old version datasheet]   ORing Power Rail Controller
TPS2413DG4 TI1-TPS2413DG4 Datasheet
1Mb / 24P
[Old version datasheet]   N1 and ORing Power Rail Controller
TPS2413DR TI1-TPS2413DR Datasheet
1Mb / 24P
[Old version datasheet]   N1 and ORing Power Rail Controller
TPS2413DR TI1-TPS2413DR Datasheet
1Mb / 29P
[Old version datasheet]   ORing Power Rail Controller
More results

Descripción similar - TPS2413D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2412D TI1-TPS2412D Datasheet
1Mb / 24P
[Old version datasheet]   N1 and ORing Power Rail Controller
TPS2412 TI-TPS2412 Datasheet
741Kb / 21P
[Old version datasheet]   N1 and ORing Power Rail Controller
TPS2410 TI-TPS2410 Datasheet
851Kb / 26P
[Old version datasheet]   Full Featured N1 and ORing Power Rail Controller
TPS2410 TI1-TPS2410_14 Datasheet
1Mb / 33P
[Old version datasheet]   Full Featured N1 and ORing Power Rail Controller
TPS2410 TI1-TPS2410_V01 Datasheet
1Mb / 31P
[Old version datasheet]   Full Featured N1 and ORing Power Rail Controller
TPS2419 TI-TPS2419 Datasheet
493Kb / 21P
[Old version datasheet]   N1 and ORing Power Rail Controller with Enable
TPS2410 TI1-TPS2410_V02 Datasheet
1Mb / 33P
[Old version datasheet]   TPS241x Full Featured N1 and ORing Power Rail Controller
TPS2412 TI1-TPS2412_15 Datasheet
1Mb / 29P
[Old version datasheet]   ORing Power Rail Controller
logo
Bel Fuse Inc.
LDX-D20 BEL-LDX-D20 Datasheet
486Kb / 3P
   Active ORing Controller
logo
Diodes Incorporated
ZXGD3111N7 DIODES-ZXGD3111N7 Datasheet
653Kb / 10P
   ACTIVE ORING MOSFET CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com