Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS2042BDGN Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS2042BDGN
Descripción Electrónicos  Current-Limited, Power-Distribution Switches
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2042BDGN Datasheet(HTML) 4 Page - Texas Instruments

  TPS2042BDGN Datasheet HTML 1Page - Texas Instruments TPS2042BDGN Datasheet HTML 2Page - Texas Instruments TPS2042BDGN Datasheet HTML 3Page - Texas Instruments TPS2042BDGN Datasheet HTML 4Page - Texas Instruments TPS2042BDGN Datasheet HTML 5Page - Texas Instruments TPS2042BDGN Datasheet HTML 6Page - Texas Instruments TPS2042BDGN Datasheet HTML 7Page - Texas Instruments TPS2042BDGN Datasheet HTML 8Page - Texas Instruments TPS2042BDGN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 59 page
background image
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
GND
IN2
EN3†
EN4†
OC3
OUT3
OUT4
OC4
OC1
OUT1
OUT2
OC2
GND
IN1
EN1†
EN2†
1
2
3
4
8
7
6
5
GND
IN
EN1
EN2
OC1
OUT1
OUT2
OC2
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
GND
IN2
EN3†
NC
OC3
OUT3
NC
NC
OC1
OUT1
OUT2
OC2
GND
IN1
EN1†
EN2†
1
2
3
4
8
7
6
5
GND
IN
IN
EN
OUT
OUT
OUT
OC
GND
IN
EN1
EN2
OC1
OUT1
OUT2
OC2
4
3
2
1
5
6
7
8
GND
OUT
OC
IN
EN
TPS2014600mA
TPS20151 A
TPS2041B500mA
TPS2051B500mA
TPS2045A
250mA
TPS2049100mA
TPS2055A
250mA
TPS20611 A
TPS20651 A
TPS20681.5 A
TPS20691.5 A
TPS2042B500mA
TPS2052B500mA
TPS2046B250mA
TPS2056250mA
TPS20621 A
TPS20661 A
TPS20601.5 A
TPS20641.5 A
TPS2080500mA
TPS2081500mA
TPS2082500mA
TPS2090250mA
TPS2091250mA
TPS2092250mA
TPS2043B500mA
TPS2053B500mA
TPS2047B250mA
TPS2057A
250mA
TPS20631 A
TPS20671 A
TPS2044B500mA
TPS2054B500mA
TPS2048A
250mA
TPS2058250mA
TPS2085500mA
TPS2086500mA
TPS2087500mA
TPS2095250mA
TPS2096250mA
TPS2097250mA
TPS201xA
0.2 A to2 A
TPS202x0.2 A to2 A
TPS203x0.2 A to2 A
GENERAL SWITCHCATALOG
33m ,Single
W
80m ,Single
W
80m ,Dual
W
80m ,Dual
W
80m , Triple
W
80m ,Quad
W
80m ,Quad
W
4
TPS2041B, TPS2042B, TPS2043B, TPS2044B
TPS2051B, TPS2052B, TPS2053B, TPS2054B
SLVS514M – JUNE 2010 – REVISED JUNE 2016
www.ti.com
Product Folder Links: TPS2041B TPS2042B TPS2043B TPS2044B TPS2051B TPS2052B TPS2053B TPS2054B
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
5 General Switch Catalog
See TI Switch Portfolio at http://www.ti.com/usbpower
6 Pin Configuration and Functions
TPS2041B and TPS2051B: DBV Package
5-Pin SOT-23
Top View
† All enable outputs are active high for the
TPS205xB series.
TPS2041B and TPS2051B: D and DGN Packages
8-Pin SOIC and HVSSOP
Top View
† All enable outputs are active high for the
TPS205xB series.
TPS2042B and TPS2052B: D and DGN Packages
8-Pin SOIC and HVSSOP
Top View
† All enable outputs are active high for the
TPS205xB series.
TPS2042B and TPS2052B: DRB Package
8-Pin SON
Top View
† All enable outputs are active high for the
TPS205xB series.
TPS2043B and TPS2053B: D Package
16-Pin SOIC
Top View
† All enable outputs are active high for the
TPS205xB series.
TPS2044B and TPS2054B: D Package
16-Pin SOIC
Top View
† All enable outputs are active high for the
TPS205xB series.


Número de pieza similar - TPS2042BDGN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2042BDGN TI-TPS2042BDGN Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2042BDGN TI-TPS2042BDGN Datasheet
1Mb / 49P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2042BDGN TI-TPS2042BDGN Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2042BDGN TI-TPS2042BDGN Datasheet
1Mb / 49P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2042BDGNG4 TI-TPS2042BDGNG4 Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
More results

Descripción similar - TPS2042BDGN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
ST2042 STMICROELECTRONICS-ST2042 Datasheet
148Kb / 8P
   CURRENT LIMITED POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2062-1 TI-TPS2062-1 Datasheet
513Kb / 28P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2060 TI1-TPS2060_14 Datasheet
1Mb / 36P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B_0709 TI-TPS2041B_0709 Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2061 TI-TPS2061_09 Datasheet
1Mb / 38P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2045A TI1-TPS2045A_16 Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2000C TI1-TPS2000C_16 Datasheet
1Mb / 39P
[Old version datasheet]   Current Limited, Power-Distribution Switches
TPS2041B TI-TPS2041B_08 Datasheet
1Mb / 49P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B-Q1 TI-TPS2041B-Q1_10 Datasheet
599Kb / 29P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2045A TI-TPS2045A Datasheet
478Kb / 31P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
STMicroelectronics
ST2054 STMICROELECTRONICS-ST2054_07 Datasheet
198Kb / 13P
   Current limited Power distribution switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com