Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS54226RGTR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS54226RGTR
Descripción Electrónicos  4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter with Eco-Mode
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54226RGTR Datasheet(HTML) 2 Page - Texas Instruments

  TPS54226RGTR Datasheet HTML 1Page - Texas Instruments TPS54226RGTR Datasheet HTML 2Page - Texas Instruments TPS54226RGTR Datasheet HTML 3Page - Texas Instruments TPS54226RGTR Datasheet HTML 4Page - Texas Instruments TPS54226RGTR Datasheet HTML 5Page - Texas Instruments TPS54226RGTR Datasheet HTML 6Page - Texas Instruments TPS54226RGTR Datasheet HTML 7Page - Texas Instruments TPS54226RGTR Datasheet HTML 8Page - Texas Instruments TPS54226RGTR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
TPS54226
SLVSA14E
– OCTOBER 2009 – REVISED JULY 2011
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
TRANSPORT
TA
PACKAGE(2) (3)
ORDERABLE PART NUMBER
PIN
MEDIA
TPS54226PWP
Tube
PowerPAD
14
(HTSSOP)
– PWP
TPS54226PWPR
Tape and Reel
–40°C to 85°C
TPS54226RGTT
Tape and Reel
Plastic Quad Flat Pack (QFN)
16
TPS54226RGTR
Tape and Reel
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(3)
All package options have Cu NIPDAU lead/ball finish.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT
VIN, VCC, EN
–0.3 to 20
V
VBST
–0.3 to 26
V
VBST (vs SW1, SW2)
–0.3 to 6.5
V
VI
Input voltage range
VFB, VO, SS, PG
–0.3 to 6.5
V
SW1, SW2
–2 to 20
V
SW1, SW2 (10 ns transient)
–3 to 20
V
VREG5
–0.3 to 6.5
V
VO
Output voltage range
PGND1, PGND2
–0.3 to 0.3
V
IO
Output current range
IVREG5
Vdiff
Voltage from GND to POWERPAD
–0.2 to 0.2
V
Human Body Model (HBM)
2
kV
Electrostatic
ESD rating
discharge
Charged Device Model (CDM)
500
V
TJ
Operating junction temperature
–40 to 150
°C
Tstg
Storage temperature
–55 to 150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
THERMAL INFORMATION
TPS54226
TPS54226
THERMAL METRIC(1)
PWP
RGT
UNITS
14 PINS
16 PINS
θJA
Junction-to-ambient thermal resistance
55.6
46.1
θJCtop
Junction-to-case (top) thermal resistance
51.3
58.1
θJB
Junction-to-board thermal resistance
26.4
18.8
°C/W
ψJT
Junction-to-top characterization parameter
1.8
1.3
ψJB
Junction-to-board characterization parameter
20.6
18.8
θJCbot
Junction-to-case (bottom) thermal resistance(2)
4.3
4.8
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
The junction-to-case (bottom) thermal resistance is obtained by simulating a cold plate test on the exposed (power) pad. No specific
JEDEC standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
2
Copyright
© 2009–2011, Texas Instruments Incorporated
Product Folder Link(s): TPS54226


Número de pieza similar - TPS54226RGTR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS54226RGTR TI1-TPS54226RGTR Datasheet
1Mb / 28P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter with Eco-Mode?
More results

Descripción similar - TPS54226RGTR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS54226 TI1-TPS54226_12 Datasheet
1Mb / 28P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter with Eco-Mode?
TPS54226 TI-TPS54226_15 Datasheet
1Mb / 31P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter with Eco-Mode?
TPS54225-Q1 TI-TPS54225-Q1_15 Datasheet
838Kb / 25P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter
TPS54225-Q1 TI1-TPS54225-Q1 Datasheet
817Kb / 22P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter
TPS54225 TI1-TPS54225 Datasheet
849Kb / 23P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter
TPS54225 TI-TPS54225_15 Datasheet
1,012Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter
TPS54229E TI1-TPS54229E Datasheet
816Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down Converter with Eco-Mode?
TPS54228 TI-TPS54228_15 Datasheet
1Mb / 30P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down Converter with Eco-mode?
TPS54229E TI-TPS54229E_15 Datasheet
741Kb / 25P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down Converter with Eco-Mode?
TPS54526 TI1-TPS54526 Datasheet
970Kb / 28P
[Old version datasheet]   4.5V to 18V Input, 5.5-A Synchronous Step-Down Converter with Eco-Mode?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com