Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

TPS61085 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
No. de Pieza. TPS61085
Descripción  650-kHz,1.2-MHz, 18.5-V Step-Up DC-DC Converter
Descarga  30 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo 

TPS61085 Datasheet(HTML) 15 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
C
SS
C
OUT
1
4
5
6
3
2
7
TPS61085
8
L
3.3 H
µ
V
3.3 V ±20%
IN
C
10 F
16 V
IN
µ
C
1 F
16 V
BY
µ
IN
EN
FREQ
GND
SW
FB
COMP
SS
100 nF
C
1.6 nF
COMP
R
27 k
COMP
R2
18 k
R1
113 k
2* 10 µF
25 V
V
9 V/800 mA max
S
D
PMEG2010AEH
C
SS
C
OUT
1
4
5
6
3
2
7
TPS61085
8
L
6.8 H
µ
V
3.3 V ±20%
IN
C
10 F
16 V
IN
µ
C
1 F
16 V
BY
µ
IN
EN
FREQ
GND
SW
FB
COMP
SS
100 nF
C
3.3 nF
COMP
R
24 k
COMP
R2
18.2 k
R1
158 k
2* 10 µF
25 V
V
12 V/600 mA max
S
D
PMEG2010AEH
TPS61085
www.ti.com
SLVS859B – JUNE 2008 – REVISED DECEMBER 2014
9.3 System Examples
9.3.1 General Boost Application Circuits
Figure 14. Typical Application, 3.3 V to 12 V (fS = 650 kHz)
Figure 15. Typical Application, 3.3 V to 9 V (fS = 1.2 MHz)
Copyright © 2008–2014, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: TPS61085


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn