Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS61085DGKR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS61085DGKR
Descripción Electrónicos  650-kHz,1.2-MHz, 18.5-V Step-Up DC-DC Converter
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61085DGKR Datasheet(HTML) 5 Page - Texas Instruments

  TPS61085DGKR Datasheet HTML 1Page - Texas Instruments TPS61085DGKR Datasheet HTML 2Page - Texas Instruments TPS61085DGKR Datasheet HTML 3Page - Texas Instruments TPS61085DGKR Datasheet HTML 4Page - Texas Instruments TPS61085DGKR Datasheet HTML 5Page - Texas Instruments TPS61085DGKR Datasheet HTML 6Page - Texas Instruments TPS61085DGKR Datasheet HTML 7Page - Texas Instruments TPS61085DGKR Datasheet HTML 8Page - Texas Instruments TPS61085DGKR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
VOUT = 9 V
VOUT = 12 V
VOUT = 15 V
VOUT = 18.5 V
VIN − Input Voltage (V)
fS = 1.2 MHz
G000
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
VOUT = 9 V
VOUT = 12 V
VOUT = 15 V
VOUT = 18.5 V
VIN − Input Voltage (V)
fS = 1.2 MHz
G000
TPS61085
www.ti.com
SLVS859B – JUNE 2008 – REVISED DECEMBER 2014
7.6 Typical Characteristics
The typical characteristics are measured with the inductors 7447789003 3.3 µH (high frequency) or B82464G4 6.8 µH (low
frequency) from Epcos and the rectifier diode SL22.
Table 1. Table Of Graphs
FIGURE
vs Input voltage at high frequency (1.2 MHz)
Figure 1
IOUT(max)
Maximum load current
vs Input voltage at low frequency (650 kHz)
Figure 2
vs Load current, VS = 12 V, VIN = 3.3 V
Figure 3
η
Efficiency
vs Load current, VS = 9 V, VIN = 3.3 V
Figure 4
Supply current
vs Supply voltage
Figure 5
Frequency
vs Load current
Figure 6
Frequency
vs Supply voltage
Figure 7
Figure 1. Maximum Load Current vs Input Voltage
Figure 2. Maximum Load Current vs Input Voltage
Copyright © 2008–2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS61085


Número de pieza similar - TPS61085DGKR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS61085DGKR TI-TPS61085DGKR Datasheet
731Kb / 23P
[Old version datasheet]   650 kHz/1.2 MHz, 18.5 V STEP-UP DC-DC CONVERTER
TPS61085DGKRG4 TI-TPS61085DGKRG4 Datasheet
731Kb / 23P
[Old version datasheet]   650 kHz/1.2 MHz, 18.5 V STEP-UP DC-DC CONVERTER
More results

Descripción similar - TPS61085DGKR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS61087 TI-TPS61087 Datasheet
928Kb / 25P
[Old version datasheet]   650 kHz/1.2 MHz, 18.5 V STEP-UP DC-DC CONVERTER
TPS61085 TI-TPS61085 Datasheet
731Kb / 23P
[Old version datasheet]   650 kHz/1.2 MHz, 18.5 V STEP-UP DC-DC CONVERTER
TPS61085T TI-TPS61085T_15 Datasheet
1Mb / 26P
[Old version datasheet]   650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
TPS61085-Q1 TI-TPS61085-Q1_15 Datasheet
779Kb / 24P
[Old version datasheet]   650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
TPS61085-Q1 TI1-TPS61085-Q1 Datasheet
794Kb / 22P
[Old version datasheet]   650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
TPS61085T TI1-TPS61085T Datasheet
874Kb / 24P
[Old version datasheet]   650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
TPS61085 TI-TPS61085_15 Datasheet
1Mb / 30P
[Old version datasheet]   TPS61085 650-kHz,1.2-MHz, 18.5-V Step-Up DC-DC Converter
TPS61085A-Q1 TI1-TPS61085A-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   650-kHz and 1.2-MHz, 18.5-V step-up DC/DC converter
TPS61087DRCR TI1-TPS61087DRCR Datasheet
1Mb / 30P
[Old version datasheet]   650 kHz/1.2 MHz, 18.5 V STEP-UP DC-DC CONVERTER WITH 3.2 A SWITCH
TPS61087-Q1 TI1-TPS61087-Q1 Datasheet
808Kb / 26P
[Old version datasheet]   650 kHz/1.2 MHz, 18.5 V STEP-UP DC-DC CONVERTER WITH 3.2 A SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com