Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS54283PWPRG4 Datasheet(PDF) 1 Page - Texas Instruments

No. de pieza TPS54283PWPRG4
Descripción Electrónicos  2-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54283PWPRG4 Datasheet(HTML) 1 Page - Texas Instruments

  TPS54283PWPRG4 Datasheet HTML 1Page - Texas Instruments TPS54283PWPRG4 Datasheet HTML 2Page - Texas Instruments TPS54283PWPRG4 Datasheet HTML 3Page - Texas Instruments TPS54283PWPRG4 Datasheet HTML 4Page - Texas Instruments TPS54283PWPRG4 Datasheet HTML 5Page - Texas Instruments TPS54283PWPRG4 Datasheet HTML 6Page - Texas Instruments TPS54283PWPRG4 Datasheet HTML 7Page - Texas Instruments TPS54283PWPRG4 Datasheet HTML 8Page - Texas Instruments TPS54283PWPRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 55 page
background image
1
FEATURES
CONTENTS
DESCRIPTION
APPLICATIONS
1
2
3
4
14
13
12
11
PVDD2
BOOT2
SW2
BP
PVDD1
BOOT1
SW1
GND
TPS54283
5
6
7
10
9
8
SEQ
ILIM2
FB2
EN1
EN2
FB1
OUTPUT1
OUTPUT2
V
IN
UDG-07006
GND
TPS54283,, TPS54286
SLUS749C – JULY 2007 – REVISED OCTOBER 2007
www.ti.com
2-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET
23
• 4.5-V to 28-V Input Range
Device Ratings
2
• Output Voltage Range 0.8 V to 90% of Input
Electrical Characteristics
3
Voltage
Device Information
9
• Output Current Up to 2 A
Application Information
12
Design Examples
32
• Two Fixed Switching Frequency Versions:
Additional References
44
TPS54283: 300 kHz
TPS54286: 600 kHz
• Two Selectable Levels of Overcurrent
Protection (Output 2)
TPS54283
and
TPS54286
are
dual
output
non-synchronous
buck
converters
capable
of
• 0.8-V 1.5% Voltage Reference
supporting 2-A output applications that operate from a
• 2.1-ms Internal Soft Start
4.5-V to 28-V input supply voltage, and require output
• Dual PWM Outputs 180° Out-of-Phase
voltages between 0.8 V and 90% of the input voltage.
• Ratiometric or Sequential Startup Modes
With internally-determined operating frequency, soft
Selectable by a Single Pin
start time, and control loop compensation, these
• 100-mΩ Internal High-Side MOSFETs
converters provide many features with a minimum of
external
components.
Channel
1
overcurrent
• Current Mode Control
protection is set at 3 A, while Channel 2 overcurrent
• Internal Compensation (See Page 16)
protection level is selected by connecting a pin to
• Pulse-by-Pulse Overcurrent Protection
ground, to BP, or left floating. The setting levels are
used to allow for scaling of external components for
• Thermal Shutdown Protection at 148°C
applications not needing the full load capability of
• 14-Pin PowerPAD™ HTSSOP package
both outputs.
The outputs may be enabled independently, or may
be configured to allow either ratiometric or sequential
• Set Top Box
startup sequencing. Additionally, the two outputs may
• Digital TV
also be powered from different sources.
• Power for DSP
• Consumer Electronics
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Número de pieza similar - TPS54283PWPRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS54283PWPRG4 TI-TPS54283PWPRG4 Datasheet
1Mb / 52P
[Old version datasheet]   2-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET
More results

Descripción similar - TPS54283PWPRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS54283 TI-TPS54283 Datasheet
1Mb / 52P
[Old version datasheet]   2-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET
TPS54283 TI-TPS54283_15 Datasheet
1Mb / 55P
[Old version datasheet]   2-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET
TPS54386-Q1 TI1-TPS54386-Q1 Datasheet
1Mb / 50P
[Old version datasheet]   3-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET
TPS54383 TI-TPS54383 Datasheet
1Mb / 52P
[Old version datasheet]   3-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET
TPS55383 TI-TPS55383_15 Datasheet
1Mb / 46P
[Old version datasheet]   3-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET AND EXTERNAL COMPENSATION
TPS55383 TI1-TPS55383_16 Datasheet
1Mb / 46P
[Old version datasheet]   3-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET AND EXTERNAL COMPENSATION
TPS55383 TI-TPS55383 Datasheet
920Kb / 41P
[Old version datasheet]   3-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET AND EXTERNAL COMPENSATION
TPS54383 TI-TPS54383_15 Datasheet
1Mb / 56P
[Old version datasheet]   TPS5438x Dual 3-A Non-Synchronous Converters With Integrated High-Side MOSFET
TPS54290 TI1-TPS54290_12 Datasheet
1Mb / 35P
[Old version datasheet]   1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
TPS54290 TI-TPS54290 Datasheet
1Mb / 33P
[Old version datasheet]   1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com