Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS61030PWPG4 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS61030PWPG4
Descripción Electrónicos  96% Efficient Synchronous Boost Converter With 4A Switch
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61030PWPG4 Datasheet(HTML) 2 Page - Texas Instruments

  TPS61030PWPG4 Datasheet HTML 1Page - Texas Instruments TPS61030PWPG4 Datasheet HTML 2Page - Texas Instruments TPS61030PWPG4 Datasheet HTML 3Page - Texas Instruments TPS61030PWPG4 Datasheet HTML 4Page - Texas Instruments TPS61030PWPG4 Datasheet HTML 5Page - Texas Instruments TPS61030PWPG4 Datasheet HTML 6Page - Texas Instruments TPS61030PWPG4 Datasheet HTML 7Page - Texas Instruments TPS61030PWPG4 Datasheet HTML 8Page - Texas Instruments TPS61030PWPG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
TPS61030, TPS61031, TPS61032
SLUS534G – SEPTEMBER 2002 – REVISED MARCH 2015
www.ti.com
Table of Contents
10.3
Feature Description............................................... 10
1
Features .................................................................. 1
10.4
Device Functional Modes...................................... 10
2
Applications ........................................................... 1
11
Application and Implementation........................ 12
3
Description ............................................................. 1
11.1
Application Information.......................................... 12
4
Simplified Schematic............................................. 1
11.2
Typical Application ............................................... 12
5
Revision History..................................................... 2
12
Power Supply Recommendations ..................... 18
6
Device Comparison Table..................................... 3
13
Layout................................................................... 18
7
Pin Configuration and Functions ......................... 3
13.1
Layout Considerations .......................................... 18
8
Specifications......................................................... 4
13.2
Layout Example .................................................... 18
8.1
Absolute Maximum Ratings ...................................... 4
13.3
Thermal Considerations ........................................ 18
8.2
ESD Ratings ............................................................ 4
14
Device and Documentation Support ................. 19
8.3
Recommended Operating Conditions ....................... 4
14.1
Device Support...................................................... 19
8.4
Thermal Information .................................................. 4
14.2
Related Links ........................................................ 19
8.5
Electrical Characteristics........................................... 5
14.3
Trademarks ........................................................... 19
8.6
Typical Characteristics .............................................. 6
14.4
Electrostatic Discharge Caution ............................ 19
9
Parameter Measurement Information .................. 8
14.5
Glossary ................................................................ 19
10
Detailed Description ............................................. 9
15
Mechanical, Packaging, and Orderable
10.1
Overview ................................................................. 9
Information ........................................................... 19
10.2
Functional Block Diagram ....................................... 9
5 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision F (October 2014) to Revision G
Page
Moved Tstg spec to the Absolute Maximum Ratings table. Changed Handling Ratings to ESD Ratings............................... 4
Added System Examples .................................................................................................................................................... 16
Changes from Revision E (January 2012) to Revision F
Page
Added Device Information and Handling Rating tables, Feature Description section, Device Functional Modes,
Application and Implementation section, Power Supply Recommendations section, Layout section, Device and
Documentation Support section, and Mechanical, Packaging, and Orderable Information section ..................................... 1
Changes from Revision D (April 2004) to Revision E
Page
Changed the temperature range From: 40°C to 85°C To: -40°C to 85°C.............................................................................. 3
2
Submit Documentation Feedback
Copyright © 2002–2015, Texas Instruments Incorporated
Product Folder Links: TPS61030 TPS61031 TPS61032


Número de pieza similar - TPS61030PWPG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS61030PWPG4 TI-TPS61030PWPG4 Datasheet
878Kb / 28P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 4A SWITCH
More results

Descripción similar - TPS61030PWPG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS61030 TI-TPS61030_10 Datasheet
878Kb / 28P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 4A SWITCH
TPS61030 TI-TPS61030 Datasheet
375Kb / 20P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 4A SWITCH
TPS61030 TI-TPS61030_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6103x 96% Efficient Synchronous Boost Converter With 4A Switch
TPS61020 TI-TPS61020_07 Datasheet
548Kb / 27P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER
TPS61020 TI-TPS61020 Datasheet
638Kb / 22P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 1.5-A SWITCH
TPS61020 TI-TPS61020_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6102x 96% Efficient Synchronous Boost Converter
TPS61029-Q1 TI1-TPS61029-Q1 Datasheet
764Kb / 27P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTERS
TPS61025-Q1 TI1-TPS61025-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6102x 96 Efficient Synchronous Boost Converters
TPS61029-Q1 TI-TPS61029-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6102x 96% Efficient Synchronous Boost Converters
TPS61071-Q1 TI1-TPS61071-Q1_15 Datasheet
1Mb / 28P
[Old version datasheet]   Efficient Synchronous Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com