Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS61161DRVT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS61161DRVT
Descripción Electrónicos  White LED Drivers With Digital and PWM Brightness Control in 2-mm x 2-mm WSON Package
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61161DRVT Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS61161DRVT Datasheet HTML 7Page - Texas Instruments TPS61161DRVT Datasheet HTML 8Page - Texas Instruments TPS61161DRVT Datasheet HTML 9Page - Texas Instruments TPS61161DRVT Datasheet HTML 10Page - Texas Instruments TPS61161DRVT Datasheet HTML 11Page - Texas Instruments TPS61161DRVT Datasheet HTML 12Page - Texas Instruments TPS61161DRVT Datasheet HTML 13Page - Texas Instruments TPS61161DRVT Datasheet HTML 14Page - Texas Instruments TPS61161DRVT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
SW
Ramp
Generator
Oscillator
Current
Sensor
OLP
CTRL
GND
C3
L1
+
FB
Reference
Control
D1
Error
Amplifer
2
1
Rset
C2
Vin
C1
PWM Control
4
6
Soft
Start-up
5
3
COMP
11
TPS61160, TPS61161
www.ti.com
SLVS791E – NOVEMBER 2007 – REVISED JULY 2016
Product Folder Links: TPS61160 TPS61161
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The TPS61160 and TPS61161 are high-efficiency, high-output voltage boost converters in a small package size.
These devices are ideal for driving white LED in series. The serial LED connection provides even illumination by
sourcing the same output current through all LEDs, eliminating the need for expensive factory calibration. Each
device integrate a 40-V, 0.7-A switch FET and operatea in pulse width modulation (PWM) with 600-kHz fixed
switching frequency. For operation see the block diagram. The duty cycle of the converter is set by the error
amplifier output and the current signal applied to the PWM control comparator. The control architecture is based
on traditional current-mode control; therefore, a slope compensation is added to the current signal to allow stable
operation for duty cycles larger than 50%. The feedback loop regulates the FB pin to a low reference voltage
(200 mV typical), reducing the power dissipation in the current sense resistor.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Soft Start-Up
Soft-start circuitry is integrated into the device to avoid a high inrush current during start-up. After the device is
enabled, the voltage at FB pin ramps up to the reference voltage in 32 steps with each step taking 213 μs. This
ensures that the output voltage rises slowly to reduce the input current. Additionally, for the first 5 msec after the
COMP voltage ramps, the current limit of the switch is set to half of the normal current limit spec. During this
period, the input current is kept below 400 mA (typical). See the start-up waveform of a typical example,
Figure 10.


Número de pieza similar - TPS61161DRVT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS61161DRVT TI-TPS61161DRVT Datasheet
557Kb / 21P
[Old version datasheet]   White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm QFN Package for up to 10 LEDs in Series
TPS61161DRVT TI1-TPS61161DRVT Datasheet
1Mb / 27P
[Old version datasheet]   White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm QFN Package
TPS61161DRVTG4 TI1-TPS61161DRVTG4 Datasheet
1Mb / 27P
[Old version datasheet]   White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm QFN Package
More results

Descripción similar - TPS61161DRVT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS61160A TI1-TPS61160A_17 Datasheet
1Mb / 31P
[Old version datasheet]   White LED Driver with PWM Brightness Control in 2-mm x 2-mm WSON Package
TPS61160A TI1-TPS61160A_16 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6116xA White LED Driver with PWM Brightness Control in 2-mm x 2-mm WSON Package
TLV758P TI1-TLV758P Datasheet
754Kb / 16P
[Old version datasheet]   500-mA LDO in Small 2-mm x 2-mm WSON Package
logo
Will Semiconductor Ltd.
WD3138 WILLSEMI-WD3138 Datasheet
1Mb / 23P
   White LED Driver with Digital and PWM Brightness Control in Tiny Package
logo
Texas Instruments
TLV758P TI1-TLV758P_18 Datasheet
1Mb / 22P
[Old version datasheet]   500-mA LDO in Small 2-mm x 2-mm WSON Package
TPS61160DRVRG4 TI1-TPS61160DRVRG4 Datasheet
1Mb / 27P
[Old version datasheet]   White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm QFN Package
TPS61160 TI1-TPS61160_14 Datasheet
1Mb / 28P
[Old version datasheet]   White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm QFN Package
TPS62590 TI1-TPS62590_17 Datasheet
1Mb / 26P
[Old version datasheet]   1-A Step Down Converter in 2-mm x 2-mm WSON Package
TLV759P TI1-TLV759P Datasheet
749Kb / 16P
[Old version datasheet]   1-A LDO in a Small 2-mm x 2-mm WSON Package
logo
Shanghai awinic technol...
AW9961 AWINIC-AW9961 Datasheet
2Mb / 30P
   White LED Driver with Flexible Digital and PWM Brightness Control in Small Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com