Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TSC2007IPWRG4 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TSC2007IPWRG4
Descripción Electrónicos  1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C Interface
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TSC2007IPWRG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TSC2007IPWRG4 Datasheet HTML 7Page - Texas Instruments TSC2007IPWRG4 Datasheet HTML 8Page - Texas Instruments TSC2007IPWRG4 Datasheet HTML 9Page - Texas Instruments TSC2007IPWRG4 Datasheet HTML 10Page - Texas Instruments TSC2007IPWRG4 Datasheet HTML 11Page - Texas Instruments TSC2007IPWRG4 Datasheet HTML 12Page - Texas Instruments TSC2007IPWRG4 Datasheet HTML 13Page - Texas Instruments TSC2007IPWRG4 Datasheet HTML 14Page - Texas Instruments TSC2007IPWRG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
V
(V)
DD
1.2
1.6
2.0
2.4
2.8
3.2
588
586
584
582
580
578
576
574
3.6
V
=V
REF
DD
MeasurementIncludes
A/DConverterOffset
andGainErrors
V
(V)
DD
1.2
1.6
2.0
2.4
2.8
3.2
704
702
700
698
696
694
692
690
3.6
V
=V
REF
DD
MeasurementIncludes
A/DConverterOffset
andGainErrors
Temperature( C)
°
-40
-20
3.40
3.30
3.20
3.10
3.00
2.90
2.80
2.70
0
20
40
60
80
100
V
=1.2V
DD
Temperature( C)
°
-40
-20
3.70
3.65
3.60
0
20
40
60
80
100
V
=1.8V
DD
Temperature( C)
°
-40
-20
3.90
3.85
3.80
3.75
3.70
0
20
40
60
80
100
V
=3.0V
DD
TSC2007
www.ti.com...................................................................................................................................................... SBAS405A – MARCH 2007 – REVISED MARCH 2009
TYPICAL CHARACTERISTICS (continued)
At TA = –40°C to +85°C, VDD = +1.2V to +3.6V, PD1 = PD0 = 0, Fast mode, 12-bit mode, non-continuous AUX measurement,
and MAV filter enabled (see MAV Filter section), unless otherwise noted.
TEMP1 DIODE VOLTAGE
TEMP2 DIODE VOLTAGE
vs SUPPLY VOLTAGE
vs SUPPLY VOLTAGE
Figure 14.
Figure 15.
INTERNAL OSCILLATOR CLOCK FREQUENCY
INTERNAL OSCILLATOR CLOCK FREQUENCY
vs TEMPERATURE
vs TEMPERATURE
Figure 16.
Figure 17.
INTERNAL OSCILLATOR CLOCK FREQUENCY
vs TEMPERATURE
Figure 18.
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TSC2007


Número de pieza similar - TSC2007IPWRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
TSC2007IPWRG4 BURR-BROWN-TSC2007IPWRG4 Datasheet
713Kb / 38P
   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C Interface
logo
Texas Instruments
TSC2007IPWRG4 TI-TSC2007IPWRG4 Datasheet
816Kb / 41P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C??Interface
More results

Descripción similar - TSC2007IPWRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TSC2007-Q1 TI1-TSC2007-Q1 Datasheet
787Kb / 39P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2007 TI-TSC2007_1 Datasheet
816Kb / 41P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C??Interface
logo
Burr-Brown (TI)
TSC2007 BURR-BROWN-TSC2007 Datasheet
713Kb / 38P
   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C Interface
TSC2004 BURR-BROWN-TSC2004 Datasheet
1Mb / 54P
   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
logo
Texas Instruments
TSC2014 TI1-TSC2014 Datasheet
435Kb / 7P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2014_15 TI-TSC2014_15_15 Datasheet
631Kb / 7P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2014 TI1-TSC2014_14 Datasheet
643Kb / 8P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2008 TI-TSC2008 Datasheet
279Kb / 8P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
TSC2008 TI-TSC2008_08 Datasheet
920Kb / 37P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
TSC2006 TI-TSC2006 Datasheet
1Mb / 46P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com