Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CATTEN-07R0-BNC Datasheet(PDF) 2 Page - CRYSTEK CORPORATION

No. de pieza CATTEN-07R0-BNC
Descripción Electrónicos  The Attenuator offers end users a rugged BNC attenuator housing for easy connection
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CRYSTEKMICROWAVE [CRYSTEK CORPORATION]
Página de inicio  http://www.crystek.com/microwave/index.php
Logo CRYSTEKMICROWAVE - CRYSTEK CORPORATION

CATTEN-07R0-BNC Datasheet(HTML) 2 Page - CRYSTEK CORPORATION

  CATTEN-07R0-BNC Datasheet HTML 1Page - CRYSTEK CORPORATION CATTEN-07R0-BNC Datasheet HTML 2Page - CRYSTEK CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
12730 Commonwealth Drive • Fort Myers, Florida 33913
Phone: 239-561-3311 • 800-237-3061
Fax: 239-561-1025 • www.crystek.com
CRYSTEK
CORPORATION
MICROWAVE
A Division of Crystek Corporation
Rev D
2.590
(65.79)
1.480
(37.59)
0.550
(13.97)
BNC
Male
BNC
Female
4 dB Data
Freq.
(MHz)
Atten
(dB)
Return
Loss
(dB)
0.3
5.3
40.3
70.3
90.3
100.3
110.3
160.3
200.2
250.2
300.2
350.2
400.2
450.2
500.2
550.1
600.1
650.1
700.1
800.1
900.0
1000.0
47.0
43.8
41.0
41.4
42.1
42.3
42.4
39.8
36.6
32.4
30.2
30.4
31.6
32.0
31.0
28.7
26.2
25.3
27.9
28.6
22.4
28.4
4.0
4.0
4.0
4.0
4.1
4.1
4.1
4.1
4.1
4.1
4.1
4.1
4.1
4.2
4.2
4.2
4.2
4.2
4.2
4.3
4.3
4.4
Part Number
Attenuation
(dB)
Max Power
(Watts)
CATTEN-01R0-BNC
CATTEN-01R5-BNC
CATTEN-02R0-BNC
CATTEN-03R0-BNC
CATTEN-04R0-BNC
CATTEN-05R0-BNC
CATTEN-06R0-BNC
CATTEN-07R0-BNC
CATTEN-08R0-BNC
CATTEN-09R0-BNC
CATTEN-0100-BNC
CATTEN-0150-BNC
CATTEN-0200-BNC
1.0
1.5
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
15.0
20.0
2
2
2
2
2
2
2
2
2
2
2
2
2
Page 2 of 2


Número de pieza similar - CATTEN-07R0-BNC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
CRYSTEK CORPORATION
CATTEN-07R0-BNC CRYSTEKMICROWAVE-CATTEN-07R0-BNC Datasheet
402Kb / 2P
   The Attenuator offers end users a rugged BNC attenuator housing for easy connection
CATTEN-07R0-BNC CRYSTEKMICROWAVE-CATTEN-07R0-BNC Datasheet
403Kb / 2P
   The Attenuator offers end users a rugged BNC attenuator housing for easy connection
CATTEN-07R0-BNC CRYSTEKMICROWAVE-CATTEN-07R0-BNC Datasheet
403Kb / 2P
   The Attenuator offers end users a rugged BNC attenuator housing for easy connection
CATTEN-07R0-BNC CRYSTEKMICROWAVE-CATTEN-07R0-BNC Datasheet
403Kb / 2P
   The Attenuator offers end users a rugged BNC attenuator housing for easy connection
CATTEN-07R0-BNC CRYSTEKMICROWAVE-CATTEN-07R0-BNC Datasheet
403Kb / 2P
   The Attenuator offers end users a rugged BNC attenuator housing for easy connection
More results

Descripción similar - CATTEN-07R0-BNC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
CRYSTEK CORPORATION
CATTEN-02R0-BNC CRYSTEKMICROWAVE-CATTEN-02R0-BNC Datasheet
403Kb / 2P
   The Attenuator offers end users a rugged BNC attenuator housing for easy connection
CATTEN-03R0-BNC CRYSTEKMICROWAVE-CATTEN-03R0-BNC Datasheet
403Kb / 2P
   The Attenuator offers end users a rugged BNC attenuator housing for easy connection
CATTEN-06R0-BNC CRYSTEKMICROWAVE-CATTEN-06R0-BNC Datasheet
403Kb / 2P
   The Attenuator offers end users a rugged BNC attenuator housing for easy connection
CATTEN-05R0-BNC CRYSTEKMICROWAVE-CATTEN-05R0-BNC Datasheet
403Kb / 2P
   The Attenuator offers end users a rugged BNC attenuator housing for easy connection
CATTEN-0200-BNC CRYSTEKMICROWAVE-CATTEN-0200-BNC Datasheet
406Kb / 2P
   The Attenuator offers end users a rugged BNC attenuator housing for easy connection.
CATTEN-01R0-BNC CRYSTEKMICROWAVE-CATTEN-01R0-BNC Datasheet
402Kb / 2P
   The Attenuator offers end users a rugged BNC attenuator housing for easy connection
CATTEN-01R5-BNC CRYSTEKMICROWAVE-CATTEN-01R5-BNC Datasheet
403Kb / 2P
   The Attenuator offers end users a rugged BNC attenuator housing for easy connection
CATTEN-07R0-BNC CRYSTEKMICROWAVE-CATTEN-07R0-BNC Datasheet
402Kb / 2P
   The Attenuator offers end users a rugged BNC attenuator housing for easy connection
logo
Rosenberger Hochfrequen...
51AS103-K10N4 ROSENBERGER-51AS103-K10N4 Datasheet
189Kb / 2P
   BNC ATTENUATOR
51AS103-K06N4 ROSENBERGER-51AS103-K06N4 Datasheet
189Kb / 2P
   BNC ATTENUATOR
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com