Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UA78L02ACD Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No. de pieza UA78L02ACD
Descripción Electrónicos  Positive-Voltage Linear Regulators
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

UA78L02ACD Datasheet(HTML) 3 Page - Texas Instruments

  UA78L02ACD Datasheet HTML 1Page - Texas Instruments UA78L02ACD Datasheet HTML 2Page - Texas Instruments UA78L02ACD Datasheet HTML 3Page - Texas Instruments UA78L02ACD Datasheet HTML 4Page - Texas Instruments UA78L02ACD Datasheet HTML 5Page - Texas Instruments UA78L02ACD Datasheet HTML 6Page - Texas Instruments UA78L02ACD Datasheet HTML 7Page - Texas Instruments UA78L02ACD Datasheet HTML 8Page - Texas Instruments UA78L02ACD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
INPUT
COMMON
OUTPUT
1
OUTPUT
8
INPUT
2
COMMON
7
COMMON
3
COMMON
6
COMMON
4
NC
5
NC
Not to scale
INPUT
COMMON
OUTPUT
3
UA78L02A, UA78L05, UA78L05A, UA78L06A
UA78L08A, UA78L09A, UA78L10A, UA78L12A, UA78L15A
www.ti.com
SLVS010V – JANUARY 1976 – REVISED NOVEMBER 2016
Product Folder Links: UA78L02A UA78L05 UA78L05A UA78L06A UA78L08A UA78L09A UA78L10A UA78L12A
UA78L15A
Submit Documentation Feedback
Copyright © 1976–2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
D Package
8-Pin SOIC
Top View
LP Package
3-Pin TO-92
Top View
PK Package
3-Pin SOT-89
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
SOIC
TO-92
SOT-89
COMMON
2, 3, 6, 7
2
2
Ground
INPUT
8
3
3
I
Supply input
OUTPUT
1
1
1
O
Voltage output
NC
4, 5
No internal connection


Número de pieza similar - UA78L02ACD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
UA78L02ACD TI-UA78L02ACD Datasheet
366Kb / 20P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
UA78L02ACD TI-UA78L02ACD Datasheet
1Mb / 47P
[Old version datasheet]   UA78L Series Positive-Voltage Linear Regulators
REVISED JUNE 2023
UA78L02ACD TI-UA78L02ACD Datasheet
534Kb / 21P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
UA78L02ACD TI-UA78L02ACD Datasheet
632Kb / 25P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
UA78L02ACD TI-UA78L02ACD Datasheet
658Kb / 26P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
More results

Descripción similar - UA78L02ACD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
UA78L02A TI1-UA78L02A_18 Datasheet
1Mb / 32P
[Old version datasheet]   Positive-Voltage Linear Regulators
UA78L TI-UA78L_V01 Datasheet
1Mb / 48P
[Old version datasheet]   UA78L Series Positive-Voltage Linear Regulators
REVISED JUNE 2023
UA78L TI-UA78L_V02 Datasheet
1Mb / 47P
[Old version datasheet]   UA78L Series Positive-Voltage Linear Regulators
REVISED JUNE 2023
UA78L TI-UA78L Datasheet
1Mb / 49P
[Old version datasheet]   UA78L Series Positive-Voltage Linear Regulators
REVISED APRIL 2023
logo
BCD Semiconductor Manuf...
AZ78XX BCDSEMI-AZ78XX Datasheet
138Kb / 13P
   3-TERMINAL POSITIVE LINEAR REGULATORS
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
   Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
   Positive-Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com