Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS826745SIPT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS826745SIPT
Descripción Electrónicos  600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS826745SIPT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS826745SIPT Datasheet HTML 3Page - Texas Instruments TPS826745SIPT Datasheet HTML 4Page - Texas Instruments TPS826745SIPT Datasheet HTML 5Page - Texas Instruments TPS826745SIPT Datasheet HTML 6Page - Texas Instruments TPS826745SIPT Datasheet HTML 7Page - Texas Instruments TPS826745SIPT Datasheet HTML 8Page - Texas Instruments TPS826745SIPT Datasheet HTML 9Page - Texas Instruments TPS826745SIPT Datasheet HTML 10Page - Texas Instruments TPS826745SIPT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
7
TPS82670, TPS82671, TPS82672, TPS82673, TPS82674, TPS82675, TPS82676
TPS82677, TPS826711, TPS826716, TPS826721, TPS826745, TPS826765, TPS8267195
www.ti.com
SLVSAI0J – OCTOBER 2010 – REVISED MAY 2016
Product Folder Links: TPS82670 TPS82671 TPS82672 TPS82673 TPS82674 TPS82675 TPS82676 TPS82677
TPS826711 TPS826716 TPS826721 TPS826745 TPS826765 TPS8267195
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
Minimum and maximum values are at VIN = 2.3V to 5.5V, VOUT = 1.8V, EN = 1.8V, AUTO mode and TA = –40°C to 85°C;
Circuit of Parameter Measurement Information section (unless otherwise noted). Typical values are at VIN = 3.6V, VOUT =
1.8V, EN = 1.8V, AUTO mode and TA = 25°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PROTECTION
Thermal shutdown
140
°C
Thermal shutdown hysteresis
10
°C
ILIM
Peak Input Current Limit
1100
mA
ISC
Input current limit under short-circuit
conditions
VO shorted to ground
13.5
mA
ENABLE, MODE
VIH
High-level input voltage
1.0
V
VIL
Low-level input voltage
0.4
V
Ilkg
Input leakage current
Input connected to GND or VIN
0.01
1.5
μA
OSCILLATOR
fSW
Oscillator frequency
IO = 0mA. PWM operation
4.9
5.45
6.0
MHz
OUTPUT
VOUT
Regulated DC
output voltage
TPS82670
TPS82671
TPS826711
TPS826716
TPS82672
TPS826721
TPS82673
TPS82674
TPS826745
TPS82675
TPS82676
TPS826765
2.5V
≤ VI ≤ 4.8V, 0mA ≤ IO ≤ 600 mA
PFM/PWM operation
0.98×VNOM
VNOM
1.03×VNOM
V
2.5V
≤ VI ≤ 5.5V, 0mA ≤ IO ≤ 600 mA
PFM/PWM operation
0.98×VNOM
VNOM
1.04×VNOM
V
2.5V
≤ VI ≤ 5.5V, 0mA ≤ IO ≤ 600 mA
PWM operation
0.98×VNOM
VNOM
1.02×VNOM
V
TPS8267195
2.5V
≤ VI ≤ 4.8V, 0mA ≤ IO ≤ 600 mA
PFM/PWM operation
0.975×VNOM
VNOM
1.035×VNOM
V
2.5V
≤ VI ≤ 5.5V, 0mA ≤ IO ≤ 600 mA
PFM/PWM operation
0.975×VNOM
VNOM
1.045×VNOM
V
2.5V
≤ VI ≤ 5.5V, 0mA ≤ IO ≤ 600 mA
PWM operation
0.975×VNOM
VNOM
1.025×VNOM
V
TPS82677
2.5V
≤ VI ≤ 4.8V, 0mA ≤ IO ≤ 600 mA
PFM/PWM operation
0.98×VNOM
VNOM
1.04×VNOM
V
2.5V
≤ VI ≤ 5.5V, 0mA ≤ IO ≤ 600 mA
PWM operation
0.98×VNOM
VNOM
1.02×VNOM
V
Line regulation
VI = VO + 0.5V (min 2.5V) to 5.5V, IO = 200 mA
0.23
%/V
Load regulation
IO = 0mA to 600 mA. PWM operation
–0.00085
%/mA
Feedback input resistance
480
k
ΔVO
Power-save mode
ripple voltage
TPS82671
TPS826711
IO = 1mA, VO = 1.8V
19
mVPP
TPS826716
IO = 1mA, VO = 1.6V
19
mVPP
TPS826721
IO = 1mA, VO = 2.1V
19
mVPP
TPS82673
TPS82674
TPS826745
TPS82675
IO = 1mA, VO = 1.2V
16
mVPP
TPS82676
IO = 1mA, VO = 1.1V
16
mVPP
TPS826765
IO = 1mA, VO = 1.05V
16
mVPP
TPS82677
IO = 1mA, VO = 1.2V
25
mVPP
Start-up time
TPS82671
TPS826711
IO = 0mA, Time from active EN to VO
120
μs
rDIS
Discharge resistor
for power-down
sequence
Devices featuring active discharge
70
150


Número de pieza similar - TPS826745SIPT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS826745SIPT TI-TPS826745SIPT Datasheet
1,019Kb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS826745SIPT TI1-TPS826745SIPT Datasheet
5Mb / 30P
[Old version datasheet]   600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
More results

Descripción similar - TPS826745SIPT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS82670 TI1-TPS82670_16 Datasheet
5Mb / 30P
[Old version datasheet]   600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
TPS82671 TI1-TPS82671 Datasheet
1Mb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82670 TI-TPS82670_12 Datasheet
1,019Kb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82671 TI1-TPS82671_11 Datasheet
949Kb / 28P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP STEP-DOWN CONVERTER (PROFILE <1.0mm)
APRIL2011
TPS82671_1111 TI1-TPS82671_1111 Datasheet
824Kb / 26P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82670 TI1-TPS82670 Datasheet
876Kb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82690 TI-TPS82690_15 Datasheet
1Mb / 26P
[Old version datasheet]   500-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1mm)
TPS82690 TI1-TPS82690 Datasheet
886Kb / 23P
[Old version datasheet]   500-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1mm)
TPS82692 TI-TPS82692 Datasheet
2Mb / 31P
[Old version datasheet]   High-Efficiency MicroSiP STEP-DOWN CONVERTER
TPS82692 TI1-TPS82692_16 Datasheet
2Mb / 32P
[Old version datasheet]   High-Efficiency MicroSIP Step-Down Converter (Profile <1mm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com