Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPIBU40-104 Datasheet(PDF) 2 Page - Total Power International

No. de pieza TPIBU40-104
Descripción Electrónicos  40W Open Frame Type Industrial Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOTAL-POWER [Total Power International]
Página de inicio  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPIBU40-104 Datasheet(HTML) 2 Page - Total Power International

  TPIBU40-104 Datasheet HTML 1Page - Total Power International TPIBU40-104 Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
OutputVoltageAndCurrentRatingChart(SingleOutput):
DeratingCruve:
ModelNumber
OutputVoltage
OutputCurrent
Total
Regulation
.
Max
OutputPower
Pno (max.)
0.5W
0.5W
0.5W
0.5W
0.5W
0.5W
0.5W
0.5W
0.5W
0.5W
0.5W
MechanicalSpecifications:
Note:
1.Dimensionsareshowninmm.
2.
3.InputconnectormateswithMolex
housing35977-0390andMolex35922
seriescrimpterminal
Weight:120gsapprox.
.
1.Operating Temperature:-20to70°C
2.Deratelinearlyfrom100%loadat50°Cto50%
loadat70°C
0%
-20
0
10
20
30
40
50
60
70
80
20%
40%
60%
80%
100%
120%
Temperature(degc)
TPIBU40 SERIES
TPIBU40-103
TPIBU40-104
TPIBU40-105
TPIBU40-106
TPIBU40-107
TPIBU40-108
TPIBU40-109
TPIBU40-110
TPIBU40-111
4.00~5.33 A
3.27~4.50 A
3.07~3.63 A
2.50~3.07 A
1.90~2.50 A
1.48~1.90 A
1.21~1.48 A
1.00~1.21 A
0.83~1.00 A
TPIBU40-101
4.00~6.06 A
3%
3%
3%
3%
3%
3%
3%
3%
3%
3%
3%
20W
TPIBU40-102
4.66~5.60 A
28W
36W
32W
40W
40W
40W
40W
40W
40W
40W
5~6VDC
3.3~5VDC
6~8VDC
8~11VDC
11~13VDC
13~16VDC
16~21VDC
21~27VDC
27~33VDC
33~40VDC
40~48VDC
IBU40
IBU40
OUT
OUT
OUT
RTN
RTN
RTN
TPIBU40-1XX
PIN
MODEL
PINCHART
1
2
3
4
5
6
40WOpenFrameType
IndustrialPowerSupplies
Total Power International, Inc
Total Power International, Inc
Toll Free: 877-646-0900
www.total-power.com


Número de pieza similar - TPIBU40-104

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Total Power Internation...
TPIBU41-200 TOTAL-POWER-TPIBU41-200 Datasheet
354Kb / 2P
   Wide Operating Voltage 90 to 264 VAC,47 to 63 Hz
TPIBU41-201 TOTAL-POWER-TPIBU41-201 Datasheet
354Kb / 2P
   Wide Operating Voltage 90 to 264 VAC,47 to 63 Hz
TPIBU41-202 TOTAL-POWER-TPIBU41-202 Datasheet
354Kb / 2P
   Wide Operating Voltage 90 to 264 VAC,47 to 63 Hz
TPIBU41-203 TOTAL-POWER-TPIBU41-203 Datasheet
354Kb / 2P
   Wide Operating Voltage 90 to 264 VAC,47 to 63 Hz
TPIBU41-209 TOTAL-POWER-TPIBU41-209 Datasheet
354Kb / 2P
   Wide Operating Voltage 90 to 264 VAC,47 to 63 Hz
More results

Descripción similar - TPIBU40-104

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Total Power Internation...
TPIBU-81 TOTAL-POWER-TPIBU-81 Datasheet
287Kb / 2P
   80W Open Frame Type Industrial Power Supplies
TPIBU-60 TOTAL-POWER-TPIBU-60 Datasheet
344Kb / 2P
   63W Open Frame Type Industrial Power Supplies
logo
Astrodyne Corporation
ASL40 ASTRODYNE-ASL40_16 Datasheet
699Kb / 4P
   40W Ultraminiature Open Frame Switching Power Supplies
ASL40 ASTRODYNE-ASL40 Datasheet
726Kb / 4P
   40W Ultraminiature Open Frame Switching Power Supplies
ASM40 ASTRODYNE-ASM40 Datasheet
745Kb / 4P
   40W Ultraminiature Medical Open Frame Switching Power Supplies
logo
List of Unclassifed Man...
MS4018F ETC2-MS4018F Datasheet
517Kb / 4P
   40W Medical Open Frame Power Supply
logo
Total Power Internation...
TPMBU60 TOTAL-POWER-TPMBU60 Datasheet
299Kb / 2P
   63W Open Frame Type Medical Power Supplies
TPSBU-151 TOTAL-POWER-TPSBU-151 Datasheet
285Kb / 2P
   150W Open Frame Type I.T.E. Power Supplies
logo
Axiomtek Co., Ltd.
APS-530 AXIOMTEK-APS-530 Datasheet
227Kb / 2P
   Power Supplies - Open Frame
logo
Total Power Internation...
TPSBU-120 TOTAL-POWER-TPSBU-120 Datasheet
268Kb / 2P
   120W Open Frame Type I.T.E. Power Supplies
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com