Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPSUU60-111 Datasheet(PDF) 2 Page - Total Power International

No. de pieza TPSUU60-111
Descripción Electrónicos  63W U Bracket Type I.T.E. Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOTAL-POWER [Total Power International]
Página de inicio  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPSUU60-111 Datasheet(HTML) 2 Page - Total Power International

  TPSUU60-111 Datasheet HTML 1Page - Total Power International TPSUU60-111 Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
OutputVoltageAndCurrentRatingChart(SingleOutput):
OutputVoltageAndCurrentRatingChart(MultiOutput):
ModelNumber
OutputVoltage
OutputCurrent
Total
Regulation
.
Max
OutputPower
Pno (max.)
3~5VDC
5~6VDC
6~8VDC
8~11VDC
11~13VDC
13~16VDC
16~21VDC
21~27VDC
27~33VDC
33~40VDC
40~50VDC
16.66~10.0 A
11.00~9.16 A
10.00~7.50 A
7.87~5.72 A
5.72~4.84 A
4.84~3.93 A
3.93~3.00 A
3.00~2.33 A
2.33~1.90 A
1.90~1.57 A
1.57~1.26 A
5%
5%
4%
3%
3%
3%
3%
2%
2%
2%
2%
50W
55W
60W
63W
63W
63W
63W
63W
63W
63W
63W
5W
5W
5W
5W
5W
5W
5W
5W
5W
5W
5W
Pno
max.
(
)
Model
Number
Max.Output
Powe
r
Output#4
Vonom Iomin Iomax Regmax
Output#3
Vonom Iomin Iomax Regmax
Output#2
Vonom Iomin Iomax Regmax
Output#1
Vonom Iomin Iomax Regmax
MechanicalSpecifications:
TPSUU60-4XX
TPSUU60-3XX
TPSUU60-2XX
TPSUU60-1XX
PIN
MODEL
OUT
Vo2
Vo2
Vo2
Vo1
Vo1
Vo1
Vo3
Vo1
Vo1
Vo3
Vo1
Vo1
Vo3
Vo4
Vo4
Vo1
OUT
OUT
RTN
RTN
RTN
N/C
COM
COM
COM
COM
COM
COM
COM
COM
N/C
TPSUU60-215
Note:Vo1:Output#1Vo2:Output#2Vo3:Output#3
Vo4:Output#4
PINCHART
1
2
3
4
5
6
7
8
Note:
1.Dimensionsareshownin
mm.
2.Weight:385gsapprox.
inchesor
3.InputconnectormateswithMolexhousing09-50-3051
andMolex2478seriescrimpterminal.
4.OutputconnectormateswithMolexhousing09-50-3061
(or09-50-3081)andMolex2478seriescrimpterminal.
DeratingCrve:
u
0%
0
10
20
30
40
50
60
70
80
20%
40%
60%
80%
100%
120%
Temperature(degc)
1.OperatingTemperature:0to70°C
2.Deratelinearlyfrom100%loadat25°C
to50%loadat70°C
TPSUU60-101
TPSUU60-102
TPSUU60-103
TPSUU60-104
TPSUU60-105
TPSUU60-106
TPSUU60-107
TPSUU60-108
TPSUU60-109
TPSUU60-110
TPSUU60-111
TPSUU60-200
TPSUU60-201
TPSUU60-202
+3.3V
+5V
+5V
+12V
+12V
+15V
1.4A
0.7A
0.7A
0.6A
0.3A
0.3A
7A
7A
7A
3A
3A
3A
59.1W
63W
63W
7%
5%
5%
5%
5%
5%
TPSUU60-203
+5V
+24V
0.7A
0.4A
7A
2A
63W
5%
5%
TPSUU60-204
+3.3V
+5V
1.4A
0.5A
7A
5A
48.1W
7%
5%
TPSUU60-215
+5V
-24V
-12V
0.7A
0.2A
0A
7A
2A
0.8A
0.8A
63W
5.5W
5.5W
5.5W
5.5W
5.5W
5.5W
5.5W
5.5W
5.5W
5.5W
5.5W
5.5W
5.5W
5.5W
5.5W
5.5W
5.5W
5.5W
5.5W
5.5W
5.5W
5.5W
5.5W
5.5W
5.5W
5.5W
5.5W
5.5W
5.5W
5.5W
5.5W
5.5W
5.5W
5.5W
5.5W
5.5W
5.5W
5.5W
5.5W
5.5W
5.5W
5.5W
5.5W
5.5W
5.5W
5.5W
5.5W
5.5W
5.5W
5%
5%
5%
TPSUU60-218
+3.3V
+48V
0.5A
0.1A
5A
1.25A
63W
7%
5%
TPSUU60-219
+5V
+28V
0.1A
0.2A
5A
2A
63W
5%
5%
TPSUU60-220
+5V
+35V
0.5A
0.1A
5A
1.5A
63W
5%
5%
TPSUU60-221
+5V
+36V
0.5A
0.1A
5A
1.5A
63W
5%
5%
TPSUU60-300
+3.3V
+12V
1.2A
0.6A
6A
3A
63W
7%
5%
+12V
0A
5%
TPSUU60-300-1 +3.3V
+12V
1.2A
0.6A
6A
3A
63W
7%
5%
0.8A
-5V
0A
5%
TPSUU60-301
+5V
+5V
+5V
+5V
+5V
+5V
+5V
+5V
+5V
+12V
0.6A
0.3A
6A
3A
63W
5%
5%
0.8A
+5V
0A
5%
TPSUU60-301-1
+12V
0.6A
0.3A
6A
3A
63W
5%
5%
0.8A
-12V
0A
5%
TPSUU60-302
+12V
0.6A
0.6A
6A
3A
63W
5%
5%
0.8A
+12V
0A
5%
TPSUU60-302-1
+12V
0.6A
0.6A
6A
3A
63W
5%
5%
0.8A
-15V
0A
5%
TPSUU60-303
+15V
0.6A
0.3A
6A
3A
63W
5%
5%
0.8A
+15V
0A
5%
TPSUU60-303-1
+15V
0.6A
0.3A
6A
3A
63W
5%
5%
0.5A
-24V
0A
5%
TPSUU60-304
+24V
1.2A
0.4A
6A
2A
63W
5%
5%
0.5A
+24V
0A
5%
TPSUU60-304-1
+24V
1.2A
0.4A
6A
2A
63W
5%
5%
0.8A
-12V
0A
5%
TPSUU60-305
+24V
1.2A
0.4A
6A
2A
63W
5%
5%
+5V
0.8A
+12V
0A
5%
TPSUU60-305-1
+24V
1.2A
0.4A
6A
2A
63W
5%
5%
+3.3V
+3.3V
0.8A
-5V
0A
5%
TPSUU60-306
+12V
1.2A
0.6A
6A
3A
59.8W
59.8W
7%
5%
0.8A
+5V
0A
5%
TPSUU60-306-1
+12V
1.2A
0.6A
6A
3A
7%
5%
+5V
1A
-10V
0A
5%
TPSUU60-307
+10V
0.6A
0.2A
6A
2A
60W
5%
5%
+5V
1A
+10V
0A
5%
TPSUU60-307-1
+10V
0.6A
0.2A
6A
2A
60W
5%
5%
+3.3V
+3.3V
+3.3V
1A
+12V
0A
5%
TPSUU60-308
+5V
0.5A
0.5A
5A
5A
53.5W
53.5W
7%
5%
1A
-12V
0A
5%
TPSUU60-308-1
+5V
0.5A
0.5A
5A
5A
7%
5%
0.8A
0.8A
-12V
-5V
0A
0A
5%
5%
TPSUU60-400
+12V
1.2A
0.6A
6A
3A
63W
7%
5%
+3.3V
0.8A
0.8A
-12V
+5V
0A
0A
5%
5%
TPSUU60-400-1
+12V
1.2A
0.6A
6A
3A
63W
7%
5%
+3.3V
0.8A
0.8A
+12V
-5V
0A
0A
5%
5%
TPSUU60-400-2
+12V
1.2A
0.6A
6A
3A
63W
7%
5%
+3.3V
0.8A
0.8A
+12V
+5V
0A
0A
5%
5%
TPSUU60-400-3
+12V
1.2A
0.6A
6A
3A
63W
7%
5%
+5V
0.8A
0.8A
-12V
-5V
0A
0A
5%
5%
TPSUU60-401
+12V
0.6A
0.3A
6A
3A
63W
5%
5%
+5V
0.8A
0.8A
-12V
+5V
0A
0A
5%
5%
TPSUU60-401-1
+12V
0.6A
0.3A
6A
3A
63W
5%
5%
+5V
0.8A
0.8A
+12V
-5V
0A
0A
5%
5%
TPSUU60-401-2
+12V
0.6A
0.3A
6A
3A
63W
5%
5%
+5V
0.8A
0.8A
+12V
+5V
0A
0A
5%
5%
TPSUU60-401-3
+12V
0.6A
0.3A
6A
3A
63W
5%
5%
+5V
0.8A
0.8A
-12V
+12V
0A
0A
5%
5%
TPSUU60-402
+12V
1.2A
0.6A
6A
3A
63W
5%
5%
+5V
0.8A
0.8A
+12V
+12V
0A
0A
5%
5%
TPSUU60-402-1
+12V
1.2A
0.6A
6A
3A
63W
5%
5%
+5V
0.8A
0.8A
+12V
-12V
0A
0A
5%
5%
TPSUU60-402-2
+12V
1.2A
0.6A
6A
3A
63W
5%
5%
+5V
0.8A
0.8A
-12V
-12V
0A
0A
5%
5%
TPSUU60-402-3
+12V
1.2A
0.6A
6A
3A
63W
5%
5%
+5V
0.8A
0.8A
-12V
+24V
0A
0A
5%
5%
TPSUU60-403
+12V
1.2A
0.6A
6A
3A
63W
5%
5%
+5V
0.8A
0.8A
+12V
+24V
0A
0A
5%
5%
TPSUU60-403-1
+12V
1.2A
0.6A
6A
3A
63W
5%
5%
+5V
0.8A
0.8A
+12V
-24V
0A
0A
5%
5%
TPSUU60-403-2
+12V
1.2A
0.6A
6A
3A
63W
5%
5%
+5V
0.8A
0.8A
-12V
-24V
0A
0A
5%
5%
TPSUU60-403-3
+12V
1.2A
0.6A
6A
3A
63W
5%
5%
+5V
0.8A
0.8A
-15V
-5V
0A
0A
5%
5%
TPSUU60-404
+15V
0.6A
0.3A
6A
3A
63W
5%
5%
+5V
0.8A
0.8A
-15V
+5V
0A
0A
5%
5%
TPSUU60-404-1
+15V
0.6A
0.3A
6A
3A
63W
5%
5%
+5V
0.8A
0.8A
+15V
-5V
0A
0A
5%
5%
TPSUU60-404-2
+15V
0.6A
0.3A
6A
3A
63W
5%
5%
+5V
0.8A
0.8A
+15V
+5V
0A
0A
5%
5%
TPSUU60-404-3
+15V
0.6A
0.3A
6A
3A
63W
5%
5%
+5V
0.1A
0.8A
-15V
+12V
0A
0A
5%
5%
TPSUU60-423
+24V
0.1A
0.18A
1A
1.8A
59.3W
5%
5%
TPSUU60 SERIES
63WUBracketType
I.T.E.PowerSupplies
Total Power International, Inc
Toll Free: 877-646-0900
www.total-power.com
Tota
Total Power International, Inc.


Número de pieza similar - TPSUU60-111

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Total Power Internation...
TPSUU61-101 TOTAL-POWER-TPSUU61-101 Datasheet
283Kb / 2P
   63W U Bracket Type I.T.E. Power Supplies
TPSUU61-102 TOTAL-POWER-TPSUU61-102 Datasheet
283Kb / 2P
   63W U Bracket Type I.T.E. Power Supplies
TPSUU61-103 TOTAL-POWER-TPSUU61-103 Datasheet
283Kb / 2P
   63W U Bracket Type I.T.E. Power Supplies
TPSUU61-104 TOTAL-POWER-TPSUU61-104 Datasheet
283Kb / 2P
   63W U Bracket Type I.T.E. Power Supplies
TPSUU61-105 TOTAL-POWER-TPSUU61-105 Datasheet
283Kb / 2P
   63W U Bracket Type I.T.E. Power Supplies
More results

Descripción similar - TPSUU60-111

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Total Power Internation...
TPSUU-61 TOTAL-POWER-TPSUU-61 Datasheet
283Kb / 2P
   63W U Bracket Type I.T.E. Power Supplies
logo
Astrodyne Corporation
SUU61 ASTRODYNE-SUU61 Datasheet
550Kb / 2P
   63W U-bracket Switching Power Supplies For I.T.E.
logo
Total Power Internation...
TPSUU-101 TOTAL-POWER-TPSUU-101 Datasheet
277Kb / 2P
   100W U Bracket Type I.T.E. Power Supplies
TPSUU-150 TOTAL-POWER-TPSUU-150 Datasheet
279Kb / 2P
   150W U Bracket Type I.T.E. Power Supplies
TPSUU-180 TOTAL-POWER-TPSUU-180 Datasheet
756Kb / 2P
   180W U Bracket Type I.T.E Power Supplies
TPSUU-120 TOTAL-POWER-TPSUU-120 Datasheet
203Kb / 2P
   120W U Bracket Type I.T.E. Power Supplies
TPSUU-151 TOTAL-POWER-TPSUU-151 Datasheet
271Kb / 2P
   150W U Bracket Type I.T.E. Power Supplies
TPSUU-300 TOTAL-POWER-TPSUU-300 Datasheet
331Kb / 2P
   300W U Bracket Type I.T.E. Power Supplies
TPSUU-100 TOTAL-POWER-TPSUU-100 Datasheet
257Kb / 2P
   100W U Bracket Type I.T.E. Power Supplies
TPSUU-250 TOTAL-POWER-TPSUU-250 Datasheet
362Kb / 2P
   250W U Bracket Type I.T.E. Power Supplies
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com