Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPVI63-S150040 Datasheet(PDF) 1 Page - Total Power International

No. de pieza TPVI63-S150040
Descripción Electrónicos  UNIVERSAL INPUT AC-DC OPEN FRAME SINGLE & TRIPLE OUTPUT 63 WATTS INTERNAL SWITCHING POWER SUPPLIES TPVI63 SERIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOTAL-POWER [Total Power International]
Página de inicio  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPVI63-S150040 Datasheet(HTML) 1 Page - Total Power International

  TPVI63-S150040 Datasheet HTML 1Page - Total Power International TPVI63-S150040 Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Total Power International, Inc Toll Free: 877-646-0900(US) PH# 978-453-7272 www.total-power.com
UNIVERSAL INPUT AC-DC OPEN FRAME SINGLE &
TRIPLE OUTPUT 63 WATTS INTERNAL SWITCHING
POWER SUPPLIES
TPVI63 SERIES
FEATURES:
ACCOMMODATE UNIVERSAL AC SOURCES
COMPACT 4”x2”x1”PCB FORMAT
MEET UNIVERSAL SAFETY STANDARDS
EMI MEET CISPR PUB. 22 & FCC CLASS B
CE MARKING COMPLIANCE
OUTPUT SPECIFICATION
Output Voltage: See Ratings Chart.
Output Current: See Ratings Chart.
Output Connector: V-M connector.
Output Wattage: Typ. 62 watts.
Line Regulation: Typ. 0.1%.
Load Regulation: Main VO1 typ. ±1.0%.
Aux. VO2 typ. ±3-8.0%.
Aux. VO3 typ. ±3.0%.
Noise & Ripple: Typ. 1.0% peak to peak.
OVP: Built-in at main output VO1(Latch).
Adjustability: Not available.
Overload Protection (OLP):
Fully protected against outputs overload and short circuit.
Typ. OLP set at 105-120% of rating output power.
Consult the factory for OLP setting.
SPECIFICATION
INPUT SPECIFICATION
Input Voltage: Range typ. 90-264Vac.
Rating 100 to 240Vac.
Input Connector: V-M connector.
Input Frequency: 47-63Hz.
Inrush Current: 12.0A rms @ cold start @230Vac.
Input Current: Typ. 0.9A@115Vac, 0.435A@230Vac.
Dielectric Withstand: Meet IEC 60950-1.
EMI: Meet CISPR PUB. 22 & FCC Class B.
Hold-up Time: Typ. 11.2mS @115Vac, 72.mS @ 230Vac.
Earth Leakage: Less than 0.42mA @230Vac.
GENERAL SPECIFICATION
Efficiency: Typ. 80-89.5 %. (Various with output voltage).
Switching Frequency: 130KHz or 70K Hz.
Circuit Topology: Fixed frequency forward circuit for triple
output and 5V/3.3V of single output.
Fixed frequency flyback circuit for high
voltage of single output.
Transient Response: Output voltage returns in less than
0.5mS following a 50% load change.
Safety Standard: IEC 60950-1 Class I.
Power Density: 7.7Watts / Cubic Inch.
Operating Temperature: 0 to +50 °C under forced air flow
for full load. Derate by 1.3W/°C
from 40°C to 50°C.
Storage Temperature: -20 to +85°C.
Temperature Coefficient: Typ. 0.04%/°C.
Cooling: At least 5 cfm direct forward air flow is required to
achieve full rating power.
Construction: 4”x2”x1” PCB format.
Note: Due to requests in market and advances in technology, specifications subject to change without notification.
Total Power International, Inc.


Número de pieza similar - TPVI63-S150040

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Total Power Internation...
TPVI65 TOTAL-POWER-TPVI65 Datasheet
333Kb / 2P
   UNIVERSAL INPUT AC-DC PCB OPEN FRAME TRIPLE OUTPUT 65 WATT INTERNAL SWITCHING POWER SUPPLIES TPVI65 SERIES
TPVI65-30 TOTAL-POWER-TPVI65-30 Datasheet
333Kb / 2P
   UNIVERSAL INPUT AC-DC PCB OPEN FRAME TRIPLE OUTPUT 65 WATT INTERNAL SWITCHING POWER SUPPLIES TPVI65 SERIES
TPVI65-30 TOTAL-POWER-TPVI65-30 Datasheet
338Kb / 2P
   UNIVERSAL INPUT AC-DC PCB OPEN FRAME TRIPLE OUTPUT 65 WATT INTERNAL SWITCHING POWER SUPPLIES TPVI65 SERIES
TPVI65-31 TOTAL-POWER-TPVI65-31 Datasheet
333Kb / 2P
   UNIVERSAL INPUT AC-DC PCB OPEN FRAME TRIPLE OUTPUT 65 WATT INTERNAL SWITCHING POWER SUPPLIES TPVI65 SERIES
TPVI65-31 TOTAL-POWER-TPVI65-31 Datasheet
338Kb / 2P
   UNIVERSAL INPUT AC-DC PCB OPEN FRAME TRIPLE OUTPUT 65 WATT INTERNAL SWITCHING POWER SUPPLIES TPVI65 SERIES
More results

Descripción similar - TPVI63-S150040

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
HITRON ELECTRONICS CORP...
HVI63 HITRON-HVI63 Datasheet
218Kb / 2P
   UNIVERSAL INPUT AC-DC OPEN FRAME SINGLE & TRIPLE OUTPUT 63 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI43 HITRON-HVI43 Datasheet
379Kb / 2P
   UNIVERSAL INPUT AC-DC OPEN FRAME SINGLE & TRIPLE OUTPUT 43 WATTS INTERNAL SWITCHING POWER SUPPLIES
HMI63 HITRON-HMI63 Datasheet
144Kb / 2P
   UNIVERSAL INPUT AC-DC MEDICAL APPLICATION OPEN FRAME SINGLE OUTPUT 63 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI50 HITRON-HVI50 Datasheet
332Kb / 2P
   UNIVERSAL INPUT AC-DC OPEN FRAME SINGLE OUTPUT 50 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI17 HITRON-HVI17 Datasheet
301Kb / 2P
   UNIVERSAL INPUT AC-DC PCB OPEN FRAME TRIPLE OUTPUT 17-18 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI12 HITRON-HVI12 Datasheet
305Kb / 2P
   UNIVERSAL INPUT AC-DC PCB OPEN FRAME SINGLE OUTPUT 12 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI102 HITRON-HVI102 Datasheet
361Kb / 2P
   UNIVERSAL INPUT AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 100 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI72 HITRON-HVI72 Datasheet
410Kb / 2P
   UNIVERSAL INPUT AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 72 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI06 HITRON-HVI06 Datasheet
574Kb / 2P
   UNIVERSAL INPUT AC-DC PCB OPEN FRAME TRIPLE OUTPUT 6-8 WATTS INTERNAL SWITCHING POWER SUPPLIES
logo
Total Power Internation...
TPVP-50 TOTAL-POWER-TPVP-50 Datasheet
652Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE & TRIPLE OUTPUT 50 WATTS INTERNAL SWITCHING POWER SUPPLIES TPVP50 SERIES
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com