Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPVI72-12 Datasheet(PDF) 1 Page - Total Power International

No. de pieza TPVI72-12
Descripción Electrónicos  UNIVERSAL INPUT AC-DC OPEN FRAME SINGLE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOTAL-POWER [Total Power International]
Página de inicio  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPVI72-12 Datasheet(HTML) 1 Page - Total Power International

  TPVI72-12 Datasheet HTML 1Page - Total Power International TPVI72-12 Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Total Power International, Inc. Toll Free: 877-646-0900(US) PH# (978) 453-7272 www.total-power.com
UNIVERSAL INPUT AC-DC OPEN FRAME SINGLE &
MULTI-OUTPUT 72 WATTS INTERNAL SWITCHING
POWER SUPPLIES
TPVI72 SERIES
FEATURES:
ACCOMMODATE UNIVERSAL AC SOURCES
OPEN FRAME OR BOX FORMATS
LOW COST COMMERCIAL GRADE
MEET UNIVERSAL SAFETY STANDARDS
EMI MEET CISPR PUB. 22 & FCC CLASS B
CE MARKING COMPLIANCE
OUTPUT SPECIFICATION
Output Voltage: See Ratings Chart.
Output Current: See Rating Chart.
Output Connector: B-S or V-M connector.
Output Wattage: Typ. 72 Watts.
Line Regulation: Typ. 0.1%.
Load Regulation: Main VO1 typ. ±1.0%.
Aux. VO2 typ. ±3.0%. (stacked on)
Aux. VO3/VO4 typ. ±2.0%. (P.R.)
Noise & Ripple: Typ. 1.0% peak to peak.
OVP: Built-in at main VO1 (Latch).
Adjustability: Available at main VO1.
LED Indicator: Output indicating.
Overload Protection (OLP):
Fully protected against output overload and short circuit.
OLP set at about 125-150% rating output wattage.
Consult the factory for OLP setting.
GENERAL SPECIFICATION
Efficiency: Typ. 72%.
Switching Frequency: Fixed frequency.45K Hz.
Circuit Topology: Fixed Frequency Flyback Circuit.
Transient Response: Output voltage returns in less than
3mS following a 25% load change.
Safety Standard: UL 60950-1/EN 60950-1 Class I.
Operating Temperature: 0 to +50°C.
Storage Temperature: -20 to +85°C.
Temperature Coefficient: Typ. 0.03% /°C.
Cooling: Free air convection cooling.
Construction format: L-Bracket or enclosure box format.
Power Density: 2.0 Watts / Cubic Inch.
Note: Due to requests in market and advances in technology, specifications subject to change without notification.
SPECIFICATION
INPUT SPECIFICATION
Input Voltage: Range 90-264Vac.
Rating 100 to 240Vac.
Input Connector: B-S or V-M connectors.
Input Frequency: 47-63Hz.
Inrush Current: Typ. 25A peak @230Vac.
Input Current: Typ. 2.0A @115Vac, 0.6 A @230Vac.
Dielectric Withstand: Meet IEC 60950-1.
EMI: Meet CISPR PUB. 22 & FCC Class B.
No Load Operation: No damage.
Overshoot: No voltage spike while power ON/OFF.
Hold-up Time: Typ. 20mS @115Vac, 80mS @230Vac.
Earth Leakage: Less than 0.5mA @230Vac.
In application
Total Power International, Inc.


Número de pieza similar - TPVI72-12

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Total Power Internation...
TPVI-19 TOTAL-POWER-TPVI-19 Datasheet
235Kb / 2P
   UNIVERSAL INPUT AC-DC OPEN FRAME SINGLE
TPVI-41 TOTAL-POWER-TPVI-41 Datasheet
527Kb / 2P
   UNIVERSAL INPUT AC-DC PCB OPEN FRAME SINGLE
TPVI-43 TOTAL-POWER-TPVI-43 Datasheet
266Kb / 2P
   UNIVERSAL INPUT AC-DC OPEN FRAME SINGLE
TPVI-63 TOTAL-POWER-TPVI-63 Datasheet
276Kb / 2P
   UNIVERSAL INPUT AC-DC OPEN FRAME SINGLE & TRIPLE OUTPUT 63 WATTS INTERNAL SWITCHING POWER SUPPLIES TPVI63 SERIES
TPVI-65 TOTAL-POWER-TPVI-65 Datasheet
338Kb / 2P
   UNIVERSAL INPUT AC-DC PCB OPEN FRAME TRIPLE OUTPUT 65 WATT INTERNAL SWITCHING POWER SUPPLIES TPVI65 SERIES
More results

Descripción similar - TPVI72-12

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Total Power Internation...
TPVI-19 TOTAL-POWER-TPVI-19 Datasheet
235Kb / 2P
   UNIVERSAL INPUT AC-DC OPEN FRAME SINGLE
TPVI-43 TOTAL-POWER-TPVI-43 Datasheet
266Kb / 2P
   UNIVERSAL INPUT AC-DC OPEN FRAME SINGLE
TPVI-41 TOTAL-POWER-TPVI-41 Datasheet
527Kb / 2P
   UNIVERSAL INPUT AC-DC PCB OPEN FRAME SINGLE
logo
List of Unclassifed Man...
UPS30-4003 ETC2-UPS30-4003 Datasheet
90Kb / 2P
   Open Frame 2.76X5.12 Universal Input AC/DC Converter
logo
Total Power Internation...
TPVP-200 TOTAL-POWER-TPVP-200 Datasheet
403Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME
TPVP-149 TOTAL-POWER-TPVP-149 Datasheet
400Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 150 WATTS
logo
HITRON ELECTRONICS CORP...
HVI50 HITRON-HVI50 Datasheet
332Kb / 2P
   UNIVERSAL INPUT AC-DC OPEN FRAME SINGLE OUTPUT 50 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI12 HITRON-HVI12 Datasheet
305Kb / 2P
   UNIVERSAL INPUT AC-DC PCB OPEN FRAME SINGLE OUTPUT 12 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI102 HITRON-HVI102 Datasheet
361Kb / 2P
   UNIVERSAL INPUT AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 100 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI63 HITRON-HVI63 Datasheet
218Kb / 2P
   UNIVERSAL INPUT AC-DC OPEN FRAME SINGLE & TRIPLE OUTPUT 63 WATTS INTERNAL SWITCHING POWER SUPPLIES
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com