Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

5V41236PGG8 Datasheet(PDF) 3 Page - Integrated Device Technology

No. de pieza 5V41236PGG8
Descripción Electrónicos  4 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IDT [Integrated Device Technology]
Página de inicio  http://www.idt.com
Logo IDT - Integrated Device Technology

5V41236PGG8 Datasheet(HTML) 3 Page - Integrated Device Technology

  5V41236PGG8 Datasheet HTML 1Page - Integrated Device Technology 5V41236PGG8 Datasheet HTML 2Page - Integrated Device Technology 5V41236PGG8 Datasheet HTML 3Page - Integrated Device Technology 5V41236PGG8 Datasheet HTML 4Page - Integrated Device Technology 5V41236PGG8 Datasheet HTML 5Page - Integrated Device Technology 5V41236PGG8 Datasheet HTML 6Page - Integrated Device Technology 5V41236PGG8 Datasheet HTML 7Page - Integrated Device Technology 5V41236PGG8 Datasheet HTML 8Page - Integrated Device Technology 5V41236PGG8 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
IDT5V41236
4 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
IDT® 4 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
3
IDT5V41236
APRIL 4, 2017
Pin Descriptions
Pin
Pin
Name
Pin
Type
Pin Description
1
VDDXD
Power
Connect to +3.3V digital supply.
2
S0
Input
Spread spectrum select pin #0. See table above. Internal pull-up resistor.
3
S1
Input
Spread spectrum select pin #1. See table above Internal pull-up resistor.
4
S2
Input
Spread spectrum select pin #2. See table above. Internal pull-up resistor.
5
X1
Input
Crystal connection. Connect to a fundamental mode crystal or clock input.
6
X2
Output
Crystal connection. Connect to a fundamental mode crystal or leave open.
7
PD#
Input
Powers down all PLLs and tri-states outputs when low. Internal pull-up resistor.
8
OE
Input
Provides output on, tri-states output (High = enable outputs; Low = disable outputs).
Internal pull-up resistor.
9
GND
Power
Connect to digital ground.
10
IREF
Output
Precision resistor attached to this pin is connected to the internal current reference.
11
CLKD#
Output
Selectable 100/200MHz spread spectrum differential complement output clock D.
12
CLKD
Output
Selectable 100/200MHz spread spectrum differential true output clock D.
13
CLKC#
Output
Selectable 100/200MHz spread spectrum differential complement output clock C.
14
CLKC
Output
Selectable 100/200MHz spread spectrum differential true output clock C.
15
VDDODA
Power
Connect to +3.3V analog supply.
16
GND
Power
Connect to analog ground.
17
CLKB#
Output
Selectable 100/200MHz spread spectrum differential complement output clock B.
18
CLKB
Output
Selectable 100/200MHz spread spectrum differential true output clock B.
19
CLKA#
Output
Selectable 100/200MHz spread spectrum differential complement output clock A.
20
CLKA
Output
Selectable 100/200MHz spread spectrum differential true output clock A.


Número de pieza similar - 5V41236PGG8

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
5V41236PGG8 RENESAS-5V41236PGG8 Datasheet
506Kb / 14P
   4 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
Mar 2020
More results

Descripción similar - 5V41236PGG8

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
5V41236 RENESAS-5V41236 Datasheet
506Kb / 14P
   4 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
Mar 2020
IDT5V41066 RENESAS-IDT5V41066 Datasheet
335Kb / 15P
   4 OUTPUT PCIE GEN1/2 SYNTHESIZER
112211
logo
Integrated Device Techn...
5V41235 IDT-5V41235 Datasheet
317Kb / 18P
   2 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
logo
Renesas Technology Corp
5V41315 RENESAS-5V41315 Datasheet
750Kb / 17P
   2 OUTPUT PCIE GEN1-2-3 SYNTHESIZER
Mar 2020
IDT5V41186 RENESAS-IDT5V41186 Datasheet
343Kb / 15P
   4 OUTPUT PCIE GEN1/2 SYNTHESIZER
010915
logo
Integrated Device Techn...
IDT5V41315 IDT-IDT5V41315 Datasheet
310Kb / 16P
   2 OUTPUT PCIE GEN1-2-3 SYNTHESIZER
logo
Renesas Technology Corp
5V41235 RENESAS-5V41235 Datasheet
496Kb / 19P
   2 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
Mar 2020
5V41234 RENESAS-5V41234 Datasheet
355Kb / 14P
   1 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
Mar 2020
logo
Integrated Device Techn...
5V41234 IDT-5V41234 Datasheet
181Kb / 13P
   1 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
5V41065PGG IDT-5V41065PGG Datasheet
133Kb / 12P
   2 OUTPUT PCIE GEN1/2 SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com