Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SS24 Datasheet(PDF) 1 Page - Nanjing International Group Co |
|
SS24 Datasheet(HTML) 1 Page - Nanjing International Group Co |
1 / 2 page Maximum Instantaneous Forward Voltage at 2.0A MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Rating 25 C ambient temperature uniess otherwies specified. Single phase half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. TYPE NUMBER Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current See Fig.1 Peak Forward Surge Current, 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Maximum DC Reverse Current Ta=25 C at Rated DC Blocking Voltage Ta=100 C Typical Junction Capacitance (Note1) 2.0 50 0.5 20 70 -65 +125 -65 +150 -65 +150 A A V mA mA pF SS22 THRU SS22 0 UNITS Typical Thermal Resistance RqJA (Note 2) SS22 SS23 SS24 SS26 SS28 SS210 SS215 SS220 0.55 0.70 0.85 170 2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS NOTES: 1. Measured at 1MHz and applied reverse voltage of 4.0V D.C. 2. Thermal Resistance Junction to Ambient. MECHANICAL DATA * Case: Molded plastic * Epoxy: UL 94V-0 rate flame retardant * Metallurgically bonded construction * Polarity: Color band denotes cathode end * Mounting position: Any * Weight: 0.063 grams VOLTAGE RANGE 20 to 200 Volts CURRENT 2.0 Ampere FEATURES * Ideal for surface mount applications * Easy pick and place * Built-in strain relief * Low forward voltage drop Dimensions in inches and (millimeters) C C C/W Operating Storage Temperature Range TSTG Temperature Range TJ V V V 20 30 40 6 0 8 0 100 150 200 20 30 40 60 80 100 150 200 14 21 28 42 56 70 105 140 *BothnormalandPbfree productareavailable: *Normal:80~95%Sn,5~20%Pb *Pbfree:99SnabovecanmeetRohsenviromentsubstance directiverequest DO-214AC .208(5.28) .194(4.93) .177(4.50) .157(3.99) .012(0.31) .006(0.15) .058(1.47) .052(1.32) .090(2.29) .078(1.98) .060(1.52) .030(0.76) .110(2.79) .100(2.54) .005 (.127) MAX. |
Número de pieza similar - SS24 |
|
Descripción similar - SS24 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |