Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MZT8-2V8-N-KWDS03 Datasheet(PDF) 3 Page - SICK AG |
|
MZT8-2V8-N-KWDS03 Datasheet(HTML) 3 Page - SICK AG |
3 / 6 page MZT8-2V8-N-KWDS03 | MZT8 ATEX SENSORS FOR T-SLOT CYLINDERS Overrun distance, typ. 9 mm Hysteresis, typ. ≤ 0.5 mT Reproducibility ≤ 0.1 mT 3) Reverse polarity protection ✔ Short-circuit protection ✔ Power-up pulse protection ✔ Ambient operating temperature –25 °C ... +80 °C Shock and vibration resistance 30 g, 11 ms / 10 ... 55 Hz, 1 mm EMC According to EN 60947-5-2 Housing material Plastic, PA12 Connection type Cable, 2-wire, 10 m Cable material PVC Conductor cross-section 0.12 mm² UL File No. NRKH.E181493 EC-Type examination certificate TÜV 14 ATEX 143125 Certificate (IECEx) IECEx TUN 14.0038 1) According NAMUR EN 60947-5-6. Using of isolated switch amplifier with certificates of conformity for explosion areas is recommended(U ≤ 20 V; I ≤ 60 mA; P ≤ 100 mW). 2) Without load. 3) Ub and Ta constant. Classifications ECl@ss 5.0 27270104 ECl@ss 5.1.4 27270104 ECl@ss 6.0 27270104 ECl@ss 6.2 27270104 ECl@ss 7.0 27270104 ECl@ss 8.0 27270104 ECl@ss 8.1 27270104 ECl@ss 9.0 27270104 ETIM 5.0 EC002544 ETIM 6.0 EC002544 UNSPSC 16.0901 39122230 Connection diagram Cd-305 brn blu + – 2017-05-04 16:20:10 | Online data sheet Subject to change without notice MAGNETIC CYLINDER SENSORS | SICK 3 |
Número de pieza similar - MZT8-2V8-N-KWDS03 |
|
Descripción similar - MZT8-2V8-N-KWDS03 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |