Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADC32RF42 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No. de pieza ADC32RF42
Descripción Electrónicos  Dual-Channel, 14-Bit, 1.5-GSPS, Analog-to-Digital Converter
Download  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADC32RF42 Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADC32RF42 Datasheet HTML 6Page - Texas Instruments ADC32RF42 Datasheet HTML 7Page - Texas Instruments ADC32RF42 Datasheet HTML 8Page - Texas Instruments ADC32RF42 Datasheet HTML 9Page - Texas Instruments ADC32RF42 Datasheet HTML 10Page - Texas Instruments ADC32RF42 Datasheet HTML 11Page - Texas Instruments ADC32RF42 Datasheet HTML 12Page - Texas Instruments ADC32RF42 Datasheet HTML 13Page - Texas Instruments ADC32RF42 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 127 page
background image
SYSREFP, SYNCP, DxP
SYSREFP, SYNCP, DxP
SYSREFM, SYNCM, DxM
SYSREFM, SYNCM, DxM
GND
GND
VICM, VOCM
(1)
VICM, VOCM
(1)
VID / 4, VOD / 4
VID / 4, VOD / 4
VID or VOD
(1)
VID or VOD
(1)
SYSREF = SYSREFP-SYNCP,
SYNC = SYNCP-SYNCM,
Dx = DxP-DxM
SYSREF = SYSREFP-SYNCP,
SYNC = SYNCP-SYNCM,
Dx = DxP-DxM
0 V
0 V
VID / 4, VOD / 4
VID / 4, VOD / 4
10
ADC32RF42
SBAS844 – MAY 2017
www.ti.com
Product Folder Links: ADC32RF42
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
Common-mode voltage for the SYSREF input is kept at 1.2 V.
7.8 Timing Requirements
typical values are specified at an ambient temperature of 25°C; minimum and maximum values are specified over an ambient
temperature range of –40°C to +85°C; and ADC sampling rate = 2.6 GHz, 50% clock duty cycle, AVDD19 = 1.9 V, AVDD =
1.15 V, DVDD = 1.15 V, –2-dBFS differential input, and 0-dB digital gain (unless otherwise noted)
MIN
NOM
MAX
UNIT
SAMPLE TIMING
Aperture delay
250
750
ps
Aperture delay matching between two channels on the same device
±15
ps
Aperture delay matching between two devices at the same
temperature and supply voltage
±150
ps
Aperture jitter, clock amplitude = 2 VPP
90
fS
Fast overrange latency, ADC sample to FOVR indication on GPIO pins
70
Input
clock
cycles
tPD
Propagation delay time: logic gates and output buffer delay
(does not change with fS)
6
ns
SYSREF TIMING(1)
tSU_SYSREF SYSREF setup time: referenced to clock rising edge, 1.5 GSPS
140
70
ps
tH_SYSREF
SYSREF hold time: referenced to clock rising edge, 1.5 GSPS
50
20
ps
Valid transition window sampling period: tSU_SYSREF – tH_SYSREF, 1.5 GSPS
476
ps
JESD OUTPUT INTERFACE TIMING
UI
Unit interval: 12.5 Gbps
80
100
400
ps
Serial output data rate
2.5
10.0
12.5
Gbps
Rise, fall times: 1-pF, single-ended load capacitance to ground
60
ps
Total jitter: BER of 1E-15 and lane rate = 12.5 Gbps
25
%UI
Random jitter: BER of 1E-15 and lane rate = 12.5 Gbps
0.99
%UI, rms
Deterministic jitter: BER of 1E-15 and lane rate = 12.5 Gbps
9.1
%UI,
pk-pk
VOCM is not the same as VICM. Similarly, VOD is not the same as VID.
Figure 1. Logic Levels for Digital Inputs and Outputs


Número de pieza similar - ADC32RF42

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADC32RF44 TI1-ADC32RF44 Datasheet
7Mb / 134P
[Old version datasheet]   Dual-Channel, 14-Bit, 2.6-GSPS, Analog-to-Digital Converter
ADC32RF44 TI1-ADC32RF44 Datasheet
7Mb / 134P
[Old version datasheet]   Dual-Channel, 14-Bit, 2.6-GSPS, Analog-to-Digital Converter
ADC32RF44IRMP TI1-ADC32RF44IRMP Datasheet
7Mb / 134P
[Old version datasheet]   Dual-Channel, 14-Bit, 2.6-GSPS, Analog-to-Digital Converter
ADC32RF44IRMP TI1-ADC32RF44IRMP Datasheet
7Mb / 134P
[Old version datasheet]   Dual-Channel, 14-Bit, 2.6-GSPS, Analog-to-Digital Converter
ADC32RF44IRMPR TI1-ADC32RF44IRMPR Datasheet
7Mb / 134P
[Old version datasheet]   Dual-Channel, 14-Bit, 2.6-GSPS, Analog-to-Digital Converter
More results

Descripción similar - ADC32RF42

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADC32RF44 TI1-ADC32RF44 Datasheet
7Mb / 134P
[Old version datasheet]   Dual-Channel, 14-Bit, 2.6-GSPS, Analog-to-Digital Converter
ADS54J40 TI1-ADS54J40 Datasheet
4Mb / 74P
[Old version datasheet]   Dual-Channel, 14-Bit, 1.0-GSPS Analog-to-Digital Converter
ADC32RF44 TI1-ADC32RF44_18 Datasheet
7Mb / 134P
[Old version datasheet]   Dual-Channel, 14-Bit, 2.6-GSPS, Analog-to-Digital Converter
logo
Analog Devices
AD9208 AD-AD9208 Datasheet
1Mb / 137P
   14-Bit, 3 GSPS, JESD204B, Dual Analog-to-Digital Converter
logo
Texas Instruments
DAC5670-SP TI-DAC5670-SP Datasheet
976Kb / 30P
[Old version datasheet]   14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
DAC5670 TI-DAC5670 Datasheet
942Kb / 29P
[Old version datasheet]   14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
AD9691 AD-AD9691 Datasheet
1Mb / 72P
   14-Bit, 1.25 GSPS JESD204B, Dual Analog-to-Digital Converter
logo
Texas Instruments
DAC5670 TI-DAC5670_15 Datasheet
981Kb / 30P
[Old version datasheet]   14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
DAC34SH84 TI1-DAC34SH84 Datasheet
1,012Kb / 77P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.5 GSPS Digital-to-Analog Converter (DAC)
DAC34SH84 TI1-DAC34SH84_15 Datasheet
1Mb / 93P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.5 GSPS Digital-to-Analog Converter (DAC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com