Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS122U04 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza ADS122U04
Descripción Electrónicos  24-Bit, 4-Channel, 2-kSPS, Delta-Sigma ADC With UART Interface
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADS122U04 Datasheet(HTML) 5 Page - Texas Instruments

  ADS122U04 Datasheet HTML 1Page - Texas Instruments ADS122U04 Datasheet HTML 2Page - Texas Instruments ADS122U04 Datasheet HTML 3Page - Texas Instruments ADS122U04 Datasheet HTML 4Page - Texas Instruments ADS122U04 Datasheet HTML 5Page - Texas Instruments ADS122U04 Datasheet HTML 6Page - Texas Instruments ADS122U04 Datasheet HTML 7Page - Texas Instruments ADS122U04 Datasheet HTML 8Page - Texas Instruments ADS122U04 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 63 page
background image
5
ADS122U04
www.ti.com
SBAS752 – MAY 2017
Product Folder Links: ADS122U04
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
7 Specifications
7.1 Absolute Maximum Ratings
(1)
MIN
MAX
UNIT
Power-supply voltage
AVDD to AVSS
–0.3
7
V
DVDD to DGND
–0.3
7
AVSS to DGND
–2.8
0.3
Analog input voltage
AIN0, AIN1, AIN2, AIN3, REFP, REFN
AVSS – 0.3
AVDD + 0.3
V
Digital input voltage
TX, RX, GPIO0, GPIO1, GPIO2/DRDY, RESET
DGND – 0.3
DVDD + 0.3
V
Input current
Continuous, any pin except power-supply pins
–10
10
mA
Temperature
Junction, TJ
150
°C
Storage, Tstg
–60
150
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±500
(1)
AINP and AINN denote the positive and negative inputs of the PGA. AINx denotes one of the four available analog inputs.
PGA disabled means the low-noise PGA is powered down and bypassed. Gains of 1, 2, and 4 are still possible in this case.
See the Low-Noise Programmable Gain Stage section for more information.
(2)
VINMAX denotes the maximum differential input voltage, VIN, that is expected in the application. |VINMAX| can be smaller than VREF / Gain.
(3)
Excluding the effects of offset and gain error.
7.3 Recommended Operating Conditions
over operating ambient temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
POWER SUPPLY
Unipolar analog power supply
AVDD to AVSS
2.3
5.5
V
AVSS to DGND
–0.1
0
0.1
Bipolar analog power supply
AVDD to DGND
2.3
2.5
2.75
V
AVSS to DGND
–2.75
–2.5
–2.3
Digital power supply
DVDD to DGND
2.3
5.5
V
ANALOG INPUTS(1)
V(AINx)
Absolute input voltage(2)
PGA disabled, gain = 1 to 4
AVSS – 0.1
AVDD + 0.1
V
PGA enabled, gain = 1 to 4
AVSS + 0.2
AVDD – 0.2
PGA enabled, gain = 8 to 128
AVSS + 0.2 +
|VINMAX|·(Gain – 4) / 8
AVDD – 0.2 –
|VINMAX|·(Gain – 4) / 8
VIN
Differential input voltage
VIN = VAINP – VAINN
(3)
–VREF / Gain
VREF / Gain
V
VOLTAGE REFERENCE INPUTS
VREF
Differential reference input voltage
VREF = V(REFP) – V(REFN)
0.75
2.5
AVDD – AVSS
V
V(REFN)
Absolute negative reference voltage
AVSS – 0.1
V(REFP) – 0.75
V
V(REFP)
Absolute positive reference voltage
V(REFN) + 0.75
AVDD + 0.1
V
DIGITAL INPUTS
Input voltage
RX, GPIO0, GPIO1,
GPIO2/DRDY, RESET
DGND
DVDD
V
TEMPERATURE RANGE
TA
Operating ambient temperature
–40
125
°C


Número de pieza similar - ADS122U04

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS122U04 TI1-ADS122U04 Datasheet
1Mb / 67P
[Old version datasheet]   24-Bit, 4-Channel, 2-kSPS, Delta-Sigma ADC With UART Interface
ADS122U04IPW TI1-ADS122U04IPW Datasheet
1Mb / 67P
[Old version datasheet]   24-Bit, 4-Channel, 2-kSPS, Delta-Sigma ADC With UART Interface
ADS122U04IPWR TI1-ADS122U04IPWR Datasheet
1Mb / 67P
[Old version datasheet]   24-Bit, 4-Channel, 2-kSPS, Delta-Sigma ADC With UART Interface
ADS122U04IRTER TI1-ADS122U04IRTER Datasheet
1Mb / 67P
[Old version datasheet]   24-Bit, 4-Channel, 2-kSPS, Delta-Sigma ADC With UART Interface
ADS122U04IRTET TI1-ADS122U04IRTET Datasheet
1Mb / 67P
[Old version datasheet]   24-Bit, 4-Channel, 2-kSPS, Delta-Sigma ADC With UART Interface
More results

Descripción similar - ADS122U04

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS122U04 TI1-ADS122U04_17 Datasheet
1Mb / 67P
[Old version datasheet]   24-Bit, 4-Channel, 2-kSPS, Delta-Sigma ADC With UART Interface
ADS112U04 TI1-ADS112U04 Datasheet
1Mb / 72P
[Old version datasheet]   16-Bit, 4-Channel, 2-kSPS, Delta-Sigma ADC With UART Interface
ADS122C04 TI1-ADS122C04 Datasheet
1Mb / 64P
[Old version datasheet]   24-Bit, 4-Channel, 2-kSPS, Delta-Sigma ADC With I2C Interface
ADS1219 TI1-ADS1219 Datasheet
1Mb / 51P
[Old version datasheet]   4-Channel, 1-kSPS, 24-Bit, Delta-Sigma ADC With I2C Interface
ADS112C04 TI1-ADS112C04 Datasheet
1Mb / 72P
[Old version datasheet]   16-Bit, 4-Channel, 2-kSPS, Delta-Sigma ADC With I2C Interface
ADS1119 TI1-ADS1119 Datasheet
1Mb / 51P
[Old version datasheet]   4-Channel, 1-kSPS, 16-Bit, Delta-Sigma ADC With I2C Interface
logo
Analog Devices
AD7765 AD-AD7765_15 Datasheet
1Mb / 33P
   24-Bit, 156 kSPS, 112 dB Sigma-Delta ADC
REV. A
AD7764 AD-AD7764_15 Datasheet
1Mb / 33P
   24-Bit, 312 kSPS, 109 dB Sigma-Delta ADC
REV. A
AD7764 AD-AD7764_17 Datasheet
920Kb / 34P
   24-Bit, 312 kSPS, 109 dB Sigma-Delta ADC
logo
List of Unclassifed Man...
PXIE-9529 ETC2-PXIE-9529 Datasheet
199Kb / 1P
   24-Bit Sigma-Delta ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com