Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

NTE1006 Datasheet(PDF) 2 Page - NTE Electronics

No. de pieza NTE1006
Descripción Electrónicos  Integrated Circuit FM Multiplex Stereo Demodulator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NTE [NTE Electronics]
Página de inicio  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE1006 Datasheet(HTML) 2 Page - NTE Electronics

  NTE1006 Datasheet HTML 1Page - NTE Electronics NTE1006 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
VCC
Pin Connection Diagram
Separation Adjust
Bias
19kHz Tank
Reference Voltage
39kHz Tank
1
2
3
4
Mono/Stereo Switch
Input
5
6
Lamp
7
GND
14
13
12
11
Bypass
Output
Output
10
9
8
Lamp Amp Input
.600 (15.24)
17
14
8
.300 (7.62)
.200 (5.08)
Max
.100 (2.45)
.099 (2.5) Min
.785 (19.95)
Max


Número de pieza similar - NTE1006

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NTE Electronics
NTE100 NTE-NTE100 Datasheet
25Kb / 3P
   Germanium Complementary Transistors Oscillator, Mixer for AM Radio, Medium Speed Switch
NTE1002 NTE-NTE1002 Datasheet
19Kb / 2P
   Integrated Circuit FM IF TV Amp
NTE1003 NTE-NTE1003 Datasheet
19Kb / 2P
   Integrated Circuit FM/AM IF Amplifier
NTE1005 NTE-NTE1005 Datasheet
18Kb / 2P
   Integrated Circuit FM Stereo Demodulator
NTE1009 NTE-NTE1009 Datasheet
18Kb / 2P
   Integrated Circuit AF Power Amplifier, 1W
More results

Descripción similar - NTE1006

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NTE Electronics
NTE1230 NTE-NTE1230 Datasheet
20Kb / 2P
   Integrated Circuit FM Multiplex Stereo Demodulator
NTE1181 NTE-NTE1181 Datasheet
20Kb / 2P
   Integrated Circuit FM Stereo Multiplex Demodulator
NTE1056 NTE-NTE1056 Datasheet
74Kb / 2P
   Integrated Circuit FM Stereo Multiplex Demodulator
logo
Panasonic Semiconductor
AN7470 PANASONIC-AN7470 Datasheet
193Kb / 3P
   FM STEREO MULTIPLEX DEMODULATOR
logo
List of Unclassifed Man...
AN7410N ETC1-AN7410N Datasheet
349Kb / 3P
   FM STEREO MULTIPLEX DEMODULATOR
logo
NEC
UPC1197C NEC-UPC1197C Datasheet
1Mb / 10P
   FM MULTIPLEX STEREO DEMODULATOR SILICON MONOLITHIC BIPOLAR INTEGRATED CIRCUIT
logo
Panasonic Semiconductor
AN7411 PANASONIC-AN7411 Datasheet
201Kb / 3P
   fM STEREO MULTIPLEX DEMODULATOR
logo
Fujitsu Component Limit...
MB4105 FUJITSU-MB4105 Datasheet
566Kb / 11P
   FM Stereo Multiplex Demodulator
logo
Panasonic Semiconductor
AN7420N PANASONIC-AN7420N Datasheet
273Kb / 3P
   FM Stereo Multiplex Demodulator
logo
NTE Electronics
NTE1217 NTE-NTE1217 Datasheet
21Kb / 2P
   Integrated Circuit Phase Lock Loop (PLL) FM Multiplex Stereo Demodulator
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com