Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

NTE1009 Datasheet(PDF) 1 Page - NTE Electronics

No. de pieza NTE1009
Descripción Electrónicos  Integrated Circuit AF Power Amplifier, 1W
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NTE [NTE Electronics]
Página de inicio  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE1009 Datasheet(HTML) 1 Page - NTE Electronics

  NTE1009 Datasheet HTML 1Page - NTE Electronics NTE1009 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE1009
Integrated Circuit
AF Power Amplifier, 1W
Absolute Maximum Ratings: (TA = +25°C unless otherwise specified)
Maximum Supply Voltage, VCCmax
16V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum Power Dissipation (Note 1), PDmax
2.8W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum Output Current (Note 1), IOmax
1.0A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature Range, Topr
–20
° to +80°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–40
° to +125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Note 1. With 100cm2 x 1mm Al heat sink.
Recommended Operating Conditions: (TA = +25°C unless otherwise specified)
Recommended Supply Voltage, VCC
11V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Load Resistance, RL
8
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrical Characteristics: (TA = +25°C, VCC = 11V, RL = 8Ω, f = 1kHz, RNF = 300Ω unless
otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Quiescent Current
ICCO
15
25
mA
Voltage Gain
VG
27
30
33
dB
Output Power
PO
THD = 10%
0.8
1.0
W
Efficiency
η
PO = 1W
50
%
Total Harmonic Distortion
THD
PO = 0.5W
0.5
1.5
%
Input Resistance
ri
6k
8k
Output Resistance
ro
0.45
Bandwidth
BW
–3dB
100
kHz
Output Noise Voltage
VNO
1.0
mV


Número de pieza similar - NTE1009

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NTE Electronics
NTE100 NTE-NTE100 Datasheet
25Kb / 3P
   Germanium Complementary Transistors Oscillator, Mixer for AM Radio, Medium Speed Switch
NTE1002 NTE-NTE1002 Datasheet
19Kb / 2P
   Integrated Circuit FM IF TV Amp
NTE1003 NTE-NTE1003 Datasheet
19Kb / 2P
   Integrated Circuit FM/AM IF Amplifier
NTE1005 NTE-NTE1005 Datasheet
18Kb / 2P
   Integrated Circuit FM Stereo Demodulator
NTE1006 NTE-NTE1006 Datasheet
19Kb / 2P
   Integrated Circuit FM Multiplex Stereo Demodulator
More results

Descripción similar - NTE1009

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NTE Electronics
NTE7101 NTE-NTE7101 Datasheet
22Kb / 2P
   Integrated Circuit AF Power Amplifier, 7W
NTE1075A NTE-NTE1075A Datasheet
76Kb / 1P
   Integrated Circuit Audio Power Amplifier, 1W
NTE1224 NTE-NTE1224 Datasheet
76Kb / 1P
   Integrated Circuit Audio Power Amplifier, 1W
NTE812 NTE-NTE812 Datasheet
21Kb / 2P
   Integrated Circuit Audio Power Amplifier, 1W
NTE1377 NTE-NTE1377 Datasheet
23Kb / 2P
   Integrated Circuit AF Power Amplifier, 6W/Channel
NTE1819 NTE-NTE1819 Datasheet
23Kb / 2P
   Integrated Circuit Module, AF Power Amplifier, 30W/Ch
NTE1472 NTE-NTE1472 Datasheet
20Kb / 2P
   Integrated Circuit Audio Power Amplifier, 1W for Tape Recorder
logo
KEC(Korea Electronics)
KIA6278P KEC-KIA6278P Datasheet
104Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (1W SINGLE AUDIO POWER AMPLIFIER)
logo
NTE Electronics
NTE7051 NTE-NTE7051 Datasheet
20Kb / 2P
   Integrated Circuit 1W BTL Mono Audio Amplifier
NTE1057 NTE-NTE1057 Datasheet
87Kb / 2P
   Integrated Circuit FM IF Amplifier, AF Pre−Amplifier
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com